Part Number Hot Search : 
SZ5234B SNC21060 LTC1059C SC523 AT8940 LTC3722 T573A 2727STR
Product Description
Full Text Search
 

To Download IRFR024NTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 9.1336A
PRELIMINARY
IRFR/U024N
HEXFET(R) Power MOSFET
D
l l l l l l
Ultra Low On-Resistance Surface Mount (IRFR024N) Straight Lead (IRFU024N) Advanced Process Technology Fast Switching Fully Avalanche Rated
VDSS = 55V
G S
RDS(on) = 0.075 ID = 17A
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for through-hole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.
D -P ak T O -2 52 A A I-P ak T O -25 1 A A
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
17 12 68 45 0.30 20 71 10 4.5 5.0 -55 to + 175 300 (1.6mm from case )
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Case-to-Ambient (PCB mount)** Junction-to-Ambient
Typ.
--- --- ---
Max.
3.3 50 110
Units
C/W
** When mounted on 1" square PCB (FR-4 or G-10 Material ) . For recommended footprint and soldering techniques refer to application note #AN-994
www.irf.com
1
IRFR/U024N
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. 55 --- --- 2.0 4.5 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.052 --- --- --- --- --- --- --- --- --- --- 4.9 34 19 27 4.5 7.5 370 140 65
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, I D = 1mA 0.075 VGS = 10V, ID = 10A 4.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 10A 25 VDS = 55V, VGS = 0V A 250 VDS = 44V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 20 ID = 10A 5.3 nC VDS = 44V 7.6 VGS = 10V, See Fig. 6 and 13 --- VDD = 28V --- ID = 10A ns --- RG = 24 --- RD = 2.6, See Fig. 10 Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz, See Fig. 5
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 17 showing the A G integral reverse 68 --- --- S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 10A, VGS = 0V --- 56 83 ns TJ = 25C, IF = 10A --- 120 180 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 ) VDD = 25V, starting TJ = 25C, L = 1.0mH RG = 25, IAS = 10A. (See Figure 12) ISD 10A, di/dt 280A/s, VDD V(BR)DSS, TJ 175C
Pulse width 300s; duty cycle 2%. This is applied for I-PAK, LS of D-PAK is measured between
lead and center of die contact.
Uses IRFZ24N data and test conditions.
2
www.irf.com
IRFR/U024N
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
I , D rain-to-S ource C urrent (A ) D
I , D rain-to-S ource C urrent (A ) D
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
10
10
4.5V
4.5V 20 s P U LS E W ID TH TC = 25C
0.1 1 10 100
1
A
1 0.1 1
20 s P U LS E W ID TH T C = 175C
10 100
A
V D S , D rain-to-S ource V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
3.0
R D S (on ) , D rain-to-S ource O n R esistance (N orm alized)
I D = 17A
I D , D ra in -to-S o urc e C urren t (A )
2.5
TJ = 2 5 C T J = 1 7 5 C
2.0
10
1.5
1.0
0.5
1 4 5 6 7
V DS = 2 5V 2 0 s P U L S E W ID T H
8 9 10
A
0.0 -60 -40 -20 0 20 40 60 80
V G S = 10V
100 120 140 160 180
A
V G S , G a te -to -S o u rc e V o lta g e (V )
T J , Junction T em perature (C )
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFR/U024N
700
600
V G S , G ate-to-S ource V oltage (V )
V GS C is s C rs s C oss
= = = =
0V , f = 1M H z C gs + C gd , Cds S H O R TE D C gd C ds + C gd
20
I D = 10 A V D S = 44V V D S = 28V
16
C , C apacitanc e (pF )
500
C iss
400
C oss
12
300
8
200
C rs s
4
100
0 1 10 100
A
0 0 4 8
FO R TE S T C IR C U IT S E E FIG U R E 13
12 16 20
A
V D S , D rain-to-S ource V oltage (V )
Q G , Total G ate C harge (nC )
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
I S D , R everse D rain C urrent (A )
O P E R A TIO N IN TH IS A R E A LIM ITE D B Y R D S (on)
T J = 175C TJ = 25C
10
I D , D rain C urrent (A )
100 10 s
10
100 s
1 0.4 0.6 0.8 1.0 1.2 1.4 1.6
V G S = 0V
1.8
A
1 1
T C = 25C T J = 175C S ingle P ulse
10
1m s 10m s 100
A
2.0
V S D , S ource-to-D rain V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFR/U024N
20
VDS VGS
RD
16
D.U.T.
+
I D , D rain C urrent (A m ps)
RG
-VDD
12
4.5V
Pulse Width 1 s Duty Factor 0.1 %
8
Fig 10a. Switching Time Test Circuit
4
VDS 90%
0 25 50 75 100 125 150
A
175
TC , C ase T em perature (C )
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
10
T h erm al R es p on s e (Z th JC )
D = 0.5 0
1
0 .2 0 0 .1 0 0 .0 5 0 .02 0 .01 S IN G L E P U L S E (T HE R M A L R E S P O N S E )
N otes : 1 . D uty factor D = t
PD M
0.1
t
1 t 2
1
/t
2
0.01 0.00001
2 . P ea k T J = P D M x Z th J C + T C
A
1
0.0001
0.001
0.01
0.1
t 1 , R e c ta n g u la r P u lse D u ra tio n (se c )
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFR/U024N
140
E A S , S ingle P ulse A valanc he E nergy (m J)
TO P
120
1 5V
B O TTO M
100
ID 4.2A 7.2A 10A
VD S
L
D R IV E R
80
RG
20V
D .U .T
IA S tp
+ V - DD
60
A
0 .0 1
40
Fig 12a. Unclamped Inductive Test Circuit
20
0
V D D = 25V
25 50 75 100 125 150
A
175
V (B R )D S S tp
S tarting T J , Junction T em perature (C )
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFR/U024N
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com
7
IRFR/U024N
Package Outline
TO-252AA Outline Dimensions are shown in millimeters (inches)
2.38 (.094) 2.19 (.086)
6.73 (.265) 6.35 (.250) -A5.46 (.215) 5.21 (.205) 4 1.27 (.050) 0.88 (.035)
1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018)
6.45 (.245) 5.68 (.224) 6.22 (.245) 5.97 (.235) 1.02 (.040) 1.64 (.025) 1 2 3 0.51 (.020) M IN . 10.42 (.410) 9.40 (.370) LE A D A S S IG NM E N TS 1 - G A TE 2 - D RA IN 3 - SOURCE 4 - D RA IN
-B1.52 (.060) 1.15 (.045) 3X 2X 1.14 (.045) 0.76 (.030) 2.28 (.090) 4.57 (.180)
0.89 (.035) 0.64 (.025) 0.25 (.010) M AMB
0.58 (.023) 0.46 (.018)
N O TE S : 1 D IM E N S IO N ING & TO LE R A N C IN G P E R A N S I Y 14.5M , 1982. 2 C O N TR O LLIN G D IM E N S IO N : IN C H . 3 C O N F O R M S TO JE DE C O U TLIN E TO -252A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O LD E R D IP , S O LD E R D IP M A X. +0.16 (.006).
Part Marking Information
TO-252AA (D-PARK)
E XA M P L E : T H IS IS A N IR F R 1 2 0 W IT H A S S E M B L Y LOT CODE 9U1P
IN T E R N A T IO N A L R E C T IF IE R LO GO
A
IR F R 120 9U 1P
F IR S T P O R T IO N OF PART NUMBER
ASSEMBLY LOT CODE
S E C O N D P O R T IO N OF PART NUMBER
8
www.irf.com
IRFR/U024N
Package Outline
TO-251AA Outline Dimensions are shown in millimeters (inches)
6.73 (.265 ) 6.35 (.250 ) -A5.46 (.215 ) 5.21 (.205 ) 4 1 .2 7 (.0 50) 0 .8 8 (.0 35)
2.38 (.09 4) 2.19 (.08 6) 0.58 (.023 ) 0.46 (.018 ) LE A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - SOU RC E 4 - D R A IN
6.45 (.245 ) 5.68 (.224 ) 1.52 (.06 0) 1.15 (.04 5) 1 -B2.28 (.09 0) 1.91 (.07 5) 9 .6 5 (.38 0) 8 .8 9 (.35 0) 2 3 6.22 (.24 5) 5.97 (.23 5)
N OTES: 1 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 1 4.5M , 1982 . 2 C O N T R O LL IN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O J E D E C O U T LIN E T O -2 52 A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O LD E R D IP , S O LD E R D IP M A X. + 0.16 (.0 06).
3X
1 .1 4 (.045) 0 .7 6 (.030)
3X
0.89 (.035) 0.64 (.025) M AMB
1.14 (.045 ) 0.89 (.035 ) 0 .58 (.0 23) 0 .46 (.0 18)
2.28 (.090 ) 2X
0.25 (.0 10)
Part Marking Information
TO-251AA (I-PARK)
E X A M P L E : T H IS IS A N IR F U 1 2 0 W IT H A S S E M B L Y LO T CODE 9U1P
IN T E R N A T IO N A L R E C T IF IE R LO GO
IR F U 120 9U 1P
F IR S T P O R T IO N OF PART NUMBER
ASSEMBLY LOT CODE
S E C O N D P O R T IO N OF PART NUMBER
www.irf.com
9
IRFR/U024N
Tape & Reel Information
TO-252AA Dimensions are shown in millimeters (inches)
TR TRR TRL
1 6.3 ( .6 41 ) 1 5.7 ( .6 19 )
16 .3 ( .64 1 ) 15 .7 ( .61 9 )
12 .1 ( .4 7 6 ) 11 .9 ( .4 6 9 )
F E E D D IR E C T IO N
8 .1 ( .3 18 ) 7 .9 ( .3 12 )
F E E D D IR E C T IO N
NOTES : 1 . C O N T R O LL IN G D IM E N S IO N : M ILL IM E T E R . 2 . A LL D IM E N S IO N S A R E S H O W N IN M ILL IM E T E R S ( IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 81 & E IA -54 1.
1 3 IN C H
16 m m NO TES : 1. O U T L IN E C O N F O R M S T O E IA -4 81 .
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 4/98
10
www.irf.com
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of IRFR024NTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X