Part Number Hot Search : 
SH69P25 BR1510 MAX263 C908A MAX263 240128 HJ664HLP F5060
Product Description
Full Text Search
 

To Download GET-30569 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This
report
presents
the
qual
ification
test
results-on-NE272
series.
2/8
1.Test --
Device
NE272 AI GaAs /In GaAs hetero-junction FEr
2.Qualification
A serres of
tests
Qual ification tests consists of following rierns
l)High 2)High
The The test test
temperature temperature
conditions parameters
DC Bias Reverse
and were
Test Bias
( HT pT ) Test
are before
( HT RBT )
shown and in after Table the 1. tests.
sample
size
measured
bk~t
Resu
lli
The l)High The
summary
of
qual
ification DC Bias
test Test has been
result
is
presented
in
Table
3-1,3-2.
Temperature followingfcondition
ID=10mA
adopted:
VDs=2V
The The The test test
T ch= 175C
results elapsed of all
are for
shown 5000
in hours
Table under are
3-1 the
and
Fig.1
(1)-Fig.1(8) condition. crilteria.
above the delta
changes
parameters
withjn
2)High The
temperature following
'4V results elapsed of all
DC Bias condition
Test has been adopted:
VGDS=.
T ch= 150C are for shown 5000 parameters in hours are Table under within 3-2 the and Fig.2(1)-F:jg.2(8). condition. criteria.
The The The
test test changes
above the delta
4.Conclusion From
t is
the
concluded
series
of
that:
qual
ification
test
results
described
above
l)There 2) There
is no degradation test. is no degradation test.
UP to 5000 hours at Tch=l75C UP to 5000 hours at Tch=lSOC
in High temperature in High temperature
DC bias
Reverse bias
NE272 is qua
fied
for
high
rei
iabi
ity
appl
ications.
3/g
Table 1
., Test Item and Test concLi1i.Q11
Table
2
Delta
Parameters
and
Cri~
Parameter
Test condition
Delta Criteria
loss
VDs=2V,
VGS=OV
+20%
20%
gm
Vos=2V,
10=10mA
+20%
20%
VGS(off)
Vos=2V,
10=100 11 A
+20%
---20%
IGSO
VGS=-
3V
-+-500nA ~~hichever
or 100% is greater
BVGDO
IGo=-10
11
A
+20%
20%
VGF
IG F=1 11 A
+20%
--20%
NF
Vos=2V, 10=10mA f=12GHZ
-t. O.2dB
O.2dB
Ga
+. O.5dB ---O.5dB


▲Up To Search▲   

 
Price & Availability of GET-30569

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X