|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Transys Electronics LIMITED NPN PLASTIC POWER DARLINGTON TRANSISTORS BD675, BD675A BD677, BD677A BD679, BD679A BD681, BD683 TO126 Plastic Package EC B Complementary BD676, 676A, 678, 678A, 680, 680A, 682 & 684 ABSOLUTE MAXIMUM RATINGS DESCRIPTION SYMBOL BD675 BD675A 45 45 677 677A 60 60 5 4 0.1 40 0.32 - 55 to + 150 679 681 679A 80 80 100 100 683 UNITS Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Base Current Total Power Dissipation@ Tc=25 oC Derate above 25 C Operating & Storage Junction Temperature Range THERMAL RESISTANCE From Junction to case O VCBO VCEO VEBO IC IB PD Tj,Tstg 120 120 V V V A A W W / C C Rth(j-c) 3.13 C/W ELECTRICAL CHARACTERISTICS (Tc=25C unless specified otherwise) DESCRIPTION Collector Emitter Voltage SYMBOL TEST CONDITION VCEO* IC =50mA, IB =0 BD675/BD675A BD677/BD677A BD679/BD679A BD681 BD683 VCE=half rated VCEO,IB=0 VCB =rated VCBO, IE=0 VCB =rated VCBO, IE=0 TC=100 C VEB =5V, IC =0 O MIN MAX UNITS 45 60 80 100 120 500 0.2 2.0 2.0 V Collector-Cut off Current ICEO ICBO ICBO A mA Emitter cut off Current IEBO m NPN PLASTIC POWER DARLINGTON TRANSISTORS BD675, BD675A BD677, BD677A BD679, BD679A BD681, BD683 TO126 Plastic Package EC B DESCRIPTION SYMBOL TEST CONDITION MIN MAX UNITS Collector Emitter Saturation voltage NON A VCE(sat)* A VCE(sat)* Base Emitter On Voltage NON A VBE(on)* A DC Current Gain hFE* NON A A hFE* lhfe l Small signal Current Gain IC=1.5A, IB=6mA IC=2.0A, IB=8mA IC=1.5A,VCE =3V IC=2A,VCE =3V 750 750 1.0 2.5 2.8 2.5 2.5 V V IC=1.5A,VCE=3V IC=2A,VCE=3V IC=1.5A, VCE=3V f=1MHz Pulse test: Pulse Width < 300s ; Duty cycle < 2%. BD675, BD675A BD677, BD677A BD679, BD679A BD681, BD683 TO126 Plastic Package TO-126 (SOT-32) Plastic Package A N P B C DIM A B C D E MIN 7.4 10.5 2.4 0.7 0.49 MAX 7.8 10.8 2.7 0.9 0.75 2.25 TYP. 4.5 TYP. 15.7 TYP. 1.27 TYP. 3.75 TYP. 3.0 3.2 S 1 1 2 3 D E G F M F 2 3 Pin Configuration 1. Emitter 2. Collector 3. Base G L M N P L S 2.5 TYP. All diminsions in mm. Packing Detail PACKAGE Details TO-126 Bulk TO-126 Tube STANDARD PACK Net Weight/Qty Size 3" x 7.5" x 7.5" 3" x 3.7" x 21.5" 500 pcs/polybag 340 gm/500 pcs 50 pcs/tube 73 gm/50 pcs INNER CARTON BOX Qty 2K 1K Size 17" x 15" x 13.5" 19" x 19" x 19" OUTER CARTON BOX Qty 32K 10K Gr Wt 31 kgs 15 kgs |
Price & Availability of BD679 |