Part Number Hot Search : 
K176TM2 2SK3554 74LVC126 VICES EL7556BC KF284 D7528AC 0EP16
Product Description
Full Text Search
 

To Download BC327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC327 SERIES
PNP GENERAL PURPOSE TRANSISTORS
5 VOLTAGE FEATURES
General purpose amplifier applications PNP epitaxial silicon, planar design Collector current IC = -800mA
45
POWER
625mW
MECHANICAL DATA
Case: TO-92 Terminals: Solderable per MIL-STD-202, Method 208 Device Marking: BC327-16: 7A BC327-25: 7B BC327-40: 7C
2 BASE
COLLECTOR
1
1 2 3
3 EMITTER
TO-92
ABSOLUTE MAXIMUM RATINGS
PARAMETER SYMBOL Value UNIT
Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current - Continuous Max Power Dissipation (Note 1) Junction and Storage Temperature Range
VCE0 VCB0 VEB0 IC PTOT TJ , TSTG
-45 -50 -5.0 -800 625 -55 to 150
V V V mA mW
THERMAL CHARACTERISTICS
PARAMETER SYMBOL Value UNIT
Thermal Resistance , Junction to Ambient (Note 1)
RJ A
200
/W
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in.
ELECTRICAL CHARACTERISTICS (TJ=25 C, unless otherwise noted)
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Collector - Emitter Breakdown Voltage (IC=-10mA, IB=0) Collector - Emitter Breakdown Voltage (VEB=0V, IC=-100uA) Emitter - Base Breakdown Voltage (IE=-10uA, IC=0) Emitter-Base Cutoff Current (VEB=-4V) Collector-Base Cutoff Current (VCB=-30V, IE=0) Collector Cutoff Current (VCE=-45V, VBE=0) DC Current Gain (IC=-100mA,VCE=-1V) BC337-16 BC337-25 BC337-40 (IC=-300mA, VCE=-1V) Collector - Emitter Saturation Voltage (IC=-500mA, IB=-50mA) Base - Emitter Voltage (IC=-300mA, VCE=-1.0V) Collector - Base Capacitance (VCB=-10V, IE=0, f=1MHz) Current Gain - Bandwidth Product (IC=-10mA, VCE=-5V, f=100MHz)
V(BR)CE0 V(BR)CES V(BR)EB0 IEBO ICBO ICES
-45 -50 -5.0 100 160
5.0 210
-100 -100 -100 250 400 630 -0.7 -1.2 -
V V V nA nA nA
hFE
250 40
-
VCE(SAT) VBE(ON) CCBO fT
-
V V pF MHz
ELECTRICAL CHARACTERISTICS CURVES
1000
1000 TJ = 150C
TJ = 150C
TJ = 25C
hFE
100 TJ = 100C
hFE
TJ = 25C
100
TJ = 100C
V CE = 1V 10 0.01 0.1 1 10 100 1000
10 0.01 0.1
V CE = 1V 1 10 100 1000
Colle ctor Cur r e nt, IC (m A)
Colle cto r Cur r e nt, IC (m A)
Fig. 1. BC337-16 Typical hFE vs. IC
1000 TJ = 150C
Fig. 2. BC337-25 Typical hFE vs. IC
100 CIB (EB) Capacitance, C (pF
TJ = 25C hFE
100
TJ = 100C
10
COB (EB)
V CE = 1V 10 0.01
1
0.1
1
10
100
1000
0.1
1
10
100
Colle ctor Curre nt, IC (m A)
Reverse Voltage, VR (V)
Fig. 3. BC337-40 Typical hFE vs. IC
Fig. 4. Typical Capacitances
TO-92 PACKAGE OUTLINE
TO-92
ORDER INFORMATION BC327-xx B - Bulk 5,000 per box BC327-xx T/R - Tape and Reel, 2,000 per reel BC327-xx A/B - Ammo Pack, 2,000 Per Ammo Pack
Copyright PanJit International, Inc 2005 The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.


▲Up To Search▲   

 
Price & Availability of BC327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X