Part Number Hot Search : 
76M00 76M00 76M00 76M00 1212E SCM1104M SI2366DS SMCJ130
Product Description
Full Text Search
 

To Download BAT54W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT-323
BAT54W/AW/CW/SW
FEATURES Power dissipation PD: 150
SCHOTTKY DIODE
mW (Tamb=25)
Forward Current 200 mA IF: Reverse Voltage 30 V VR: Operating and storage junction temperature range TJ, Tstg: -55 to +150
BAT54W Marking: KL5
BAT54AW Marking: KL6
BAT54CW Marking: KL7
BAT54SW Marking: KL8
ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified)
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR) IR Test conditions MIN 30 2 MAX UNIT V
IR= 100A VR=25V
A
IF=0.1mA Forward voltage VF IF=1mA IF=10mA IF=30mA IF=100mA Diode capacitance CD t VR=1V,f=1MHz IF =10mA through IR=10mA to IR=1.0mA RC=100
240 320 400 500 1000 10 5 mV
pF nS
Reverse recovery time
rr


▲Up To Search▲   

 
Price & Availability of BAT54W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X