Part Number Hot Search : 
131J2G 051BC ULN2804 2SJ10607 MBP20 35N10 D1111 S3062
Product Description
Full Text Search
 

To Download AP60T03AH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP60T03AH/J
Advanced Power Electronics Corp.
Simple Drive Requirement Low Gate Charge Fast Switching G S D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
30V 12m 45A
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The TO-252 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters. The through-hole version (AP60T03AJ) are available for low-profile applications.
GD
S
TO-252(H)
G
D
S
TO-251(J)
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
1
Rating 30 20 45 32 120 44 0.352 -55 to 175 -55 to 175
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 3.4 110 Units /W /W
Data and specifications subject to change without notice
200909033
AP60T03AH/J
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS BVDSS/Tj RDS(ON) Parameter Drain-Source Breakdown Voltage Test Conditions VGS=0V, ID=250uA
2
Min. 30 1 -
Typ. 0.03 25 11.6 3.9 7 8.8 57.5 18.5 6.4 1135 200 135
Max. Units 12 25 3 1 250 100 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
Static Drain-Source On-Resistance
VGS=10V, ID=20A VGS=4.5V, ID=15A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
2
o
VDS=VGS, ID=250uA VDS=10V, ID=10A VDS=30V, VGS=0V VDS=24V ,VGS=0V VGS= 20V ID=20A VDS=24V VGS=4.5V VDS=15V ID=20A RG=3.3,VGS=10V RD=0.75 VGS=0V VDS=25V f=1.0MHz
o
Drain-Source Leakage Current (T j=25 C) Drain-Source Leakage Current (T j=175 C)
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=45A, VGS=0V IS=20A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 23.3 16
Max. Units 1.3 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by safe operating area. 2.Pulse width <300us , duty cycle <2%.
AP60T03AH/J
125 90
100
T C =25 o C
10V 8.0V ID , Drain Current (A) 6.0V
60
T C =175 C
o
10V 8.0V 6.0V 5.0V
ID , Drain Current (A)
75
5.0V
50
30
V G =4.0V
25
V G =4.0V
0 0.0 1.0 2.0 3.0 4.0
0 0.0 1.0 2.0 3.0 4.0 5.0
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
80
2
I D =15A T C =25
60 1.6
I D =20A V G =10V Normalized R DS(ON)
RDS(ON) (m )
40
1.2
20
0.8
0 2 4 6 8 10
0.4 -50 25 100 175
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
2.8
100
2.3
10
VGS(th) (V)
1.5
Tj=175 o C IS(A)
Tj=25 o C
1.8
1.3
1
0.8
0.1 0 0.5 1
0.3 -50 25 100 175
V SD (V) , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C )
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP60T03AH/J
f=1.0MHz
12
10000
I D =20A VGS , Gate to Source Voltage (V) V DS =16V V DS =20V V DS =24V
9
Ciss
1000
6
C (pF)
Coss Crss
100
3
0
10
0
6
12
18
24
1
8
15
22
29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
1000
1
Normalized Thermal Response (Rthjc)
Duty Factor = 0.5
100
0.2
ID (A)
0.1
100us 1ms
10
0.1
0.05
0.02 0.01 Single Pulse
PDM
t T
Duty Factor = t/T Peak Tj = PDM x Rthjc + TC
T C =25 o C Single Pulse
1 0.1 1 10
10ms 100ms DC
100
0.01 0.00001 0.0001 0.001 0.01 0.1 1
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
RD VDS
TO THE OSCILLOSCOPE 0.5 x RATED VDS TO THE OSCILLOSCOPE
D RG + 10V G S
VDS
D
0.8 x RATED VDS
G S VGS
VGS
+ 1~ 3 mA IG
2E+08
ID
Fig 11. Switching Time Circuit
Fig 12. Gate Charge Circuit


▲Up To Search▲   

 
Price & Availability of AP60T03AH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X