Part Number Hot Search : 
C221M AL4V183 34S331K IRG4BC30 0202358 WT4433AM 0603C10 TBL01G
Product Description
Full Text Search
 

To Download A7OQS100-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMP-TRAP(R)-Form 101
A70QS
SEMICONDUCTOR PROTECTION FUSES
A70QS Amp-trap(R) Semiconductor Protection fuses were developed in response to the need for improved overall performance of 700 volt semiconductor fuses for new equipment requirements. A70QS fuses have lower I2t for better protection, longer life when subjected to cyclic loading, plus lower watts loss. A70QS is the best choice to protect dynamic solid state equipment such as motor drives, UPS, etc.
Features / Benefits (R) Very Low l2t for improved protection of equipment (R) Superior cycling ability for long, reliable life on high cyclic loading (R) Low watts loss for cooler operation (R) 700V AC/DC rating gives greater design versatility (R) Ultra compact sizes allow down-sizing of existing equipment
Ratings (R) AC: 35-800A 700VAC, 200kA I.R.
Approvals (R) UL Recognized Component, AC/DC (R) AC: Guide No. JFHR2 (R) DC: Tested to UL Standard 198L Parameters (35-800A) (R) CSA Certified File LR 12636
HIGHLIGHTS: 700V AC/DC Rated 2 (R) Very Low l t (R) Low Watts Loss (R) Superior Cycling Ability
(R)
APPLICATIONS:
(R)
Protection of 700V or less motor drives, UPS, inverters, etc.
(R) DC: 35-800A 700VDC, 100kA I.R. L/R = 10ms
Catalog Numbering System
Amp-trap(R) Fuse Rated Volts - 700 Style A 70 QS 150 4,4K
A 70 QS 150 - 4
Single Pole Fuse Blocks for A70QS Fuses
FUSE AMPERE RATING 35-200 225-600 700-800 FUSE BLOCK CATALOG NUMBER P243C P266A 15C 375
Amperes* Mounting Types* Blades, bolt-in
* For ampere ratings and types not listed, consult the factory.
D 32
AMP-TRAP(R)-Form 101
A70QS
AMPERE RATING 35 40 50 60 70 80 90 CATALOG NUMBER A7OQS35-4 A7OQS40-4 A7OQS50-4 A7OQS60-4 A7OQS70-4 A7OQS80-4 A7OQS90-4 AMPERE RATING 100 125 125 150 150 175 175 CATALOG NUMBER A7OQS100-4 A7OQS125-4 A7OQS125-4K A7OQS150-4 A7OQS150-4K A7OQS175-4 A7OQS175-4K AMPERE RATING 200 200 250 300 350 400 450
SEMICONDUCTOR PROTECTION FUSES
CATALOG NUMBER A7OQS200-4 A7OQS200-4K A7OQS250-4 A7OQS300-4 A7OQS350-4 A7OQS400-4 A7OQS450-4 AMPERE RATING 450 500 500 600 600 700 800 CATALOG NUMBER A7OQS450-4K A7OQS500-4 A70QS500-4K A7OQS600-4 A7OQS600-4K A7OQS700-4 A7OQS800-4
Standard Fuse Ampere Ratings, Catalog Numbers
For ampere ratings and styles not listed, call Technical Services. (including indicators)
Dimensions
CATALOG NUMBER A70QS35 to 100 A70QS125 to 200 A70QS125 to 200 A70QS225 to 400 A70QS450 to 600 A70QS450 to 600 A70QS700 to 800 MOUNTING TYPE 4 4 4K 4 4 4K 4 A 4.38 (111) 4.38 (111) 5.09 (129) 5.09 (129) 5.09 (129) 7.09 (180) 7.09 (180) B 1.00 (25.4) 1.22 (31.0) 1.22 (31.0) 1.50 (38.1) 2.00 (50.8) 2.00 (50.8) 2.50 (63.5) DIMENSIONS - INCHES (mm) C D E F 2.88 (73.0) 2.88 (73.0) 2.88 (73.0) 2.84 (72.2) 2.84 (72.2) 2.84 (72.2) 2.84 (72.2) 3.69 (93.6) 3.69 (93.6) 4.19 (106) 4.16 (106) 4.16 (106) 6.16 (156) 5.28 (134) 3.50 (88.9) 3.56 (90.5) 3.50 (88.0) 3.53 (89.7) 3.53 (89.7) 3.53 (89.7) 4.91 (125) 0.31 (7.9) 0.31 (7.9) 0.41 (10.3) 0.40 (10.3) 0.41 (10.3) 0.53 (13.5) 0.53 (13.5) G 0.75 (19.0) 1.00 (25.4) 1.00 (25.4) 1.50 (38.1) 1.50 (38.1) 1.50 (38.1) 2.00 (50.8) H 0.13 (3.2) 0.19 (4.8) 0.19 (4.8) 0.25 (6.4) 0.25 (6.4) 0.25 (6.4) 0.38 (9.5)
D
I2t Data - 700 Volts AC, 200kA
FUSE AMPERE RATING 35 40 50 60 70 80 90 100 125 150 175 200 225 250 300 350 400 450 500 600 700 800 I2t DATA CLEARING AT 700V AC MELTING 1 FUSE 2 FUSES IN (FIG. A) SERIES (FIG. B) (A2s x 103) (A2s x 103) (A2s x 103) 0.13 0.47 0.27 0.33 0.58 0.16 0.24 0.86 0.49 0.32 1.2 0.69 0.50 1.8 1.0 0.65 2.3 1.3 0.83 3.0 1.7 2.1 3.6 1.0 2.1 6.9 4.0 3.3 11 6.3 8.0 14 4.2 5.9 19 11 17 30 9.0 12.6 42 24 16.7 55 32 21.5 72 41 57 99 29.7 36.7 125 72 47.1 160 92 222 127 65.2 103.6 332 190 248 433 135.3
700 VAC Fault
Load
700 VAC
Fault
Load
Fig. A
Fig. B
Clearing I2t vs. AC Operating Voltage
Correction Factor for I t
2
Operating Voltage (AC RMS Volts) D 33
AMP-TRAP(R)-Form 101
A70QS
SEMICONDUCTOR PROTECTION FUSES
A70QS35 to 800 Melting Time - Current Data, 700V Fuses
Time in Seconds
Current in Amperes
Peak Let-Thru Current Data - A70QS35 to 800, 700 Volts AC
Maximum Instantaneous Peak Let-Thru Amperes
Available Current in RMS Symmetrical Amperes D 34
AMP-TRAP(R)-Form 101
A70QS
Clearing I2t at 700V DC, 100kA, L/R = 10 ms
2 CLEARING I t 2 3 (A sx10 )
SEMICONDUCTOR PROTECTION FUSES
AMPERE RATING 35 40 50 70 80 90 100 125 150 175 200 225 250 300 350 400 450 500 600 700 800
0.25 0.35 0.60 1.3 1.8 2.4 3.1 5.3 8.1 12 16 21.5 27.5 42 63 85 115 150 201 325 450
Maximum Peak Arc Volts
D
Circuit Voltage (Volts RMS)
Watts Loss at Rated Current
AMPERE RATING 35 40 50 60 70 80 90 100 125 150 175 WATTS LOSS (w) 6.2 7.5 9.8 12 15 18 20 24 22 29 35 AMPERE RATING 200 225 250 300 350 400 450 500 600 700 800 WATTS LOSS (w) 41 37 42 53 64 75 78 92 116 125 143
DC Voltage Capability vs. Time Constant
Watts Loss vs. % Rated Current
L/R Time Constant (ms) D 35
Correction Factor for Watts Loss
DC Voltage Capability
Percent Rated Current


▲Up To Search▲   

 
Price & Availability of A7OQS100-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X