Part Number Hot Search : 
2SB11 1N3014 CA723C MAX991 CLQ72B06 XP4501 00103 KTX401E
Product Description
Full Text Search
 

To Download 2SC5949 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5949
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC5949
Power Amplifier Applications
* * Complementary to 2SA2121 Recommended for audio frequency amplifier output stage. Unit: mm
Absolute Maximum Ratings (Tc = 25C)
Characteristic Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating 200 200 5 15 1.5 220 150 -55 to 150 Unit V V V A A W C C
Note: Using continuously under heavy loads (e.g. the application of high JEDEC temperature/current/voltage and the significant change in JEITA temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. TOSHIBA 2-21F1A operating temperature/current/voltage, etc.) are within the Weight: 9.75 g (typ.) absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
1
2006-11-16
2SC5949
Electrical Characteristics (Tc = 25C)
Characteristic Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage Symbol ICBO IEBO V (BR) CEO hFE (1) DC current gain (Note 1) hFE (2) Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance VCE (sat) VBE fT Cob Test Conditions VCB = 200 V, IE = 0 VEB = 5 V, IC = 0 IC = 50 mA, IB = 0 VCE = 5 V, IC = 1 A VCE = 5 V, IC = 8 A IC = 10 A, IB = 1 A VCE = 5 V, IC = 8 A VCE = 5 V, IC = 1 A VCB = 10 V, IE = 0, f = 1 MHz Min 200 55 35 Typ. 60 0.4 1.0 30 270 Max 5.0 5.0 160 3.0 1.5 V V MHz pF Unit A A V
Note 1: hFE(1) classification
R: 55 to 110, O: 80 to 160
Marking
Part No. (or abbreviation code) TOSHIBA
2SC5949
Lot No.
JAPAN
Characteristics indicator A line indicates lead (Pb)-free package or lead (Pb)-free finish.
2
2006-11-16
2SC5949
IC - VCE
20 16 Common emitter Tc = 25C Common emitter VCE = 5 V
IC- VBE
(A)
(A)
200
16
500 400 300
12
Collector current IC
12
Collector current IC
8
Tc = 100C 25 -25
8 100 4
4
50 IB = 20 mA
0
0
2
4
6
8
10
12
0 0
0.5
1.0
1.5
2.0
2.5
Collector-emitter voltage
VCE
(V)
Base-emitter voltage
VBE
(V)
hFE - IC
1000 500 300 Common emitter VCE = 5 V 2 Common emitter IC / IB = 10 V
VCE (sat) - IC
Collector-emitter saturation voltage
1 0.5
DC current gain hFE
Tc = 100C 100 25 50 30 -25
VCE (sat) (V)
0.3
Tc = 100C 25
0.1 0.05 0.03
-25
10 5 0.03
0.1
0.3
1
3
10
30
0.01 0.03
0.1
0.3
1
3
10
30
Collector current IC (A)
Collector current IC (A)
fT- IC
100 100
Safe operating area
Transition frequency fT (MHz)
(A)
1 ms * IC max (pulsed) * 10 IC max (continuous) DC operation Tc = 25C 10 ms * 100 ms *
10
Collector current IC
1
*:Single non-repetitive pulse Tc = 25C Curves must be de-rated linearly with increase in temperature.
Common emitter Tc = 25C 1 0.01 VCE = 5 V 0.1 1 10
0.1 0.1
VCEO max 10 100 1000
1
Collector current IC (A)
Collector-emitter voltage VCE
(V)
3
2006-11-16
2SC5949
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice. 021023_D
060116EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. 021023_A * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. 021023_B * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. 060106_Q * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. 021023_C
4
2006-11-16


▲Up To Search▲   

 
Price & Availability of 2SC5949

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X