Part Number Hot Search : 
HT37A70 39F1G SRC12 D211ERU MAT02 D133D XN6537 4762A
Product Description
Full Text Search
 

To Download 2SC2073 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-220 Plastic-Encapsulated Transistors
2SC2073
FEATURES Power dissipation PCM: 1.5 W (Tamb=25)
TRANSISTOR (NPN)
TO-220
1. BASE 2. COLLECTOR 3. EMITTER
Collector current 1.5 A ICM: Collector-base voltage V(BR)CBO: 150 V Operating and storage junction temperature range TJ, Tstg: -55 to +150
123
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) VCE(sat) VBE
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=100A, IE=0 Ic=1mA, IB=0 IE=100A, IC=0 VCB=120V, IE=0 VEB=5V, IC=0 VCE=10V, IC=500mA IC=500mA, IB=50mA VCE=10V, IC=500mA VCE=10V, IC=500mA VCB=10V, IE=0, f=1MHz
150 150 5 10 10 40 140 1.5
0.65
A A
V V MHz pF
0.85 4 35
fT
Cob


▲Up To Search▲   

 
Price & Availability of 2SC2073

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X