Part Number Hot Search : 
A5800732 LVC74 EP3SL70 BRS2A16G TK20D60 A30NY C3500 200000
Product Description
Full Text Search
 

To Download 2SC1213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-92 Plastic-Encapsulated Transistors
2SC1213 2SC1213A
FEATURE Power dissipation PCM: Collector current ICM: Collector-base voltage V(BR)CBO:
TRANSISTOR (NPN)
TO-92
1. EMITTER
2. COLLECTOR
0.4
W (Tamb=25)
3. BASE
0.5
A
123
2SC1213 : 35 V 2SC1213A : 50 V Operating and storage junction temperature range TJ, Tstg: -55 to +150
ELECTRICAL CHARACTERISTICS(Tamb=25
Parameter Collector-base breakdown voltage 2SC1213 2SC1213A Collector-emitter breakdown voltage 2SC1213 2SC1213A Emitter-base breakdown voltage Collector cut-off current
unless otherwise specified)
Test conditions MIN 35 50 35 50 4 0.5 60 10 0.2 0.6 0.75 V V 320 TYP MAX UNIT V
Symbol V(BR)CBO
Ic= 10A , IE=0
V(BR)CEO V(BR)EBO ICBO hFE(1)
IC= 1 mA , IB=0 IE=10A, IC=0 VCB= 20V , IE=0 VCE=3V, IC= 10mA VCE=3V, IC= 500mA IC= 150mA, IB= 15 mA VCE= 3V, IC= 10 mA
V V A
DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter voltage VCE(sat) VBE
CLASSIFICATION OF hFE(1)
Rank Range B 60-120 C 100-200 D 160-320


▲Up To Search▲   

 
Price & Availability of 2SC1213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X