Part Number Hot Search : 
MAX170 827M0 2SD16 P4KE6 G9966 VEC2408 152N085 R1200
Product Description
Full Text Search
 

To Download 2N7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-23 Plastic-Encapsulated Transistors
2N7002
FEATURES Power dissipation PD : 0.35W (Tamb=25) MOSFET (N-Channel) SOT-23
1. GATE 2. SOURCE 3. DRAIN
1. 0
0. 95
Drain current ID: 250mA Drain-Source voltage VDS: 60V Operating and storage junction temperature range TJ, Tstg: -55 to +150
2. 4 1. 3
2. 9
1. 9
0. 95
Unit : mm
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-body Leakage Zero Gate Voltage Drain Current Symbol V(BR)DSS Vth(GS) lGSS IDSS
unless otherwise specified)
Test conditions MIN 60 1 TYP 70 1.5 2.5 10 1 500 800 500 1300 700 1.5 2.0 300 0.85 0.6 1.2 1.0 nC 3 4 MAX UNIT V nA A
VGS=0 V, ID=10 A VDS=VGS, ID=250 A VDS=0 V, VGS=15 V VDS=60 V, VGS=0 V VDS=60 V, VGS=0 V, Tj=125 VGS=10 V, VDS=7.5 V VGS=4.5 V, VDS=10 V VGS=10 V, ID=250 mA VGS=4.5 V, ID=200 mA VDS=15 V, ID=200 mA IS=200 mA, VGS=0 V
0. 4
On-state Drain Current
ID(ON)
mA
Drain-Source On-Resistance Forward Tran conductance Diode Forward Voltage Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance
rDS(0n) gts VSD Qg Qgs Qgd Ciss COSS CrSS
ms V
VDS=30 V, VGS=10 V, ID=250 mA
0.06 0.06 25
VDS=25 V, VGS=0 V, f=1 MHz
6 1.2
pF
SWITCHING TIME
Turn-on Time Turn-off Time
td(0n) tr td(off)
VDD=30 V, RL=200 ID=100 mA,VGEN=10 V RG=10
7.5 6 7.5
20 ns 20


▲Up To Search▲   

 
Price & Availability of 2N7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X