Part Number Hot Search : 
SAA5045 R7709 1N5253B IH1203S LTC3605 TK4A50D I74F113N 2FB60M
Product Description
Full Text Search
 

To Download 2N5401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-92 Plastic-Encapsulated Transistors
2N5401
FEATURE Power dissipation
TRANSISTOR (PNP)
TO-92
PCM : 0.625
W (Tamb=25)
1. EMITTER 2. BASE
Collector current A ICM : - 0.6 Collector-base voltage V(BR)CBO : -160 V Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) DC current gain hFE(2) hFE(3) Collector-emitter saturation voltage Base-emitter saturation voltage VCE(sat) VBE(sat)
3. COLLECTOR
123
unless otherwise specified)
Test conditions MIN -160 -150 -5 -0.1 -0.1 80 80 50 -0.5 -1 V V 250 TYP MAX UNIT V V V
Ic= -100 A, IE=0 Ic= -1 mA, IB=0 IE= -10 A, IC=0 VCB= -120 V, IE=0 VEB= -4 V, IC=0 VCE= -5 V, IC=-1 mA VCE= -5 V, IC= -10 mA VCE= -5 V, IC=-50 mA IC= -50 mA, IB= -5 mA IC= -50 mA, IB= -5 mA VCE=-5V, IC=-10mA
A A
Transition frequency
fT f =30MHz
100
MHz
CLASSIFICATION OF hFE(2)
Rank Range A 80-160 B 120-180 C 150-250


▲Up To Search▲   

 
Price & Availability of 2N5401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X