Part Number Hot Search : 
TR10E P4KE30 GC1511 CD54A TMS06124 01118 116004 16R090B
Product Description
Full Text Search
 

To Download 1N5275B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
1/2 Watt ZENER DIODES (2.4V to 200V)
Mechanical Dimensions
JEDEC D0-35
.060 .090 .120 .200 1.00 Min.
1N5221...5281 Series
Description
.018 .022
Features
n 5 & 10% VOLTAGE TOLERANCES AVAILABLE n WIDE VOLTAGE RANGE n MEETS UL SPECIFICATION 94V-0 1N5221...5281 Series ............................................. 500 ............................................... ............................................. 4 ............................................... Units mW mW / C C
Maximum Ratings DC Power Dissipation with TL = > = 75C ...PD Lead Length = .375 Inches Derate Above 50 C Operating & Storage Temperature Range...TJ, TSTRG Steady State Power Derating Power Dissipation (W)
......................................... -65 to 100 ..........................................
Temperature Coefficients vs. Voltage Junction Capacitance (pF) Temperature Coefficient (mV/oC)
Typical Junction Capacitance
1 V Bias
0 V Bias
50% Vz Bias
Lead Temperature (C)
Zener Voltage (V) Zener Current vs. Zener Voltage
Zener Voltage (V)
Zener Current (mA)
Zener Voltage (V)
Page 12-2
Data Sheet
NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix A. For 5% Tolerance, Specify Suffix B. (Example: 1N5230B = 4.7V +/- 5%) 2. TA = 25 C unless otherwise specified. Measurements made at Thermal Equilibrium.
Lead Length = .375". Thermal Resistance of Heat Sink = 30C / W, VF = 1.1V Max. @ IF = 200mA
Electrical Characteristics @ 25 O C. Part # Jedec Type # Nominal Zener Voltage, VZ (V) 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 Test Current I ZT (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5
Max. Zener Impedance
Z ZT @ I ZT () 30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44
ZZK @ IZK = 0.25mA () 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600
Max. Reverse Leakage Current @ VR
IR (A) 100 100 75 75 50 25 15 10 5 5 5 5 5 5 5 3 3 3 3 3 2 1 .5 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1
VR (V) 1 1 1 1 1 1 1 1 1 2 2 3 3.5 4 5 6 6.5 6.5 7 8 8.4 9.1 9.9 10 11 12 13 14 15 16 17 18 19 21 21
Temp. Coeff. (% /oC) -0.085 -0.085 -0.08 -0.08 -0.075 -0.07 -0.065 -0.06 +/- 0.055 +/- 0.03 +/- 0.03 + 0.038 + 0.038 + 0.045 + 0.050 + 0.058 + 0.062 + 0.065 + 0.068 + 0.075 + 0.076 + 0.077 + 0.079 + 0.082 + 0.082 + 0.083 + 0.084 + 0.085 + 0.086 + 0.086 + 0.087 + 0.088 + 0.089 + 0.090 + 0.091
Max. Zener Voltage
1N5221A 1N5222A 1N5223A 1N5224A 1N5225A 1N5226A 1N5227A 1N5228A 1N5229A 1N5230A 1N5231A 1N5232A 1N5233A 1N5234A 1N5235A 1N5236A 1N5237A 1N5238A 1N5239A 1N5240A 1N5241A 1N5242A 1N5243A 1N5244A 1N5245A 1N5246A 1N5247A 1N5248A 1N5249A 1N5250A 1N5251A 1N5252A 1N5253A 1N5254A 1N5255A
or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or
B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B
Page 12-3
1N5221...5281 Series
1/2 Watt ZENER DIODES (2.4V to 200V)
Data Sheet
1/2 Watt ZENER DIODES (2.4V to 200V)
1N5221...5281 Series
NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix A. For 5% Tolerance, Specify Suffix B. (Example: 1N5230B = 4.7V +/- 5%) 2. TA = 25 C unless otherwise specified. Measurements made at Thermal Equilibrium.
Lead Length = .375". Thermal Resistance of Heat Sink = 30C / W, VF = 1.1V Max. @ IF = 200mA
Electrical Characteristics @ 25 O C. Nominal Zener Voltage, VZ (V) 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200 Test Current I ZT (mA) 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4 1.3 1.1 1.0 0.95 0.9 0.85 0.8 0.74 0.68 0.66 0.65
Max. Zener Impedance
Part # Jedec Type # or or or or or or or or or or or or or or or or or or or or or or or or or or B B B B B B B B B B B B B B B B B B B B B B B B B B
Z ZT @ I ZT () 49 58 70 80 93 105 125 150 170 185 230 270 330 370 400 500 750 900 1100 1300 1500 1700 1900 2200 2400 2500
ZZK @ IZK = 0.25mA () 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700 2000 2200 2300 2600 3000 4000 4500 4500 5000 5500 5500 6000 6500 7000
Max. Reverse Leakage Current @ VR
IR (A) .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1
VR (V) 23 25 27 30 33 36 39 43 46 47 52 56 62 68 69 76 84 91 99 106 114 122 129 137 144 152
Temp. Coeff. (% /oC) + 0.091 + 0.092 + 0.093 + 0.094 + 0.095 + 0.095 + 0.096 + 0.096 + 0.097 + 0.097 + 0.097 + 0.098 + 0.098 + 0.099 + 0.099 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11
Max. Zener Voltage
1N5256A 1N5257A 1N5258A 1N5259A 1N5260A 1N5261A 1N5262A 1N5263A 1N5264A 1N5265A 1N5266A 1N5267A 1N5268A 1N5269A 1N5270A 1N5271A 1N5272A 1N5273A 1N5274A 1N5275A 1N5276A 1N5277A 1N5278A 1N5279A 1N5280A 1N5281A
Page 12-4


▲Up To Search▲   

 
Price & Availability of 1N5275B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X