Part Number Hot Search : 
B632E2T 2SK150 10N10 74HCT4 Z5221B XRD6406 D1961 80022
Product Description
Full Text Search
 

To Download XN1507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XN1507
Silicon NPN epitaxial planer transistor
Unit: mm
For high break down voltage and low noise amplification
2.8 -0.3 0.650.15
+0.2 +0.25
1.5 -0.05 5
0.650.15 1
0.95
2.9 -0.05
q
q
Two elements incorporated into one package. (Emitter-coupled transistors) Reduction of the mounting area and assembly cost by one half.
1.90.1
+0.2
4
0.95
3
2 0.3 -0.05 0.40.2 0.16 -0.06
+0.1
1.1 -0.1
q
2SD814 x 2 elements
0.8
s Basic Part Number of Element
+0.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Rating Collector to emitter voltage of Emitter to base voltage element Collector current Peak collector current Total power dissipation Overall Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PT Tj Tstg
(Ta=25C)
Ratings 150 150 5 50 100 300 150 -55 to +150 Unit V V V mA mA mW C C
1 : Collector (Tr1) 2 : Collector (Tr2) 3 : Base (Tr2)
0 to 0.1
0.1 to 0.3
4 : Emitter 5 : Base (Tr1) EIAJ : SC-74A Mini Type Pakage (5-pin)
Marking Symbol: 4O Internal Connection
5 4 3 2 Tr1 1
Tr2
s Electrical Characteristics
Parameter Collector to emitter voltage Emitter to base voltage Collector cutoff current Forward current transfer ratio Forward current transfer hFE ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
*1
(Ta=25C)
Symbol VCEO VEBO ICBO hFE hFE (small/large)*1 VCE(sat) fT Cob Conditions IC = 100A, IB = 0 IE = 10A, IC = 0 VCB = 100V, IE = 0 VCE = 5V, IC = 10mA VCE = 5V, IC = 10mA IC = 30mA, IB = 3mA VCB = 10V, IE = -10mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz 150 2.3 90 0.5 0.99 1 V MHz pF min 150 5 1 450 typ max Unit V V A
Ratio between 2 elements
+0.1
1.450.1
s
Features
1
Composite Transistors
PT -- Ta
500
XN1507
IC -- VCE
120 Ta=25C
120 VCE=10V 100 25C Ta=75C 80 -25C
IC -- VBE
Total power dissipation PT (mW)
Collector current IC (mA)
80
300
60
Collector current IC (mA)
12
400
100
IB=2.0mA 1.8mA 1.6mA 1.4mA 1.2mA 1.0mA 0.8mA 0.6mA 0.4mA
60
200
40 0.2mA 20
40
100
20
0 0 40 80 120 160
0 0 2 4 6 8 10
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
100
hFE -- IC
IC/IB=10 600 VCE=10V
fT -- I E
200 VCB=10V Ta=25C
Collector to emitter saturation voltage VCE(sat) (V)
Forward current transfer ratio hFE
500
Transition frequency fT (MHz)
30 10 3 1 0.3 0.1 -25C 0.03 0.01 0.1
160
400
120
300
Ta=75C 25C
80
25C
Ta=75C
200
-25C
100
40
0.3
1
3
10
30
100
0 0.1
0.3
1
3
10
30
100
0 -1
-2 -3 -5
-10
-20 -30 -50
-100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob -- VCB
5
Collector output capacitance Cob (pF)
f=1MHz IE=0 Ta=25C 4
3
2
1
0 1 2 3 5 10 20 30 50 100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of XN1507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X