Part Number Hot Search : 
SST25VF SMBJ16 F1002 A107M MCP25020 SS45304 TSOP2230 M3005N
Product Description
Full Text Search
 

To Download XC62HR6002PR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMOS Low Power Consumption Small Dropout : 0.18V @ 60mA
0.58V @ 160mA
APPLICATIONS
Battery powered equipment Voltage supplies for cellular phones Cameras, Video recorders Palmtops
Maximum Output Current : 165mA (VOUT=3.0V)
Highly Accurate Output Voltage Range : 2% (1%) : 2.0V~6.0V
Stand-by Supply Current : 0.1A (VOUT=3.0V) SOT-25/SOT-89-5/USP-6B Package
GENERAL DESCRIPTION
The XC62H series are highly precise, low power consumption, positive voltage regulators, manufactured using CMOS and laser trimming technologies. The series consists of a high precision voltage reference, an error correction circuit, and an output driver with current limitation. By way of the CE function, with output turned off, the series enters standby. In the stand-by mode, power consumption is greatly reduced. SOT-25 (150mW), SOT-89-5 (500mW) and USP-6B (100mW) packages are available. In relation to the CE function, as well as the positive logic XC62HR series, a negative logic XC62HP series (custom) is also available.
FEATURES
Maximum Output Current : 165mA (within max.power dissipation, VOUT=3.0V) Output Voltage Range : 2.0V ~ 6.0V in 100mV increments (1.5V ~ 1.9V semi-custom) Highly Accurate : Set-up Voltage 2% (1% for semi-custom products) Low Power Consumption : 3.0A (TYP.) (VOUT=3.0, Output enabled) : 0.1A (TYP.) (Output disabled) Output Voltage Temperature Characteristics : 100ppm / (TYP.) Line Regulation : 0.2% / V (TYP.) SOT-89-5 (500mW) mini-power mold USP-6B (100mW) Ultra Small Packages : SOT-25 (150mW) mini-mold
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
XC62H ETR0312_001.doc
505
XC62H Series
PIN CONFIGURATION
*The dissipation pad for the USP-6B package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VIN pin.
PIN ASSIGNMENT
PIN NUMBER SOT-25 1 2 3 4 5 SOT-89-5 4 2 3 1 5 USP-6B 2, 5 1 6 4 3 PIN NAME (NC) VIN CE VSS VOUT FUNCTION No Connection Supply Voltage Input Chip Enable Ground Regulated Output Voltage
FUNCTION
SERIES XC62HR XC62HP CE H L H L VOLTAGE OUTPUT ON OFF OFF ON
H = High level L = Low level
PRODUCT CLASSIFICATION
Ordering Information
XC62H DESIGNATOR DESCRIPTION CE Pin Logic Output Voltage Temperature Characteristics Output Voltage Accuracy SYMBOL R P 20~60 0 1 2 M P D R L DESCRIPTION : Positive : Negative (Custom) :e.g. VOUT 3.0V =3, =0 VOUT 5.0V =5, =0 : + 100ppm (TYP.) : + 1% (semi-custom) : + 2% : SOT-23 : SOT-89-5 : USP-6B : Embossed tape, standard feed : Embossed tape, reverse feed
Package Type
Device Orientation
506
XC62H
Series
PACKAGING INFORMATION
SOT-25 SOT-89-5
USP-6B
507
XC62H Series
MARKING RULE
SOT-25, SOT-89-5
5

4
1
2
3
SOT-25 (TOP VIEW)
5
2
4
Represents integer of the output voltage MARK VOLTAGE (V) MARK 0 0.x 0 1 1.x 1 2 2.x 2 3 3.x 3 4 4.x 4 5 5.x 5 6 6.x 6 7 7.x 7 8 8.x 8 9 9.x 9 Represents decimal number of the output voltage MARK 0 1 2 3 4 5 6 7 8 9 VOLTAGE (V) x.0 x.1 x.2 x.3 x.4 x.5 x.6 x.7 x.8 x.9 MARK 0 1 2 3 4 5 6 7 8 9
VOLTAGE (V) 0.x 1.x 2.x 3.x 4.x 5.x 6.x 7.x 8.x 9.x

VOLTAGE (V) x.0 x.1 x.2 x.3 x.4 x.5 x.6 x.7 x.8 x.9
1
2
SOT-89-5 (TOP VIEW)
3
Based on internal standards Represents assembly lot number. 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
BLOCK DIAGRAM
508
XC62H
Series
ABSOLUTE MAXIMUM RATINGS
Ta=25 PARAMETER Input Voltage Output Current Output Voltage CE Input Voltage SOT-25 Power Dissipation SOT-89-5 USP-6B Operating Temperature Range Storage Temperature Range Topr Tstg Pd SYMBOL VIN IOUT VOUT VCE RATINGS 12.0 500 VSS -0.3 ~ VIN +1.3 VSS -0.3 ~ VIN +1.3 150 500 100 -30 ~ +80 -40 ~ +25 mW UNITS V mA V V
ELECTRICAL CHARACTERISTICS
XC62HR2002 VOUT(T)=2.0V (*1) PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*3) SYMBOL VOUT (E) (*2) IOUT max VOUT CONDITIONS IOUT=40mA VIN=3.0V VIN=3.0V, VOUT(E)1.8V VIN=3.0V 1mAIOUT60mA IOUT=40mA IOUT=100mA VIN=VCE=3.0V VIN=3.0V, VCE=VSS IOUT=40mA 3.0VVIN10.0V IOUT=40mA -30Topr80 MIN. 1,960 115 1.5 -0.2 TYP. 2,000 45 180 580 2.9 0.2 100 -0.05 MAX. 2,040 90 360 880 7.9 0.1 0.3 10.0 0.25 0.1 0 Ta=25 UNITS V mA mV mV mV A A %/V V ppm / V V A A CIRCUI T 1 1 1 1 1 2 2 1 1 1 1 2 2
Vdif1 Vdif2 Supply Current 1 ISS1 Supply Current 2 ISS2 VOUT Line Regulation VINVOUT Input Voltage VIN Output Voltage VOUT Temperature Characteristics ToprVOUT CE "High" Voltage VCEH CE "Low" Voltage VCEL CE "High" Current ICEH CE "Low" Current ICEL
NOTE: *1: VOUT(T)=Specified output voltage .
VCE=VIN VCE=VSS
*2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *3: Vdif= {VIN1 * -VOUT1 * } *4: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *5: VIN1= The input voltage when VOUT1 appears as input voltage is gradually decreased.
( 5) ( 4)
509
XC62H Series
ELECTRICAL CHARACTERISTICS (Continued)
XC62HR3002 VOUT(T)=3.0V (*1) PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*3) SYMBOL VOUT (E) (*2) IOUT max VOUT CONDITIONS IOUT=40mA VIN=4.0V VIN=4.0V, VOUT(E)2.7V VIN=4.0V 1mAIOUT80mA IOUT=60mA IOUT=160mA VIN=VCE=4.0V VIN=4.0V, VCE=VSS IOUT=40mA 4.0VVIN10.0V IOUT=40mA -30Topr80 MIN. 2,940 165 1.5 -0.2 TYP. 3,000 45 180 580 3.0 0.2 100 -0.05 MAX. 3,060 90 360 880 8.0 0.1 0.3 10.0 0.25 0.1 0 Ta=25 UNITS CIRCUIT V mA mV mV mV A A %/V V ppm / V V A A 1 1 1 1 1 2 2 1 1 1 1 2 2
Vdif1 Vdif2 Supply Current 1 ISS1 Supply Current 2 ISS2 VOUT Line Regulation VINVOUT Input Voltage VIN Output Voltage VOUT Temperature Characteristics ToprVOUT CE "High" Voltage VCEH CE "Low" Voltage VCEL CE "High" Current ICEH CE "Low" Current ICEL
VCE=VIN VCE=VSS
XC62HR4002 VOUT(T)=4.0V PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*3)
(*1)
Ta=25 SYMBOL VOUT (E) (*2) IOUT max VOUT CONDITIONS IOUT=40mA VIN=5.0V VIN=5.0V, VOUT(E)3.6V VIN=5.0V 1mAIOUT100mA IOUT=80mA IOUT=180mA VIN=VCE=5.0V VIN=5.0V, VCE=VSS IOUT=40mA 5.0VVIN10.0V IOUT=40mA -30Topr80 MIN. 3,920 200 1.5 -0.2 TYP. 4,000 45 170 560 3.1 0.2 100 -0.05 MAX. 4,080 90 340 840 8.1 0.1 0.3 10.0 0.25 0.1 0 UNITS CIRCUIT V mA mV mV mV A A %/V V ppm / V V A A 1 1 1 1 1 2 2 1 1 1 1 2 2
Vdif1 Vdif2 Supply Current 1 ISS1 Supply Current 2 ISS2 VOUT Line Regulation VINVOUT Input Voltage VIN Output Voltage VOUT Temperature Characteristics ToprVOUT CE "High" Voltage VCEH CE "Low" Voltage VCEL CE "High" Current ICEH CE "Low" Current ICEL
NOTE: *1: VOUT(T)=Specified output voltage .
VCE=VIN VCE=VSS
*2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *3: Vdif= {VIN1
(*5)
-VOUT1
(*4)
}
*4: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *5: VIN1= The input voltage when VOUT1 appears as input voltage is gradually decreased.
510
XC62H
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC62HR5002 VOUT(T)=5.0V (*1) PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*3) SYMBOL VOUT (E) (*2) IOUT max VOUT CONDITIONS IOUT=40mA VIN=6.0V VIN=6.0V, VOUT(E)4.5V VIN=6.0V 1mAIOUT100mA IOUT=100mA IOUT=200mA VIN=VCE=6.0V VIN=6.0V, VCE=VSS IOUT=40mA 6.0VVIN10.0V IOUT=40mA -30Topr80 MIN. 4,900 220 1.5 -0.2 TYP. 5,000 40 165 540 3.1 0.2 100 -0.05 MAX. 5,100 80 320 820 8.1 0.1 0.3 10.0 0.25 0.1 0 Ta=25 UNITS CIRCUIT V mA mV mV mV A A %/V V ppm / V V A A 1 1 1 1 1 2 2 1 1 1 1 2 2
Vdif1 Vdif2 Supply Current1 ISS1 Supply Current2 ISS2 VOUT Line Regulation VINVOUT Input Voltage VIN Output Voltage VOUT Temperature Characteristics ToprVOUT CE "High" Voltage VCEH CE "Low" Voltage VCEL CE "High" Current ICEH CE "Low" Current ICEL
NOTE: *1: VOUT(T)=Specified output voltage .
VCE=VIN VCE=VSS
*2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *3: Vdif= {VIN1
(*5)
-VOUT1
(*4)
}
*4: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *5: VIN1= The input voltage when VOUT1 appears as input voltage is gradually decreased.
511
XC62H Series
TYPICAL APPLICATION CIRCUIT
Standard Circuit
TEST CIRCUITS
Circuit 1
Circuit 2
512
XC62H
Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
(2) Output Voltage vs. Input Voltage
513
XC62H Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
(3) Dropout Voltage vs. Output Current
514
XC62H
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) CE Pin Threshold Voltage vs. Input Voltage
(5) Supply Current vs. Input Voltage
515
XC62H Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Supply Current vs. Input Voltage (Continued)
(6) Output Voltage vs. Ambient Temperature
516
XC62H
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Supply Current vs. Ambient Temperature
(8) Input Transient Response 1
517
XC62H Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Input Transient Response 1 (Continued)
(9) Input Transient Response 2
518
XC62H
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Input Transient Response 2 (Continued)
(10) Load Transient Response
519
XC62H Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Load Transient Response (Continued)
(11) CE Pin Transient Response
520
XC62H
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(11) CE Pin Transient Response (Continued)
(12) Ripple Rejection Rate
521


▲Up To Search▲   

 
Price & Availability of XC62HR6002PR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X