Part Number Hot Search : 
BUV41 00104 KA22427 PI74FCT 001140 LA733Q 5KE18CA 20012
Product Description
Full Text Search
 

To Download XC6205X152 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC6205 Series
Preliminary
CMOS Low Power Consumption 70A Maximum Output Current : 150mA Highly Accurate : 2% ( 30mV less than 1.5V) Output Voltage Range : 0.9V ~ 1.75V (50mV Step) High Ripple Rejection : 60dB Low Noise : 30Vrms Low ESR capacitor compatible
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
February 07, 2003 Ver. 2
Applications
Mobile phones, Cordless phones Wireless communication equipment Portable games Cameras, Video recorders Portable AV equipment Reference voltage Battery powered equipment
General Description
The XC6205 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The series achieves high ripple rejection and low dropout and consists of a voltage reference, an error amplifier, a current limiter and a phase compensation circuit plus a driver transistor. Output voltage is selectable in 50mV increments within a range of 0.9V ~ 1.75V. The series is also compatible with low ESR ceramic capacitors which give added output stability. This stability can be maintained even during load fluctuations due to the excellent transient response of the series. The current limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin. The CE function enables the output to be turned off, resulting in greatly reduced power consumption.
Features
Maximum Output Current Maximum Operating Voltage Output Voltage Range Highly Accurate Low Power Consumption Standby Current Low Noise High Ripple Rejection Operating Temperature Range Low ESR Capacitor Compatible Ultra Small Packages : 150mA : 2.0V ~ 10V : 0.9V~1.75V(50mV Step) : 2% (VOUT>1.5V) : 30mV (VOUT1.5V) : TYP 70A : Less than 0.1A (TYP) : 30Vrms (TYP) : 60dB (10kHz) : -40OC ~ +85OC : Ceramic capacitor : SOT-25 (SOT-23-5) SOT-89-5 USP-6B
Typical Application
Electrical Characteristics
Load Transient Response XC6205B092
VIN=2V, tr=tf=5sec CIN=1F(ceramic), CL=4.7F(ceramic)
VIN VOUT VSS CE NC
1.00 5
CL 2.2F
250
Output Current (mA)
Output Voltage (V)
1 2 3
CIN 1F
0.95
Output Voltage
200 150 100
50mA Output Current
0.90 0.85 0.80 0.75
Time (40sec/div)
4 1
1mA
50 0
XC6205 Series
Preliminary
Pin Assignment
SOT-25 1 2 3 4 5 PIN NUMBER SOT-89-5 USP-6B 4 1 2 5 3 6 1 2, 4 5 3 PIN NAME VIN VSS CE NC VOUT FUNCTION Input Ground ON/OFF Control No Connection Output
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
Block Diagram
VIN
ON/OFF Control each circuit Current Limiter R2
CE
VOUT
Pin Configuration
VOUT 5 (NC) 4
VOUT VSS 2 5 VIN 4
VIN 1 NC 2
VOUT 3
R1 Voltage Reference
6 CE 5 VSS 4 NC
VSS
* The diode in the above diagram is for the IC's protection.
1 VIN
2 VSS
3 CE
1 NC
2 VSS
3 CE
SOT-25 (SOT-23-5) (TOP VIEW)
SOT-89-5 (TOP VIEW)
USP-6B (TOP VIEW)
Selection Guide
The following options for the CE pin logic and internal pull-up/down are available: Active 'High' + no pull-down resistor built-in (standard) Active 'High' + 300M pull-down resistor built-in (semi-custom) Active 'Low' + no pull-up resistor built-in (semi-custom) Active 'Low' + 300M pull-up resistor built-in (semi-custom) Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 300M (TYP.).
Ordering Information
XC6205123456
DESIGNATOR SYMBOL A B DESCRIPTION Active 'High' (pull-down resistor built in) Active 'High' (no pull-down resistor built in) Active 'Low' (pull-up resistor built in) Active 'Low' (no pull-up resistor built in) Output Voltage : e.g. 1.5V = 2 : 1, 3 : 5 DESIGNATOR SYMBOL 2 DESCRIPTION Output Voltage : 100mV Step Accuracy : within 2%
4
A M D R L
e.g. 2=0, 3=9, 4=2 0.9V
Output Voltage : 50mV Step Accuracy : within 2%
1
C D
e.g. 2=1, 3=3, 4=A 1.35V
5 6
Package Type : SOT-25(SOT-23-5) USP - 6B Device Orientation : Embossed Tape : Standard Feed Embossed Tape : Reverse Feed
2
3
Integer
2
XC6205 Series
Preliminary
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
Absolute Maximum Rating
PARAMETER Input Voltage Output Current Output Voltage CE Input Voltage Power Dissipation SOT-25(SOT-23-5) USP-6B Topr Tstg SYMBOL VIN IOUT VOUT VCE Pd RATINGS 12 500 VSS -0.3 ~ VIN +0.3 VSS -0.3 ~ VIN +0.3 250 100 -40 ~ +85 -55 ~ +125
O O
UNITS V mA V V mW C C
Operating Ambient Temperature Storage Temperature
Electrical Characteristics
PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage Supply Current Standby Current Line Regulation Input Voltage Output Voltage Temperature Characteristics Ripple Rejection Rate Output Noise Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current CE "Low" Current NOTE
XC6205X152 (1.5V)
Ta=25OC SYMBOL VOUT (E) IOUTMAX VOUT Vdif1 Vdif2 IDD Istby VOUT / 1mAIOUT100mA IOUT=30mA IOUT=100mA VCE=VIN VCE=VSS VOUT(T)+1.0VVIN10V IOUT=30mA 2.0 IOUT=30mA -40OCTopr85OC IOUT=50mA, f=10kHz 300Hz ~ 50kHz
VIN=VOUT+1.5V, VOUT=VSS
CONDITIONS IOUT=30mA
MIN x 0.98 1.470 150
TYP VOUT(T) 1.500 15 500 600 70 0.01 0.01
MAX x 1.02 1.530 50
UNITS V mA mV mV mV A
CIRCUIT 1 1 1 1 2 2 1 1 4 3 1 1 2 2 2 2
0.10 0.20 10.0
A %/V V ppm/OC dB Vrms mA mA
VIN VOUT VIN VOUT / Topr VOUT PSRR en Ilim Ishort VCEH VCEL ICEH ICEL
100 60 30 300 50 1.60 VIN 0.25 0.10 0.10
V V A A
VCE=VIN VCE=VSS
-0.10 -0.10
(NOTE 1) VOUT(T)=Specified Output Voltage (NOTE 2) VOUT(E)=Effective Output Voltage (I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). (NOTE 3) Vdif={VIN1
(NOTE5)
-VOUT1
(NOTE4)
}
(NOTE 4) VOUT 1 = A voltage equal to 98% of the Output Voltage whenever an amply stabilized IOUT {VOUT(T) + 1.0V} is input. (NOTE 5) VIN1=The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased. (NOTE 6) Unless otherwise stated, VIN=VOUT(T)+1.0V
3
XC6205 Series
Preliminary
! Test Circuits
Circuit 1
VIN VOUT
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
A
CE
V
CIN=1.0F (ceramic)
VSS
CL=2.2F (ceramic)
V
RL
V
Circuit 2
A A
VIN
VOUT
OPEN
CE
VSS
Circuit 3
VIN VOUT
CE
CIN=1.0F (ceramic)
VSS
CL=2.2F (ceramic)
F.F.T
IOUT=10mA
Circuit 4
VIN
VIN={VOUT+1} VDC +0.5Vp-pAC
VOUT
IOUT=50mA
CE
V
VSS
CL=2.2F (ceramic)
V
4
XC6205 Series
Preliminary
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
! Operational Explanation
Output voltage control with the XC6205 series :
VIN CE
ON/OFF Control
each circuit
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The P-Channel MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT pin is controlled & stabilized by a system of negative feedback. The current limit circuit and short protect circuit operate in relation to the level of output current. Further, the IC's internal circuitry can be shutdown via the CE pin's signal.
Current Limiter
VOUT
R2
R1
Voltage Reference
VSS
Low ESR Capacitors With the XC6205 series, a stable output voltage is achievable even if used with low ESR capacitors as a phase compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an output capacitor (CL) is connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an output capacitor with a capacitance value as shown in the figure below. Also, please connect an input capacitor (CIN) of 0.1F between the VIN pin and the VSS pin in order to ensure a stable power input. Recommended Output Capacitor Values VOUT CL 0.9V ~ 1.2V 4.7F 1.25V ~ 1.75V 2.2F
Current Limiter, Short-Circuit Protection The XC6205 series includes a combination of a fixed current limiter circuit & a foldback circuit which aid the operations of the current limiter and circuit protection. When the load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, output voltage drops further and output current decreases. When the output pin is shorted, a current of about 50mA flows. However, when the input/output voltage differential is quite small, this current will be about 200mA. CE Pin The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6205 series. In shutdown mode, output at the VOUT pin will be pulled down to the VSS level via R1 & R2. The operational logic of the IC's CE pin is selectable (please refer to the selection guide on page 2). Note that as the standard XC6205B type is ' High Active/No Pull Down', operations will become unstable with the CE pin open. Although the CE pin is equal to an inverter input with CMOS hysteresis, with either the pull-up or pull-down options, the CE pin input current will increase when the IC is in operation. We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the CE pin. If this IC is used with the correct specifications for the CE pin, the IC will operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry.
5
XC6205 Series
Preliminary
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
Minimum Operating Voltage In order to stablize the IC's operations, an input voltage of more than 2.0V is needed. Should the input voltage be less than 2.0V, the output voltage may not be regulated correctly. (Please refer to the graph data below.)
1 When VIN is less than 2.0V, the CE pin remains in standby mode.
When VIN rises above 2.0V, the power supply will turn ON.
2 The input power supply will begin to rise after a few hundred sec.
(Please also refer to the transient response characteristics.)
" Input Voltage vs. Output Voltage
XC6205B092 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0
Topr= -40OC 25OC 85OC IOUT=1mA CIN=4.7 F(ceramic), CL=4.7 F(ceramic)
Output Voltage VOUT (V)
2.0
4.0
6.0
8.0
10.0
Input Voltage VIN (V)
" Enable Response Time
" Turn-On Response Time
XC6205B092
VIN=2.0V,CL=4.7 F(ceramic)
XC6205B092
CL=4.7 F(ceramic)
4 CE Input Voltage (v)
CE Input Voltage
2.5 Output Voltage (V)
4
Input Voltage
2.5 Output Voltage (V) 2.0 1.5
Output Voltage
0
Output Voltage
1.5 1.0
IOUT=1mA 30mA 100mA
Input Voltage (V)
2
2.0
2 0 -2 -4 -6 TIME (40usec/div)
IOUT=1mA 30mA 100mA
-2 -4 -6 TIME (40usec/div)
1.0 0.5 0.0
0.5 0.0
! Notes on Use
1 Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2 Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please strengthen VIN and VSS wiring in particular. 3 Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
6
XC6205 Series
Preliminary
XC6205 (1) Output Voltage vs. Output Current
XC6205x092 1.0
Output Voltage VOUT (V)
VIN=2.0V CIN=1.0F(ceramic), CL=4.7F(ceramic)
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
XC6205X152
1.6 Output Voltage VOUT (V)
VIN=2.5V CIN=1.0F(ceramic), CL=2.2F(ceramic)
0.9 0.8 0.7 0.6 0 40 80 120 160 200
Output Current IOUT (mA)
Topr= -40OC 25OC 85OC
1.5
Topr= -40OC 25OC 85OC
1.4
1.3
1.2 0 40 80 120 160 200 Output Current IOUT (mA)
(2) Output Voltage vs. Output Current (current limit)
XC6205x092
1.2 Output Voltage VOUT (V) 1.0 0.8 0.6 0.4 0.2 0.0 0 100 200 300 400 Output Current IOUT (mA)
Topr= -40OC 25OC 85OC VIN=2.0V CIN=1.0F(ceramic), CL=4.7F(ceramic)
XC6205X152
1.8 Output Voltage VOUT (V) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 100 200 300 400 Output Current IOUT (mA)
Topr= -40OC 25OC 85OC VIN=2.5V CIN=1.0F(ceramic), CL=4.7F(ceramic)
XC6205x092
1.2 Output Voltage VOUT (V) 1.0 0.8 0.6 0.4 0.2 0.0 0 100 200 300 400 Output Current IOUT (mA)
VIN=2.0V 5.0V, 10.0V 3.0V 2.5V Topr=25OC CIN=1.0F(ceramic), CL=4.7F(ceramic)
XC6205X152
1.8 Output Voltage VOUT (V) 1.5 1.2 0.9 0.6 0.3 0.0 0 100 200 300 400 Output Current IOUT (mA)
VIN=2.0V 5.0V, 10.0V 2.5V Topr=25OC CIN=1.0F(ceramic), CL=2.2F(ceramic)
3.0V
7
XC6205 Series
Preliminary
(3) Output Voltage vs. Input Voltage
XC6205x092
1.2 Output Voltage VOUT (V) 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.5 1.0 1.5 2.0 2.5 Input Voltage VIN (V)
IOUT= 1mA = 30mA = 100mA Topr=25OC CIN=1.0F(ceramic), CL=4.7F(ceramic)
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
XC6205x092
0.95 Output Voltage VOUT (V)
Topr=25OC CIN=1.0F(ceramic), CL=4.7F(ceramic)
0.90
0.85
IOUT= 1mA = 30mA = 100mA
0.80
0.75 2 4 6 8 10 12 Input Voltage VIN (V)
XC6205X152
1.7 Output Voltage VOUT (V) 1.6 1.5 1.4 1.3 1.2 1.1 1.0 1.0 1.5 Input Voltage VIN (V) 2.0
Topr=25OC CIN=1.0F(ceramic), CL=2.2F(ceramic)
XC6205X152
1.80 Output Voltage VOUT (V) 1.70 1.60 1.50 1.40 1.30 1.20 1.10 1.00 2 4 6 8 10 12 Input Voltage VIN (V)
IOUT= 1mA = 30mA = 100mA Topr=25OC CIN=1.0F(ceramic), CL=2.2F(ceramic)
IOUT= 1mA = 30mA = 100mA
(4) Dropout Voltage vs. Output Current
XC6205x092
1.4 Dropout Voltage Vdif (V) 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 40 80 120 160 200 Output Current IOUT (mA)
Topr= 85OC 25OC - 40OC CIN=1.0F(ceramic), CL=4.7F(ceramic)
XC6205X152
1.4 Dropout Voltage Vdif (V) 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 40 80 120 160 200 Output Current IOUT (mA)
CIN=1.0F(ceramic), CL=2.2F(ceramic)
Topr= 85OC 25OC - 40OC
8
XC6205 Series
Preliminary
(5) Supply Current vs. Input Voltage
XC6205x092
80
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
XC6205x092
80 Supply Current ISS (A)
Supply Current ISS (A)
70 60 50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 Input Voltage VIN (V)
Topr= 85OC 25OC - 40OC
70
60
Topr= 85OC 25OC - 40OC
50
40 2 3 456789 Input Voltage VIN (V) 10
XC6205X152
80 Supply Current ISS (A) Supply Current ISS (A) 70 60 50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 Input Voltage VIN (V) 3.0
Topr= 85OC 25OC - 40OC
XC6205X152
90 80 70 60 50 40 2 3 4 5 6 7 8 9 Input Voltage VIN (V) 10
Topr= 85OC 25OC - 40OC
(6) Output Voltage vs. Ambient Temperature
XC6205x092
1.1 Output Voltage VOUT (V) 1.0 0.9 0.8 0.7 0.6 -50 -20 10 40 70
O
XC6205X152
1.7 Output Voltage VOUT (V) 1.6 1.5 1.4 1.3 1.2 100 -50 -20 10 40 70 100 Ambient Temperature Topr (OC)
IOUT= 1mA = 10mA = 30mA = 100mA = 150mA VIN=2.5V CIN=1.0F(ceramic), CL=2.2F(ceramic)
VIN=2.0V CIN=1.0F(ceramic), CL=4.7F(ceramic)
IOUT= 1mA = 10mA = 30mA = 100mA = 150mA
Ambient Temperature Topr ( C)
9
XC6205 Series
Preliminary
(7) Supply Current vs. Ambient Temperature
XC6205x092
80 Supply Current ISS (A)
VIN=2.0V
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
XC6205X152
100 Supply Current ISS (mA) 80 60 40 20 0
VIN=2.5V
60
40
20
0 -50 -20 10 40 70
O
100
-50
-20
10
40
70
O
100
Ambient Temperature Topr ( C)
Ambient Temperature Topr ( C)
(8) CE Pin Threshold Voltage vs. Ambient Temperature
XC6205xxx2
VIN=VOUT+1V, RL=100 CIN=1.0F(ceramic), CL=4.7F(ceramic)
Threshold Voltage VCEH, VCEL(V)
2.00 1.50 1.00 0.50 0.00 -50
CE "High" Voltage
CE "Low" Voltage
-25
0
25
50
75
O
100
Ambient Temperature Topr ( C)
10
XC6205 Series
Preliminary
(9) Load Transient Response
XC6205x092
VIN=2.0V CIN=1.0F(ceramic),CL=4.7F(ceramic)
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
XC6205x092
90 1.00 Output Current (mA) Output Voltage (V) 0.95 0.90 0.85
Output Current VIN=2.0V CIN=1.0F(ceramic),CL=4.7F(ceramic)
1.00 Output Voltage (V) 0.95 0.90 0.85
Output Current Output Voltage
300 250 200 150 Output Current (mA) Output Voltage (V) Output Current (mA)
75 60 45
Output Voltage
0.80 0.75 0.70
30mA 1mA
30 15 0 Time (40sec/div)
0.80 0.75 0.70
100mA 1mA
100 50 0 Time (40sec/div)
XC6205X152
VIN=2.5V CIN=1.0F(ceramic),CL=2.2F(ceramic)
XC6205X152
VIN=2.5V CIN=1.0F(ceramic),CL=2.2F(ceramic)
1.60 Output Voltage (V) 1.55 1.50 1.45
Output Current Output Voltage
90 Output Voltage (V) 75 60 45
30mA 1mA
1.60 Output Current (mA) 1.55 1.50 1.45
Output Current Output Voltage
300 250 200 150
100mA 1mA
1.40 1.35 1.30
30 15 0 Time (40sec/div)
1.40 1.35 1.30
100 50 0 Time (40sec/div)
(10) Input Transient Response 1
XC6205x092
CL=4.7F(ceramic)
XC6205X152
CL=2.2F(ceramic)
4 Input Voltage (V) 2 0
Input Voltage
2.5 Output Voltage (V) Input Voltage (V) 2.0 1.5
5.0 2.5 0.0
Input Voltage
3.0 2.5 2.0
Output Voltage
Output Voltage
-2.5 -5.0
IOUT=
1.5 1.0
1mA 30mA 100mA
-2 -4 -6 Time (40sec/div)
IOUT= 1mA 30mA 100mA
1.0 0.5 0.0
-7.5 -10.0 Time (40sec/div)
0.5 0.0
11
XC6205 Series
Preliminary
(11) Input Transient Response 2
XC6205x092
IOUT=1mA,CL=4.7F(ceramic)
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
XC6205x092
1.2 Output Voltage (V) 1.1 1.0 Input Voltage (V)
IOUT=100mA,CL=4.7F(ceramic) Input Voltage
4 Input Voltage (V) 3 2
Input Voltage
4 3 2
1.2 1.1 1.0 Output Voltage (V) Output Voltage (V) Output Voltage (V)
Output Voltage
Output Voltage
1 0 -1 Time (40sec/div)
0.9 0.8 0.7
1 0 -1 Time (40sec/div)
0.9 0.8 0.7
XC6205X152
IOUT=1mA,CL=2.2F(ceramic)
XC6205X152
IOUT=100mA,CL=2.2F(ceramic)
4 Input Voltage (V) 3 2
Output Voltage Input Voltage
1.8 Input Voltage (V) Output Voltage (V) 1.7 1.6 1.5 1.4 1.3 Time (40sec/div)
4 3 2
Output Voltage Input Voltage
1.8 1.7 1.6 1.5 1.4 1.3 Time (40sec/div)
1 0 -1
1 0 -1
(12) Enable Response Time
XC6205B092
VIN=2.0V, CL=4.7F(ceramic)
XC6205X152
2.5
VIN=2.5V, CL=2.2F(ceramic)
4
CE Input Voltage
5.0 Output Voltage (V) Input Voltage (V) 2.5 0.0
CE Input Voltage
3.0 2.5 2.0
Input Voltage (V)
2 0 -2 -4 -6 Time (40sec/div)
Output Voltage
2.0 1.5 1.0
1mA 30mA 100mA
Output Voltage
-2.5 -5.0
IOUT=
1.5 1.0
1mA 30mA 100mA
IOUT=
0.5 0.0
-7.5 -10.0 Time (40sec/div)
0.5 0.0
12
XC6205 Series
Preliminary
(13) Ripple Rejection Rate
XC6205x092
90 80 70 60 50 40 30 20 10 0 0.01 0.1 1 10 100 Ripple Frequency f (kHz)
VIN=2.5VDC+0.5Vp-pAC IOUT=30mA, CL=4.7F(ceramic)
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
XC6205X152
90 80 70 60 50 40 30 20 10 0 0.01 0.1 1 10 100 Ripple Frequency f (kHz)
VIN=2.5VDC+0.5Vp-pAC IOUT=30mA, CL=2.2F(ceramic)
Ripple Rejection Rate RR (dB)
13
Ripple Rejection Rate RR (dB)


▲Up To Search▲   

 
Price & Availability of XC6205X152

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X