|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CMOS Low Power Consumption Dropout Voltage : 60mV @ 30mA 200mV @ 100mA Maximum Output Current : 150mA (300mA=XC6204 E to H Type) Highly Accurate : 2% Output Voltage Range : 1.8V ~ 6.0V (XC6204) 0.9V ~ 1.75V (XC6205) Low ESR Capacitor Compatible APPLICATIONS Mobile phones Cordless phones Cameras, video recorders Portable games Portable AV equipment Reference voltage Battery powered equipment GENERAL DESCRIPTION The XC6204/6205 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The series achieves high ripple rejection and low dropout and consists of a standard voltage source, an error correction, current limiter and a phase compensation circuit plus a driver transistor. Output voltage is selectable in 50mV steps within a range of 0.9V ~ 6.0V. The series is also compatible with low ESR ceramic capacitors which give added output stability. This stability can be maintained even during load fluctuations due to the excellent transient response of the series. The current limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin. The CE function enables the output to be turned off, resulting in greatly reduced power consumption. FEATURES Maximum Output Current: : 150mA (300mA=XC6204 E to H TYP.) Dropout Voltage : 200mV(IOUT = 100mA) Operating Voltage : 2V ~ 10V Output Voltage Range : 1.8V ~ 6.0V (XC6204) (50mV steps) 0.9V ~ 1.75V (XC6205) (50mV steps) Highly Accurate : 2% Low Power Consumption : 70A (TYP.) Standby Current : Less than 0.1A (TYP.) High Ripple Rejection : 70dB (10kHz) (XC6204) 60dB (10kHz) (XC6205) Operational Temperature Range : -40 ~ 85 Low ESR Capacitor Compatible : Ceramic capacitor TYPICAL APPLICATION CIRCUIT TYPICAL PERFORMANCE CHARACTERISTICS XC6204_6205 ETR0304_002.doc 1 XC6204/6205 Series PIN CONFIGURATION CE 6 VSS 5 NC 4 1 VIN 2 NC 3 VOUT SOT-25 (TOP VIEW) SOT-89-5 (TOP VIEW) USP-6B (BOTTOM VIEW) *The dissipation pad for the USP-6B package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heal release. If the pad needs to be connected to other pins, it should be connected to the VSS pin. PIN ASSIGNMENT SOT-25 1 2 3 4 5 PIN NUMBER SOT-89-5 USP-6B 4 2 3 1 5 1 5 6 2, 4 3 PIN NAME VIN VSS CE NC VOUT FUNCTION Input Ground ON/OFF Control No Connection Output FUNCTIONS XC6204/6205 A, B, E, F Series CE OPERATIONAL STATE H ON L OFF XC6204/6205 C, D, G, H Series CE OPERATIONAL STATE H OFF L ON H= High Level L= Low Level 2 XC6204/6205 Series PRODUCT CLASSIFICATION Selection Guide The following options for the CE pin logic and internal pull-up/down are available: High Active + no pull-down resistor built-in (standard) High Active + 300k pull-down resistor built-in Ordering Information XC6204/6205 DESIGNATOR (*1) DESCRIPTION Type of Regulator (CE pin Logic) Output Voltage SYMBOL A/E B/F C/G D/H 09 ~ 60, 2 Output Voltage Accuracy 1 (*2) A B (*2) NOTE : *1: E to H types are compatible to 300mA of XC6204 series. *2: Output voltage range of the 1 accuracy product is 3.0V to 6.0V. DESCRIPTION : High Active, pull-down resistor built-in : High Active, no pull-down resistor built-in : Low Active, pull-up resistor built-in : Low Active, no pull-up resistor built-in : e.g. VOUT=2.0V=2, =0 : 100mV increments, 2% accuracy e.g. VOUT=3.8V, 2%=3, =8, =2 : 100mV increments, 1% accuracy e.g. VOUT=3.0V, 1%=3, =0, =1 : 50mV increments, 2% accuracy e.g. VOUT=3.85V, 2%=3, =8, =A : 50mV increments, 1% accuracy e.g. VOUT=3.05V, 1%=3, =0, =B : SOT-25 (SOT-23-5) : USP-6B : SOT-89-5 : Embossed tape, standard feed : Embossed tape, reverse feed Package Device Orientation M D P R L 3 XC6204/6205 Series PACKAGING INFORMATION SOT-25 2.9+0.2 +0.1 5-0.4 -0.05 SOT-89-5 1.6 +0.2 -0.1 2.8+0.2 0~0.1 0.95 0.95 0.15 +0.1 -0.05 1.9+0.2 USP-6B 4 1.1+0.1 1.0~1.3 MIN 0.2 XC6204/6205 Series MARKING RULE [XC6204] SOT-25, SOT-89-5 5 2 4 5 4 1 2 SOT-25 3 1 2 SOT-89-5 (TOP VIEW) 3 (TOP VIEW) Represents product series MARK 4 Represents type of regulator MARK PRODUCT SERIES OUTPUT VOLTAGE 100mV INCREMENTS OUTPUT VOLTAGE 50mV INCREMENTS VOLTAGE =0.1~3.0V VOLTAGE =3.1~6.0V VOLTAGE =0.153.05V VOLTAGE =3.156.05V V X Y Z A B C D E F H K L M N P XC6204Axxxxx XC6204Bxxxxx XC6204Cxxxxx XC6204Dxxxxx PRODUCT SERIES XC6204xxxxxx Represents output voltage MARK 0 1 2 3 4 5 6 7 8 9 A B C D E OUTPUT VOLTAGE (V) 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5 3.15 3.25 3.35 3.45 3.55 3.65 3.75 3.85 3.95 4.05 4.15 4.25 4.35 4.45 4.55 MARK F H K L M N P R S T U V X Y Z 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 OUTPUT VOLTAGE (V) 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 5.6 5.7 5.8 5.9 6.0 1.65 1.75 1.85 1.95 2.05 2.15 2.25 2.35 2.45 2.55 2.65 2.75 2.85 2.95 3.05 4.65 4.75 4.85 4.95 5.05 5.15 5.25 5.35 5.45 5.55 5.65 5.75 5.85 5.95 6.05 Represents production lot number 09, A to Z repeated. (G, I, J, O, Q, W excepted) 5 XC6204/6205 Series MARKING RULE (Continued) [XC6204] USP-6B 1 2 3 6 5 4 USP-6B (TOP VIEW) Represents product series MARK 0 4 PRODUCT SERIES XC6204xxxxDx Represents type of regulator MARK A B C D TYPE CE pin, High Active, Pull-Down Resistor Built-In CE pin, High Active, No Pull-Down Resistor Built-In CE pin, High Active, Pull-Up Resistor Built-In CE pin, Low Active, No Pull-Up Resistor Built-In PRODUCT SERIES XC6204AxxxDx XC6204BxxxDx XC6204CxxxDx XC6204DxxxDx Represents integer of the output voltage MARK 3 5 VOLTAGEV 3.X 5.X PRODUCT SERIES XC6204x3xxDx XC6204x5xxDx Represents decimal number of output voltage MARK 0 1 2 3 4 5 6 7 8 9 VOLTAGE (V) X.0 X.1 X.2 X.3 X.4 X.5 X.6 X.7 X.8 X.9 PRODUCT SERIES XC6204xx0xDx XC6204xx1xDx XC6204xx2xDx XC6204xx3xDx XC6204xx4xDx XC6204xx5xDx XC6204xx6xDx XC6204xx7xDx XC6204xx8xDx XC6204xx9xDx MARK A B C D E F H K L M VOLTAGE (V) X.05 X.15 X.25 X.35 X.45 X.55 X.65 X.75 X.85 X.95 PRODUCT SERIES XC6204xx0ADx XC6204xx1ADx XC6204xx2ADx XC6204xx3ADx XC6204xx4ADx XC6204xx5ADx XC6204xx6ADx XC6204xx7ADx XC6204xx8ADx XC6204xx9ADx Represents production lot number 0 to 9, A to Z repeated. (G, I, J, O, Q, W excepted) Note: No character inversion used. 6 XC6204/6205 Series MARKING RULE (Continued) [XC6205] SOT-25, SOT-89-5 5 5 2 4 4 1 2 SOT-25 3 1 2 SOT-89-5 (TOP VIEW) 3 (TOP VIEW) Represents product series MARK 5 PRODUCT SERIES XC6205xxxxxx Represents type of regulator MARK OUTPUT VOLTAGE OUTPUT VOLTAGE 100mV INCREMENTS 50mV INCREMENTS V X Y Z Represents output voltage MARK 8 9 A B C OUTPUT VOLTAGE (V) 0.9 1.0 1.1 1.2 1.3 0.95 1.05 1.15 1.25 1.35 MARK D E F H OUTPUT VOLTAGE (V) 1.4 1.5 1.6 1.7 1.45 1.55 1.65 1.75 E F H K PRODUCT SERIES XC6205Axxxxx XC6205Bxxxxx XC6205Cxxxxx XC6205Dxxxxx Represents production lot number 0 to 9, A to Z, reversed character of 0 to 9 and A to Z repeated. (G, I, J, O, Q, W excepted) 7 XC6204/6205 Series MARKING RULE(Continued) [XC6205] USP-6B 1 2 3 6 5 4 USP-6B (TOP VIEW) Represents product series MARK 0 5 PRODUCT SERIES XC6205xxxxDx Represents type of voltage regulator MARK A B C D CE pin: CE pin: CE pin: CE pin: TYPE High Active with Pull-Down Resistor Built-In High Active with No Pull-Down Resistor Built-In Low Active with Pull-Up Resistor Built-In Low Active with No Pull-Up Resistor Built-In PRODUCT SERIES XC6205AxxxDx XC6205BxxxDx XC6205CxxxDx XC6205DxxxDx Represents integer of output voltage MARK 3 5 VOLTAGE (V) 3.X 5.X PRODUCT SERIES XC6205x3xxDx XC6205x5xxDx Represents decimal point of output voltage MARK 0 1 2 3 4 5 6 7 8 9 OUTPUT VOLTAGE (V) X.0 X.1 X.2 X.3 X.4 X.5 X.6 X.7 X.8 X.9 XC6205xx0xDx XC6205xx1xDx XC6205xx2xDx XC6205xx3xDx XC6205xx4xDx XC6205xx5xDx XC6205xx6xDx XC6205xx7xDx XC6205xx8xDx XC6205xx8xDx MARK A B C D E F H K L M OUTPUT VOLTAGE (V) X.05 X.15 X.25 X.35 X.45 X.55 X.65 X.75 X.85 X.95 XC6205xx0ADx XC6205xx1ADx XC6205xx2ADx XC6205xx3ADx XC6205xx4ADx XC6205xx5ADx XC6205xx6ADx XC6205xx7ADx XC6205xx8ADx XC6205xx9ADx Represents production lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted) *No character inversion used. 8 XC6204/6205 Series BLOCK DIAGRAM Diodes shown in the above circuit are protective diodes. ABSOLUTE MAXIMUM RATINGS PARAMETER Input Voltage Output Current Output Voltage CE Input Voltage SOT-25 Power Dissipation USP-6B SOT-89-5 Operational Temperature Range Storage Temperature Range SYMBOL VIN IOUT VOUT VCE Pd Topr Tstg RATINGS 12.0 500 VSS-0.3VIN+0.3 VSS-0.3VIN+0.3 250 100 500 -40 ~ +85 -55 ~ +125 Ta=25 UNITS V mA V V mW 9 XC6204/6205 Series ELECTRICAL CHARACTERISTICS XC6204A, B series PARAMETER Output Voltage (2% products) (*3) Output Voltage (1% products) (*3) Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (A series) Supply Current (B series) Standby Current Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current (A series) CE "High" Current (B series) CE "Low" Current NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1 (*6) SYMBOL CONDITIONS MIN. x0.98 Ta = 25 TYP. MAX. -40 x1.02 x0.97 VOUT(T) x1.01 x0.98 15 50 E-1 E-2 150 30 VOUT(E) IOUT = 30mA x0.99 V x1.02 80 mA mV mV 1 IOUTMAX VOUT Vdif1 Vdif2 1mAIOUT100mA IOUT = 30mA IOUT = 100mA VIN = VCE = VOUT(T)+1.0V 150 - 1 1 1 50 40 2 - 80 70 0.01 0.01 100 30 120 100 0.10 0.20 10 VIN 0.25 20.0 0.10 0.10 50 40 2 1.7 3.0 -0.15 -0.15 90 80 0.05 0.05 280 60 - 145 A 2 120 1.00 0.30 10 VIN 0.20 25.0 0.15 0.15 A 2 A %/V V ppm/ Vrms dB mA mA V 2 1 1 3 4 1 1 1 IDD VIN = VCE = VOUT(T)+1.0V Istby VOUT VINVOUT VIN VOUT ToprVOUT en PSRR Ilim Ishort VCEH VCEL VIN = VOUT(T)+1.0V, VCE = VSS VOUT(T)+1.0VVIN10V IOUT = 30mA IOUT = 30mA -40Topr85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC IOUT = 50mA, f=10kHz VIN = VOUT(T)+1.0V, VCE = VIN VIN = VOUT(T)+1.0V, VCE = VIN VIN = VCE = VOUT(T)+1.0V ICEH VIN = VCE = VOUT(T)+1.0V ICEL VIN = VOUT(T)+1.0V, VCE = VSS -0.10 -0.10 1.6 3.2 70 300 50 - -VOUT1 (*5) } *5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *7 : The values for -40Topr85 are designed values. 10 XC6204/6205 Series ELECTRICAL CHARACTERISTICS (Continued) XC6204C, D series PARAMETER Output Voltage (2% products) (*3) Output Voltage (1% products) (*3) Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (C series) Supply Current (D series) Standby Current Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current CE "Low" Current (C series) CE "Low" Current (D series) NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1 (*6) SYMBOL CONDITIONS MIN. x0.98 Ta = 25 TYP. MAX. -40 x1.02 x0.97 VOUT(T) x1.01 x0.98 15 50 E-1 E-2 150 30 VOUT(E) IOUT = 30mA x0.99 V x1.02 80 mA mV mV 1 IOUTMAX VOUT Vdif1 Vdif2 1mAIOUT100mA IOUT = 30mA IOUT = 100mA VIN = VOUT(T)+1.0V, VCE = VSS 150 - 1 1 1 50 40 2 - 80 70 0.01 0.01 100 30 120 100 0.10 0.20 10 VIN 0.25 0.10 -3.2 0.10 50 40 2 1.7 -0.15 -25.0 -0.15 90 80 0.05 0.05 280 60 - 145 A 2 120 1.00 0.30 10 VIN 0.20 0.15 -3.0 0.15 A 2 A %/V V ppm/ Vrms dB mA mA V 2 1 1 3 4 1 1 1 IDD VIN = VOUT(T)+1.0V, VCE = VSS Istby VOUT VINVOUT VIN VOUT ToprVOUT en PSRR Ilim Ishort VCEH VCEL ICEH VIN = VCE = VOUT(T)+1.0V VOUT(T)+1.0V VIN10V IOUT = 30mA IOUT = 30mA -40Topr85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC IOUT = 50mA, f = 10kHz VIN = VOUT(T)+1.0V, VCE = VSS VIN = VOUT(T)+1.0V, VCE = VSS VIN = VCE = VOUT(T)+1.0V VIN = VOUT(T)+1.0V, VCE = VSS ICEL VIN = VOUT(T)+1.0V, VCE = VSS -0.10 1.6 -0.10 -20.0 70 300 50 - -VOUT1 (*5) } *5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *7 : The values for -40Topr85 are designed values. 11 XC6204/6205 Series ELECTRICAL CHARACTERISTICS (Continued) XC6204E, F series PARAMETER Output Voltage (2% products) (*3) Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (E series) Supply Current (F series) Standby Current Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current (E series) CE "High" Current (F series) CE "Low" Current NOTE: ICEL ICEH VIN = VCE = VOUT(T)+1.0V VIN = VOUT(T)+1.0V, VCE = VSS -0.10 -0.10 0.10 0.10 A 2 Istby VOUT VINVOUT VIN VOUT ToprVOUT en PSRR Ilim Ishort VCEH VCEL IDD VIN = VCE = VOUT(T)+1.0V VIN = VOUT(T)+1.0V, VCE = VSS VOUT(T)+1.0VVIN10V IOUT = 30mA IOUT = 30mA -40Topr85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC IOUT = 50mA, f = 10kHz VIN = VOUT(T)+1.0V, VCE = VIN VIN = VOUT(T)+1.0V, VCE = VIN VIN = VCE = VOUT(T)+1.0V 1.6 3.2 40 2 70 0.01 0.01 100 30 70 380 50 100 0.10 0.20 10 VIN 0.25 20.0 A 2 A %/V V ppm/ Vrms dB mA mA V 2 1 1 3 4 1 1 1 SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2 CONDITIONS IOUT = 30mA VIN = VOUT(T)+1.0V When VOUT2.0V, VIN = 3.0V 1mAIOUT100mA IOUT = 30mA IOUT = 100mA VIN = VCE = VOUT(T)+1.0V 50 300 MIN. Ta = 25 TYP. MAX. E-0 15 E-1 E-2 80 120 A 2 50 UNITS CIRCUIT V mA mV mV 1 1 1 1 *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1 (*6) -VOUT1 (*5) } *5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. 12 XC6204/6205 Series ELECTRICAL CHARACTERISTICS (Continued) XC6204G, H series PARAMETER Output Voltage (2% products) (*3) Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (G series) Supply Current (H series) Standby Current Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current CE "Low" Current (G series) CE "Low" Current (H series) NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1 (*6) SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2 CONDITIONS IOUT = 30mA VIN = VOUT(T)+1.0V When VOUT2.0V, VIN = 3.0V 1mAIOUT100mA IOUT = 30mA IOUT = 100mA VIN = VOUT(T)+1.0V, VCE = VSS MIN. Ta = 25 TYP. MAX. E-0 UNITS CIRCUIT V 1 1 1 1 300 - 15 E-1 E-2 50 mA mV mV 50 40 2 - 80 70 0.01 0.01 100 30 120 A 2 100 0.10 0.20 10 VIN 0.25 0.10 -3.2 0.10 A 2 A %/V V ppm/ Vrms dB mA mA V 2 1 1 3 4 1 1 1 IDD VIN = VOUT(T)+1.0V, VCE = VSS Istby VOUT VINVOUT VIN VOUT ToprVOUT en PSRR Ilim Ishort VCEH VCEL ICEH VIN = VCE =VOUT(T)+1.0V VOUT(T)+1.0VVIN10V IOUT = 30mA IOUT = 30mA -40Topr85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC IOUT = 50mA, f = 10kHz VIN = VOUT(T)+1.0V, VCE = VSS VIN = VOUT(T)+1.0V, VCE = VSS VIN = VCE = VOUT(T)+1.0V VIN = VOUT(T)+1.0V, VCE = VSS ICEL VIN = VOUT(T)+1.0V, VCE = VSS -0.10 1.6 -0.10 -20.0 70 380 50 - -VOUT1 (*5) } *5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. 13 XC6204/6205 Series ELECTRICAL CHARACTERISTICS (Continued) XC6205A, B series PARAMETER Output Voltage (*3) (*7) Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (A series) Supply Current (B series) Standby Current Istby VOUT VINVOUT VIN VOUT ToprVOUT en IDD SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2 1mAIOUT100mA IOUT = 30mA IOUT = 100mA VIN = VCE = VOUT(T)+1.0V When VOUT0.95V, VIN = VCE = 2.0V VIN = VCE = VOUT(T)+1.0V When VOUT0.95V, VIN = VCE = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = 2.0V VOUT(T)+1.0VVIN10V IOUT = 30mA, VCE = VIN When VOUT0.95V, 2.0VVIN10V IOUT = 30mA -40Topr85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current (A series) CE "High" Current (B series) CE "Low" Current NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V However, when VOUT0.95V, VIN=2.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1 (*6) CONDITIONS IOUT = 30mA MIN. Ta = 25 TYP. MAX. UNITS CIRCUIT V mA mV mV 1 1 1 1 x0.98 VOUT(T) x1.02 150 15 E-1 E-2 50 40 80 70 0.01 120 50 A 100 0.10 A 2 2 Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise 2 - 0.01 100 30 0.20 10 - %/V V ppm/ Vrms 1 1 3 PSRR Ilim Ishort VCEH VCEL When VOUT1.5V, VIN =2.5V+1.0Vp-pAC IOUT = 50mA, f = 10kHz VIN = VOUT(T)+2.0V, VCE = VIN VIN = VOUT(T)+2.0V, VCE = VIN VIN = VCE = VOUT(T)+1.0V When VOUT0.95V, VIN = VCE = 2.0V VIN = VCE = VOUT(T)+1.0V When VOUT0.95V, VIN = VCE = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = 2.0V 1.6 3.2 -0.10 -0.10 65 300 50 - VIN 0.25 20.0 0.10 0.10 dB mA mA V 4 1 1 1 ICEH A 2 ICEL -VOUT1 (*5) } *5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *8 : When VOUT(T)1.45V, MIN. VOUT (T)-30mV MAX. VOUT (T)+30mV 14 XC6204/6205 Series ELECTRICAL CHARACTERISTICS (Continued) XC6205C, D series PARAMETER Output Voltage (*3) (*7) Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (C series) Supply Current (D series) Standby Current Istby VOUT VINVOUT VIN VOUT ToprVOUT en IDD SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2 1mAIOUT100mA IOUT = 30mA IOUT = 100mA VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = 2.0V VIN = VCE =VOUT(T)+1.0V When VOUT0.95V, VIN = VCE = 2.0V VOUT(T)+1.0VVIN10V IOUT = 30mA, VCE = VSS When VOUT0.95V, 2.0VVIN10V IOUT = 30mA -40Topr85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current CE "Low" Current (C series) CE "Low" Current (D series) NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V However, when VOUT0.95V, VIN=2.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1 (*6) CONDITIONS IOUT = 30mA MIN. Ta = 25 TYP. MAX. UNITS CIRCUIT V mA mV mV 1 1 1 1 x0.98 VOUT(T) x1.02 150 15 E-1 E-2 50 40 80 70 0.01 120 50 A 100 0.10 A 2 2 Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise 2 - 0.01 100 30 0.20 10 - %/V V ppm/ Vrms 1 1 3 PSRR Ilim Ishort VCEH VCEL ICEH When VOUT1.5V, VIN =2.5V+1.0Vp-pAC IOUT = 50mA, f = 10kHz VIN = VOUT(T)+2.0V, VCE = VSS VIN = VOUT(T)+2.0V, VCE = VSS VIN = VCE = VOUT(T)+1.0V When VOUT0.95V, VIN = VCE = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = 2.0V 1.6 -0.10 -20.0 -0.10 65 300 50 - VIN 0.25 0.10 -3.2 0.10 dB mA mA V 4 1 1 1 A 2 ICEL -VOUT1 (*5) } *5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *7 : When VOUT(T)1.45V, MIN. VOUT (T)-30mV MAX. VOUT (T)+30mV 15 XC6204/6205 Series ELECTRICAL CHARACTERISTICS (Continued) XC6205E, F series PARAMETER Output Voltage (*3) (*7) Maximum Output Current (*8) Load Regulation Dropout Voltage (*4) Supply Current (E series) Supply Current (F series) Standby Current Istby VOUT VINVOUT VIN VOUT ToprVOUT en IDD SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2 CONDITIONS IOUT = 30mA VIN = E-5 1mAIOUT100mA IOUT = 30mA IOUT = 100mA VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = VCE = 2.0V VIN = VCE =VOUT(T)+1.0V When VOUT0.95V, VIN = VCE = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = 2.0V VOUT(T)+1.0VVIN10V IOUT = 30mA, VCE = VIN When VOUT0.95V, 2.0VVIN10V IOUT = 30mA -40Topr85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current (E series) CE "High" Current (F series) CE "Low" Current NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V However, when VOUT0.95V, VIN=2.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1 (*6) MIN. Ta = 25 TYP. MAX. UNITS CIRCUIT V mA 1 1 1 1 x0.98 VOUT(T) x1.02 E-4 15 E-1 E-2 50 40 80 70 0.01 120 50 mV mV A 100 0.10 A 2 2 Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise 2 - 0.01 100 30 0.20 10 - %/V V ppm/ Vrms 1 1 3 PSRR Ilim Ishort VCEH VCEL When VOUT1.5V, VIN =2.5V+1.0Vp-pAC IOUT = 50mA, f = 10kHz VIN = VOUT(T)+2.0V, VCE = VIN VIN = VOUT(T)+2.0V, VCE = VIN VIN = VCE = VOUT(T)+1.0V When VOUT0.95V, VIN = VCE = 2.0V VIN = VCE = VOUT(T)+1.0V When VOUT0.95V, VIN = VCE = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = 2.0V 1.6 3.2 -0.10 -0.10 65 380 50 - VIN 0.25 20.0 0.10 0.10 dB mA mA V 4 1 1 1 ICEH A 2 ICEL -VOUT1 (*5) } *5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *7 : When VOUT(T)1.45V, MIN. VOUT (T)-30mV MAX. VOUT (T)+30mV *8 : Refer to "Specification & Condition by Series" 16 XC6204/6205 Series ELECTRICAL CHARACTERISTICS (Continued) XC6205G, H series PARAMETER Output Voltage (*3) (*7) Maximum Output Current (*8) Load Regulation Dropout Voltage (*4) Supply Current (G series) Supply Current (H series) Standby Current Istby VOUT VINVOUT VIN VOUT ToprVOUT en IDD SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2 CONDITIONS IOUT = 30mA VIN = E-5 1mAIOUT100mA IOUT = 30mA IOUT = 100mA VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = 2.0V VIN = VCE =VOUT(T)+1.0V When VOUT0.95V, VIN = VCE = 2.0V VOUT(T)+1.0VVIN10V IOUT = 30mA, VCE = VSS When VOUT0.95V, 2.0VVIN10V IOUT = 30mA -40Topr85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current CE "Low" Current (G series) CE "Low" Current (H series) NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V However, when VOUT0.95V, VIN=2.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1 (*6) MIN. Ta = 25 TYP. MAX. UNITS CIRCUIT V mA mV mV 1 1 1 1 x0.98 VOUT(T) x1.02 E-4 15 E-1 E-2 50 40 80 70 0.01 120 50 A 100 0.10 A 2 2 Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise 2 - 0.01 100 30 0.20 10 - %/V V ppm/ Vrms 1 1 3 PSRR Ilim Ishort VCEH VCEL ICEH When VOUT1.5V, VIN =2.5V+1.0Vp-pAC IOUT = 50mA, f = 10kHz VIN = VOUT(T)+2.0V, VCE = VSS VIN = VOUT(T)+2.0V, VCE = VSS VIN = VCE = VOUT(T)+1.0V When VOUT0.95V, VIN = VCE = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT0.95V, VIN = 2.0V 1.6 -0.10 -20.0 -0.10 65 380 50 - VIN 0.25 0.10 -3.2 0.10 dB mA mA V 4 1 1 1 A 2 ICEL -VOUT1 (*5) } *5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *7 : When VOUT(T)1.45V, MIN. VOUT (T)-30mV MAX. VOUT (T)+30mV *8 : Refer to "Specification & Condition by Series" 17 XC6204/6205 Series ELECTRICAL CHARACTERISTICS (Continued) Voltage Chart XC6204 series SYMBOL PARAMETER SETTING OUTPUT VOLTAGE (V) Note: For the XC6204E, F, G, H series, see the item "Ta=25" only. E-0 OUTPUT VOLTAGE (V) (2% products) VOUT MIN. MAX. 1.836 1.887 1.938 1.989 2.040 2.091 2.142 2.193 2.244 2.295 2.346 2.397 2.448 2.499 2.550 2.601 2.652 2.703 2.754 2.805 2.856 2.907 2.958 3.009 3.060 3.111 3.162 3.213 3.264 3.315 3.366 3.417 3.468 3.519 3.570 3.621 3.672 3.723 3.774 3.825 3.876 3.927 3.978 4.029 E-1 DROPOUT VOLTAGE 1 (mV) IOUT=30mA Vdif 1 Ta = 25 TYP. 200 200 120 120 80 80 80 80 80 80 80 80 80 80 70 70 70 70 70 70 70 70 70 70 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 MAX. 210 210 150 150 120 120 120 120 120 120 120 120 120 120 100 100 100 100 100 100 100 100 100 100 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 -40Topr85 TYP. 210 210 130 130 90 90 90 90 90 90 90 90 90 90 80 80 80 80 80 80 80 80 80 80 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 MAX. 230 230 170 170 140 140 140 140 140 140 140 140 140 140 120 120 120 120 120 120 120 120 120 120 110 110 110 110 110 110 110 110 110 110 110 110 110 110 110 110 110 110 110 110 Ta = 25 TYP. 300 300 280 280 240 240 240 240 240 240 240 240 240 240 220 220 220 220 220 220 220 220 220 220 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 MAX. 400 400 380 380 350 350 330 330 330 330 310 310 310 310 290 290 290 290 290 290 270 270 270 270 270 270 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 E-2 DROPOUT VOLTAGE 2 (mV) IOUT=100mA Vdif 2 -40Topr85 TYP. 340 340 320 320 280 280 280 280 280 280 280 280 280 280 260 260 260 260 260 260 260 260 260 260 240 240 240 240 240 240 240 240 240 240 240 240 240 240 240 240 240 240 240 240 MAX. 480 480 460 460 430 430 410 410 410 410 390 390 390 390 370 370 370 370 370 370 350 350 350 350 350 350 330 330 330 330 330 330 330 330 330 330 330 330 330 330 330 330 330 330 VOUT (T) 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 1.764 1.813 1.862 1.911 1.960 2.009 2.058 2.107 2.156 2.205 2.254 2.303 2.352 2.401 2.450 2.499 2.548 2.597 2.646 2.695 2.744 2.793 2.842 2.891 2.940 2.989 3.038 3.087 3.136 3.185 3.234 3.283 3.332 3.381 3.430 3.479 3.528 3.577 3.626 3.675 3.724 3.773 3.822 3.871 18 XC6204/6205 Series ELECTRICAL CHARACTERISTICS (Continued) Voltage Chart (Continued) XC6204 series (Continued) Note: For the XC6204E, F, G, H series, see the item "Ta=25" only. SYMBOL PARAMETER SETTING OUTPUT VOLTAGE (V) E-0 OUTPUT VOLTAGE (V) (2% products) VOUT MIN. MAX. 4.080 4.131 4.182 4.233 4.284 4.335 4.386 4.437 4.488 4.539 4.590 4.641 4.692 4.743 4.794 4.845 4.896 4.947 4.998 5.049 5.100 5.151 5.202 5.253 5.304 5.355 5.406 5.457 5.508 5.559 5.610 5.661 5.712 5.763 5.814 5.865 5.916 5.967 6.018 6.069 6.120 E-1 DROPOUT VOLTAGE 1 (mV) IOUT=30mA Vdif 1 Ta = 25 TYP. 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 MAX. 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 -40Topr85 TYP. 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 MAX. 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 Ta = 25 TYP. 180 180 180 180 180 180 180 180 180 180 180 180 180 180 180 180 180 180 180 180 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 MAX. 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 E-2 DROPOUT VOLTAGE 2 (mV) IOUT=100mA Vdif 2 -40Topr85 TYP. 220 220 220 220 220 220 220 220 220 220 220 220 220 220 220 220 220 220 220 220 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 MAX. 310 310 310 310 310 310 310 310 310 310 310 310 310 310 310 310 310 310 310 310 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 VOUT(T) 4.00 4.05 4.10 4.15 4.20 4.25 4.30 4.35 4.40 4.45 4.50 4.55 4.60 4.65 4.70 4.75 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 5.25 5.30 5.35 5.40 5.45 5.50 5.55 5.60 5.65 5.70 5.75 5.80 5.85 5.90 5.95 6.00 3.920 3.969 4.018 4.067 4.116 4.165 4.214 4.263 4.312 4.361 4.410 4.459 4.508 4.557 4.606 4.655 4.704 4.753 4.802 4.851 4.900 4.949 4.998 5.047 5.096 5.145 5.194 5.243 5.292 5.341 5.390 5.439 5.488 5.537 5.586 5.635 5.684 5.733 5.782 5.831 5.880 19 XC6204/6205 Series ELECTRICAL CHARACTERISTICS (Continued) Voltage Chart (Continued) XC6204 series, 1% products Note:1% output voltage accuracy products are available for the XC6204E~H series from VOUT=2.95V. SYMBOL PARAMETER SETTING OUTPUT VOLTAGE (V) E-0 OUTPUT VOLTAGE (V) (1% products) VOUT MIN. 2.921 2.970 3.020 3.069 3.119 3.168 3.218 3.267 3.317 3.366 3.416 3.465 3.515 3.564 3.614 3.663 3.713 3.762 3.812 3.861 3.911 3.960 4.010 4.059 4.109 4.158 4.208 4.257 4.307 4.356 4.405 4.455 MAX. 2.980 3.030 3.081 3.131 3.182 3.232 3.283 3.333 3.384 3.434 3.485 3.535 3.586 3.636 3.687 3.737 3.788 3.838 3.889 3.939 3.990 4.040 4.091 4.141 4.192 4.242 4.293 4.343 4.394 4.444 4.494 4.545 SYMBOL PARAMETER SETTING OUTPUT VOLTAGE (V) E-0 OUTPUT VOLTAGE (V) (1% products) VOUT MIN. 4.505 4.554 4.604 4.653 4.703 4.752 4.802 4.851 4.901 4.950 5.000 5.049 5.099 5.148 5.198 5.247 5.297 5.346 5.396 5.445 5.495 5.544 5.594 5.643 5.693 5.742 5.792 5.841 5.891 5.940 MAX. 4.596 4.646 4.697 4.747 4.798 4.848 4.899 4.949 5.000 5.050 5.101 5.151 5.202 5.252 5.303 5.353 5.404 5.454 5.505 5.555 5.606 5.656 5.707 5.757 5.808 5.858 5.909 5.959 6.010 6.060 VOUT (T) 2.95 3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00 4.05 4.10 4.15 4.20 4.25 4.30 4.35 4.40 4.45 4.50 VOUT (T) 4.55 4.60 4.65 4.70 4.75 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 5.25 5.30 5.35 5.40 5.45 5.50 5.55 5.60 5.65 5.70 5.75 5.80 5.85 5.90 5.95 6.00 20 XC6204/6205 Series ELECTRICAL CHARACTERISTICS (Continued) Voltage Chart (Continued) XC6205 series SYMBOL PARAMETER SETTING OUTPUT VOLTAGE (V) E-0 OUTPUT VOLTAGE (V) VOUT MIN. MAX. 0.930 0.980 1.030 1.080 1.130 1.180 1.230 1.280 1.330 1.380 1.430 1.480 1.530 1.581 1.632 1.683 1.734 1.785 E-1 E-2 DROPOUT DROPOUT VOLTAGE1 (mV) VOLTAGE 2 (mV) IOUT=30mA IOUT=100mA Ta = 25 Vdif 1 TYP. 1050 1050 1000 1000 900 900 800 800 700 700 600 600 500 500 400 400 300 300 MAX. 1100 1100 1100 1100 1000 1000 900 900 800 800 700 700 600 600 500 500 400 400 TYP. 1150 1150 1050 1050 950 950 850 850 750 750 650 650 550 550 500 500 400 400 Vdif 2 MAX. 1200 1200 1200 1200 1100 1100 1000 1000 900 900 800 800 700 700 600 600 500 500 VOUT (T) 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 0.870 0.920 0.970 1.020 1.070 1.120 1.170 1.220 1.270 1.320 1.370 1.420 1.470 1.519 1.568 1.617 1.666 1.715 Specification Chart by Series SYMBOL PRODUCT SERIES XC6205A XC6205B XC6205C XC6205D S-1 S-2 SUPPLY CURRENT CE "H" CURRENT (A) (A) MAX. MIN. 52.0 42.0 52.0 42.0 115.0 95.0 115.0 95.0 18.0 0.1 0.1 0.1 S-3 CE "L" CURRENT (A) -0.1 -0.1 -18.0 -0.1 Specification & Condition by Series SYMBOL SPECIFIED OUTPUT VOLTAGE (V) 0.900.95 1.001.05 1.101.15 1.201.25 1.301.35 1.401.45 1.501.75 * VOUT(T)=Specified output voltage E-5 INPUT VOLTAGE (V) VIN 2.5 2.5 2.6 2.7 2.8 2.9 3.0 300 E-4 MAXIMUM OUTPUT CURRENT (mA) MIN. 260 260 270 290 21 XC6204/6205 Series TYPICAL APPLICATION CIRCUIT OPERATIONAL EXPLANATION Output voltage control with the XC6204/6205 series: The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The P-channel MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT pin is controlled & stabilized by a system of negative feedback. The current limit circuit and short protect circuit operate in relation to the level of output current. Further, the IC's internal circuitry can be shutdown via the CE pin's signal. < Low ESR Capacitors > With the XC6204/05 series, a stable output voltage is achievable even if used with a low ESR capacitor as a phase compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an output capacitor (CL) is connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an output capacitor with a capacitance value of at least 1F. Also, please connect an input capacitor (CIN) of 0.1F between the VIN pin and the VSS pin in order to ensure a stable power input. Recommended output capacitor values VOUT 0.9V ~ 1.2V 1.25V ~ 1.75V CL 4.7F 2.2F 22 XC6204/6205 Series OPERATIONAL EXPLANATION (Continued) Enable Response Time Turn-ON Response Time 23 XC6204/6205 Series NOTES ON USE 1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please strengthen VIN and VSS wiring in particular. 3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible. TEST CIRCUITS Circuit 1 Circuit 2 Circuit 3 Circuit 4 24 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS XC6204 (1) Output Voltage vs. Output Current 25 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (1) Output Voltage vs. Output Current (Continued) (2) Output Voltage vs. Input Voltage 26 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (2) Output Voltage vs. Input Voltage (Continued) (3) Dropout Voltage vs. Output Current 27 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (3) Dropout Voltage vs. Output Current (Continued) * Since the operation of this IC is only guaranteed from VIN=2.0V and above, it is essential that when using with applications where VOUT=2.0V or less, the difference between VIN and VOUT be at least equal to 2V - VOUT(T). (4) Supply Current vs. Input Voltage 28 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (5) Output Voltage vs. Ambient Temperature (6) Supply Current vs. Ambient Temperature 29 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (6) Supply Current vs. Ambient Temperature (Continued) (7) CE Pin Threshold Voltage vs. Ambient Temperature (8) Input Transient Response 30 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (8) Input Transient Response (Continued) 31 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (8) Input Transient Response (Continued) XC6204x502 8 IOUT=1mA, tr=tf=5usec CL=1.0uFceramic) 5.08 5.06 Input Voltage: VIN (V) 7 6 5 4 3 2 Output Voltage Input Voltage 5.04 5.02 5.00 4.98 4.96 Time (40sec/div.) XC6204x502 8 IOUT=30mA, tr=tf=5usec CL=1.0uF(ceramic) XC6204x502 5.08 8 Output Voltage: VOUT (V) Input Voltage: VIN (V) 7 6 IOUT=100mA, tr=tf=5usec CL=1.0uFceramic) 5.08 5.06 5.04 Output Voltage: VOUT (V) Input Voltage: VIN (V) 7 6 5 4 3 2 Output Voltage Input Voltage 5.06 5.04 5.02 5.00 4.98 4.96 Input Voltge 5 4 3 2 Output Voltage Time (40sec/div.) 5.02 5.00 4.98 4.96 Time (40sec/div.) (9) Load Transient Response 32 Output Voltage: VOUT (V) XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (9) Load Transient Response (Continued) 33 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (9) Load Transient Response (Continued) 34 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (9) Load Transient Response (Continued) 35 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (9) Load Transient Response (Continued) (10) Turn-On Response Time 36 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (10) Turn-On Response Time 37 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (10) Turn-On Response Time (Continued) (11) Enable Response Time (These characteristics will not be affected by the nature of the CE pin's logic) 38 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (11) Enable Response Time (Continued) (These characteristics will not be affected by the nature of the CE pin's logic) 39 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (11) Enable Response Time (Continued) (These characteristics will not be affected by the nature of the CE pin's logic) (12) Ripple Rejection Rate 40 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6204 (Continued) (12) Ripple Rejection Rate (Continued) (13) Output Noise Density 41 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6205 (1) Output Voltage vs. Output Current (2) Output Voltage vs. Output Current (Current Limit) 42 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6205 (Continued) (3) Output Voltage vs. Input Voltage XC6205x092 XC6205x092 XC6205x152 XC6205x152 (4) Dropout Voltage VS. Output Current XC6205x152 XC6205x152 43 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6205 (Continued) (5) Supply Current vs. Input Voltage (6) Output Voltage vs. Ambient Temperature 44 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6205 (Continued) (7) Supply Current vs. Ambient Temperature XC6205x092 XC6205x152 (8) CE Pin Threshold Voltage vs. Ambient Temperature XC6205xxx2 (9) Load Transient Response 45 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6205 (Continued) (9) Load Transient Response (Continued) (10) Input Transient Response 1 (11) Input Transient Response 2 XC6205x092 XC6205x092 46 XC6204/6205 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) XC6205 (Continued) (11) Input Transient Response 2 (Continued) XC6205x152 XC6205x152 (12) Enable Response Time XC6205B092 XC6205x152 (13) Ripple Rejection Rate XC6205x092 XC6205x152 47 |
Price & Availability of XC6205 |