Part Number Hot Search : 
G4106 ISL625 FM302B K4102 1305092 TPA3123 OP220AZ VT82C693
Product Description
Full Text Search
 

To Download XC3195A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
XC3100A Logic Cell Array Families
Product Specifications
Features
* Ultra-high-speed FPGA family with six members - 50-85 MHz system clock rates - 190 to 325 MHz guaranteed flip-flop toggle rates - 1.75 to 4.1 ns logic delays * High-end additional family member in the 22 X 22 CLB array-size XC3195A device * 8 mA output sink current and 8 mA source current * Maximum power-down and quiescent current is 5 mA * Both families are 100% architecture and pin-out compatible with other XC3000 families * Beyond this, XC3100A is also software and bitstream compatible with the XC3000, XC3000A, and XC3000L families * 100% PCI complaint (A-2 speed grade in plastic quad flat pack (PQFP) packaging). XC3100A combines the features of the XC3000A and XC3100 families. * Additional interconnect resources for TBUFs and CE inputs * Error checking of the configuration bitstream * Soft startup holds all outputs slew-rate limited during initial power-up * More advanced CMOS process
Description
The XC3100A is a performance-optimized relative of the XC3000 and XC3000A families. While all families are footprint compatible, XC3100A familiy extends the system performance beyond 80 MHz. The XC3100A familiy follows the XC4000 speed-grade nomenclature, indicating device performance with a number that is based on the internal logic-block delay, in ns. The XC3100A family offers the following enhancements over the popular XC3100 family. The XC3100A family has additional interconnect resources to drive the I-inputs of TBUFs driving horizontal Longlines. The CLB Clock Enable input can be driven from a second vertical Longline. These two additions result in more efficient and faster designs when horizontal Longlines are used for data bussing. During configuration, the XC3100A devices check the bitstream format for stop bits in the appropriate positions. Any error terminates the configuration and pulls INIT Low. When the configuration process is finished and the device starts up in user mode, the first activation of the outputs is automatically slew-rate limited. This feature, called Soft Startup, avoids the potential ground bounce when all outputs are turned on simultaneously. After start-up, the slew rate of the individual outputs is, as in all XC3000 families, determined by the individual configuration option. The XC3100A family is a superset of the XC3000 families. Any bitstream used to configure an XC3000, XC3000A, XC3000L or XC3100 device, will configure the same-size XC3100A device exactly the same way.
Device XC3120A XC3130A XC3142A XC3164A XC3190A XC3195A
CLBs 64 100 144 224 320 484
Array 8x8 10 x 10 12 x 12 16 x 14 16 x 20 22 x 22
User I/O Max 64 80 96 120 144 176
Flip-Flops 256 360 480 688 928 1,320
Horizontal Longlines 16 20 24 28 40 44
Configuration Data Bits 14,779 22,176 30,784 46,064 64,160 94,944
2-177
XC3100, XC3100A Logic Cell Array Family
Xilinx maintains test specifications for each product as controlled documents. To insure the use of the most recently released device performance parameters, please request a copy of the current test-specification revision.
Absolute Maximum Ratings
Symbol Description VCC VIN VTS TSTG TSOL Supply voltage relative to GND Input voltage with respect to GND Voltage applied to 3-state output Storage temperature (ambient) Maximum soldering temperature (10 s @ 1/16 in.) Junction temperature plastic TJ Junction temperature ceramic +150 -0.5 to +7.0 -0.5 to VCC +0.5 -0.5 to VCC +0.5 -65 to +150 +260 +125 Units V V V C C C C
Note: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions is not implied. Exposure to Absolute Maximum Ratings conditions for extended periods of time may affect device reliability.
Operating Conditions
Symbol VCC Description Supply voltage relative to GND Commercial 0C to +85C junction Supply voltage relative to GND Industrial -40C to +100C junction VIHT VILT VIHC VILC TIN High-level input voltage -- TTL configuration Low-level input voltage -- TTL configuration High-level input voltage -- CMOS configuration Low-level input voltage -- CMOS configuration Input signal transition time Min 4.75 4.5 2.0 0 70% 0 Max 5.25 5.5 VCC 0.8 100% 20% 250 Units V V V V VCC VCC ns
At junction temperatures above those listed as Operating Conditions, all delay parameters increase by 0.3% per C.
2-178
DC Characteristics Over Operating Conditions
Symbol VOH VOL VOH VOL VCCPD ICCO Description High-level output voltage (@ IOH = -8.0 mA, VCC min) Commercial Low-level output voltage (@ IOL = 8.0 mA, VCC min) High-level output voltage (@ IOH = -8.0 mA, VCC min) Industrial Low-level output voltage (@ IOL = 8.0 mA, VCC min) Power-down supply voltage (PWRDWN must be Low) Quiescent LCA supply current Chip thresholds programmed as CMOS levels1 Chip thresholds programmed as TTL levels IIL CIN Input Leakage Current Input capacitance, all packages except PGA175 (sample tested) All Pins except XTL1 and XTL2 XTL1 and XTL2 Input capacitance, PGA 175 (sample tested) All Pins except XTL1 and XTL2 XTL1 and XTL2 IRIN IRLL Pad pull-up (when selected) @ VIN = 0V (sample tested) Horizontal long line pull-up (when selected) @ logic Low 0.02 0.20 -10 2.30 0.40 V V 3.76 0.40 V V Min 3.86 Max Units V
8 14 +10
mA mA A
10 15
pF pF
15 20 0.17 2.80
pF pF mA mA
Note: 1. With no output current loads, no active input or long line pull-up resistors, all package pins at VCC or GND, and the LCA configured with a MakeBits tie option. 2. Total continuous output sink current may not exceed 100 mA per ground pin. The number of ground pins varies from two for the XC3120A in the PC84 package, to eight for the XC3195A in the PQ208 or PG223 package.
2-179
XC3100, XC3100A Logic Cell Array Family
CLB Switching Characteristic Guidelines
CLB Output (X, Y) (Combinatorial) 1 CLB Input (A,B,C,D,E) 2 CLB Clock 12 TCL 4 CLB Input (Direct In) 6 CLB Input (Enable Clock) 8 CLB Output (Flip-Flop) TCKO T ECCK 7 TCKEC TDICK 11 T CH 5 TCKDI T ICK 3 T CKI T ILO
CLB Input (Reset Direct) 13 TRPW 9 T RIO CLB Output (Flip-Flop)
X5424
T
Buffer (Internal) Switching Characteristic Guidelines
Speed Grade Description Global and Alternate Clock Distribution* Either: Normal IOB input pad through clock buffer to any CLB or IOB clock input Or: Fast (CMOS only) input pad through clock buffer to any CLB or IOB clock input TBUF driving a Horizontal Long line (L.L.)* I to L.L. while T is Low (buffer active) (XC3100) (XC3100A) T to L.L. active and valid with single pull-up resistor T to L.L. active and valid with pair of pull-up resistors T to L.L. High with single pull-up resistor T to L.L. High with pair of pull-up resistors BIDI Bidirectional buffer delay Symbol -5 Max -4 Max -3 Max -2 Max -1
ADVANCE INFORMATION
Max
Units
TPID TPIDC
6.8 5.4
6.5 5.1
5.6 4.3
5.2 4.0
4.8 3.8
ns ns
TIO TIO TON TON TPUS TPUF
4.1 3.6 5.6 7.1 15.6 12.0
3.7 3.6 5.0 6.5 13.5 10.5
3.1 3.1 4.2 5.7 11.4 8.8
3.1 4.2 5.7 11.4 8.1
2.9 4.0 5.5 10.4 7.1
ns ns ns ns ns ns
TBIDI
1.4
1.2
1.0
0.9
0.85
ns
* Timing is based on the XC3142A, for other devices see XACT timing calculator.
2-180
CLB Switching Characteristic Guidelines (continued)
Testing of the switching parameters is modeled after testing methods specified by MIL-M-38510/605. All devices are 100% functionally tested. Since many internal timing parameters cannot be measured directly, they are derived from benchmark timing patterns. The following guidelines reflect worst-case values over the recommended operating conditions. For more detailed, more precise, and more up-to-date timing information, use the values provided by the XACT timing calculator and used in the simulator.
Speed Grade Description Combinatorial Delay Logic Variables A, B, C, D, E, to outputs X or Y Sequential delay Clock K to outputs X or Y Clock K to outputs X or Y when Q is returned through function generators F or G to drive X or Y Set-up time before clock K Logic Variables Data In Enable Clock Reset Direct inactive Hold Time after clock k Logic Variables Data In Enable Clock Clock Clock High time Clock Low time Max. flip-flop toggle rate Reset Direct (RD) RD width delay from RD to outputs X or Y Global Reset, from RESET Pad, RESET width (Low) (XC3142A) delay from RESET pad to outputs X or Y
Notes:
-5 Min Max Min
-4 Max
-3 Min Max
-2
-1 Units
Symbol
Min Max Min Max
ADVANCE INFORMATION
1 TILO
4.1
3.3
2.7
2.2
1.75 1.4
ns
8 TCKO
3.1
2.5
2.1
1.7
ns
TQLO
6.3
5.2
4.3
3.5
3.2
ns
A, B, C, D, E DI EC RD
2 TICK 3.1 4 TDICK 2.0 6 TECCK 3.8 1.0
2.5 1.6 3.2 1.0
2.1 1.4 2.7 1.0
1.8 1.3 2.5 1.0
1.7 1.2 2.3 1.0
ns ns ns ns
A, B, C, D, E DI EC
3 TCKI 0 5 TCKDI 1.0 7 TCKEC 1.0
0 1.0 0.8
0 0.9 0.7
0 0.9 0.7
0 0.8 0.6
ns ns ns
11 TCH 12 TCL FCLK
2.4 2.4 190
2.0 2.0 230
1.6 1.6 270
1.3 1.3 325
1.3 1.3 325
ns ns MHz
13 TRPW 9 TRIO
3.8 4.4
3.2 3.7
2.7 3.1
2.3 2.7
2.3
2.4
ns ns
TMRW 14.0 TMRQ 17.0
14.0 14.0
12.0 12.0
12.0 12.0
12.0 12.0
ns ns
The CLB K to Q output delay (TCKO, #8) of any CLB, plus the shortest possible interconnect delay, is always longer than the Data In hold time requirement (TCKDI, #5) of any CLB on the same die. TILO, TQLO and TICK are specified for 4-input functions. For 5-input functions or base FGM functions, each of these specifications for the XC3100A family increses by 0.50 ns (-5), 0.42 ns (-4) and 0.35 ns (-3).
2-181
XC3100, XC3100A Logic Cell Array Family
IOB Switching Characteristic Guidelines
I/O Block (I) 3 I/O Pad Input 1 I/O Clock (IK/OK) 12 TIOL I/O Block (RI) 4 RESET 5 I/O Block (O) 10 TOP I/O Pad Output (Direct) 7 I/O Pad Output (Registered) TOKPO TOOK 6 TOKO 15 TRPO TIKRI 13 TRRI 11 TIOH T PICK T PID
I/O Pad TS 8 I/O Pad Output
X5425
TTSON
9
T TSHZ
Vcc PROGRAM-CONTROLLED MEMORY CELLS
OUT INVERT
3-STATE INVERT
OUTPUT SELECT
SLEW RATE
PASSIVE PULL UP
3- STATE (OUTPUT ENABLE)
T
OUT
O
D
Q
FLIP FLOP
OUTPUT BUFFER
I/O PAD R DIRECT IN REGISTERED IN I Q QD FLIP FLOP or LATCH R OK IK (GLOBAL RESET) TTL or CMOS INPUT THRESHOLD
CK1
CK2 PROGRAM CONTROLLED MULTIPLEXER = PROGRAMMABLE INTERCONNECTION POINT or PIP
X3029
2-182
IOB Switching Characteristic Guidelines (continued)
Testing of the switching parameters is modeled after testing methods specified by MIL-M-38510/605. All devices are 100% functionally tested. Since many internal timing parameters cannot be measured directly, they are derived from benchmark timing patterns. The following guidelines reflect worst-case values over the recommended operating conditions. For more detailed, more precise, and more up-to-date timing information, use the values provided by the XACT timing calculator and used in the simulator.
Speed Grade Description Propagation Delays (Input) Pad to Direct In (I) Pad to Registered In (q) with latch transparent (XC3100A) (XC3100) Clock (IK) to Registered In (Q) Set-up Time (Input) Pad to Clock (IK) set-up time XC3100 Family XC3120A,XC3130A XC3142A XC3164A XC3190A XC3195A Propagation Delays (Output) Clock (OK) to Pad (fast) same (slew-rate limited) Output (O) to Pad (fast) same (slew-rate limited) (XC3100A) (XC3100) 3-state to Pad begin hi-Z (fast) same (slew-rate limited) 3-state to Pad active and valid (fast) (XC3100A) same (slew-rate limited) 3-state to Pad active and valid (fast) (XC3100) same (slew-rate limited) Set-up and Hold Times (Output) Output (O) to clock (OK) set-up time,(XC3100A) (XC3100) Output (O) to clock (OK) hold time Clock Clock High time Clock Low time Max. flip-flop toggle rate Global Reset Delays RESET Pad to Registered In (Q), (XC3120/XC3120A) (XC3195/XC3195A) RESET Pad to output pad (fast) (slew-rate limited) Symbol 3 TPID TPTG TPTG 4 TIKRI Min
-5 Max 2.8 14.0 16.0 2.8
-4 Min Max 2.5 12.0 15.0 2.5
-3 Min Max 2.2 11.0 13.0 2.2
-2 Min Max 2.0 11.0 1.9
-1 Min-Max 1.8 Units ns ns ns ns
1 TPICK
15.0 10.9 11.0 11.2 11.5 12.0 5.5 14.0 4.1 12.1 13.0 6.9 6.9 10.0 18.0 12.0 20.0 5.0 6.2 0 2.4 2.4 190.0
14.0 10.6 10.7 11.0 11.2 11.6 5.0 12.0 3.7 11.0 11.0 6.2 6.2 10.0 17.0 10.0 17.0 4.5 5.6 0 2.0 2.0 230.0
12.0 9.4 9.5 9.7 9.9 10.3 4.4 10.0 3.3 9.0 9.0 5.5 5.5 9.0 15.0 9.0 15.0 4.0 5.0 0 1.6 1.6 270.0
ADVANCE INFORMATION
1.8 3.6 8.9 2.7 8.0
11.0
8.9 9.0 9.2 9.4 9.8 4.0 9.7 3.0 8.7 5.0 5.0 8.5 14.2
8.5 8.6 8.8 9.0 9.4
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns MHz
7 7 10 10 10 9 9 8 8 8 8
TOKPO TOKPO TOPF TOPS TOPF TTSHZ TTSHZ TTSON TTSON TTSON TTSON
4.5 4.5 6.5 11.8
5 TOOK 5 TOOK 6 TOKO 11 TIOH 12 TIOL FCLK
3.6 0 1.3 1.3 325.0
3.2 0
1.3 1.3 325.0
13 TRRI 15 TRPO 15 TRPO
18.0 29.5 24.0 32.0
15.0 25.0 20.0 27.0
13.0 21.0 17.0 23.0
13.0 21.0 17.0 23.0
13.0 21.0 17.0 22.0
ns ns ns ns
Notes: 1. Timing is measured at pin threshold, with 50 pF external capacitive loads (incl. test fixture). For larger capacitive loads, see XAPP 024. Typical slew rate limited output rise/fall times are approximately four times longer. 2. Voltage levels of unused (bonded and unbonded) pads must be valid logic levels. Each can be configured with the internal pull-up resistor or alternatively configured as a driven output or driven from an external source. 3. Input pad set-up time is specified with respect to the internal clock (IK). In order to calculate system set-up time, subtract clock delay (pad to ik) from the input pad set-up time value. Input pad holdtime with respect to the internal clock (IK) is negative. This means that pad level changes immediately before the internal clock edge (IK) will not be recognized. 4. TPID, TPTG, and TPICK are 3 ns higher for XTAL2 when the pin is configured as a user input.
2-183
XC3100, XC3100A Logic Cell Array Family
For a detailed description of the device architecture, see pages 2-105 through 2-123. For a detailed description of the configuration modes and their timing, see pages 2-124 through 2-132. For detailed lists of package pin-outs, see pages 2-140 through 2-150. For package physical dimensions and thermal data, see Section 4.
Example:
XC3130A-70PC44C
Temperature Range
Ordering Information
Device Type
Toggle Rate
Number of Pins
Package Type
Component Availability
PINS TYPE
44
PLAST. PLCC
64
PLAST. VQFP
68
PLAST. PLCC
84
PLAST. PLCC CERAM PLAST. PGA PQFP
100
PLAST. TQFP
132
144
160
164
175
176
208
223
TOPPLAST. BRAZED PLAST. CERAM. PLAST. VQFP CQFP PGA PGA TQFP
TOPPLAST. BRAZED PLAST. CERAM. PLAST. PQFP CQFP PGA PGA TQFP
PLAST. CERAM. PQFP PGA
CODE
PC44 -5 -4 -3 -2 -1 -5 -4 -3 -2 -1 -5 -4 -3 -2 -1 -5 -4 -3 -2 -1 -5 -4 -3 -2 -1 -5 -4 -3 -2 -1
VQ64
PC68
CI CI CI C C
PC84
CI CI CI C C CI CI CI C C CI CI CI C C CI CI CI C C CI CI CI C C CI CI CI C C
PG84 PQ100 TQ100 VQ100 CB100 PP132 PG132 TQ144 PQ160 CB164 PP175 PG175 TQ176 PQ208 PG223
CI CI CI C C CI CI CI C C CIMB CI CI C C CI CI CI C C CI CI CI C C CI CI CI C C C C C C C C C C C C MB C C C C C CI CI CI C C CIMB CI CI C C CI CI CI C C CI CI CI C C CI CI CI C C CI CI CI C C CI CI CI C C CI CI CI C C MB MB CI CI CI C C CI CI CI C C CIMB CI CI C C CIMB CI CI C C CI CI CI C C CI CI CI C C CI CI CI C C CIMB CI CI C C
XC3120A
CI CI CI C C
CI CI CI C C
XC3130A
XC3142A
XC3164A
XC3190A
XC3195A
C = Commercial = 0 to +85 C I = Industrial = -40 to +100 C Parentheses indicate future product plans
M = Mil Temp = -55 to +125 C
B = MIL-STD-883C Class B
2-184


▲Up To Search▲   

 
Price & Availability of XC3195A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X