Part Number Hot Search : 
B80C1 M0365 2C508 2E225 SP2111 EX242 56F8000 DT60L
Product Description
Full Text Search
 

To Download XC221A1200MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Operating Voltage Range (Single Cell) : 1.2V ~ 10V Input / Output Rail To Rail Operation Gain Bandwidth : 550kHz Slew Rate : 0.5V /S Low Power Consumption : 100A SOT-25 Ultra Small Package
APPLICATIONS
Palmtop computers, PDAs Cellular and portable phones Portable audio systems Various battery powered systems
GENERAL DESCRIPTION
The XC221A1200MR is an input / output rail to rail CMOS Op Amp. With rail to rail functions, operation is guaranteed from power supplies as low as 1.2V. Moreover, since the XC221A series comes in an ultra small SOT-25 package, the series is particularly suited for use with various types of portable phones. Bandwidths of 550kHz and slew rates of 0.5V can be achieved even with power consumption as low as 100A. Even with large capacitance levels of CL = 200pF (unity gain connection), the XC221A series will not be susceptible to oscillation.
FEATURES
Operating Voltage Range:1.2 ~ 10V (single cell) :0.6 ~ 5V (+ve/-ve supply) Output Signal Gain Bandwidth Slew Rate Low Supply Current Ultra Small Package :0.1~2.9V (3V single cell, RL=2k) :550kHz (15A: 210kHz) :0.5V/S :100A, 15A :SOT-25 mini mold
High Capacitance Load :CL=200pF
PIN CONFIGURATION
PIN ASSIGNMENT
PIN NUMBER 1 2 3 4 5 SYMBOL VOUT VDD IN+ INVSS FUNCTION Output Pin Positive Power Supply Pin Positive Input Negative Input Negative Power Supply Pin
XC221A ETR1201_001.doc
1541
XC221A Series
PRODUCT CLASSIFICATION
Ordering Information
XC221A DESIGNATOR DESCRIPTION The Number of Channels Supply Current Internal Standard Number Load Capacitance Package Device Orientation SYMBOL 1 1 2 0 0 M R L : One channel : 15A : 100A : Fixed : 200pF : SOT-25 (SOT-23-5) : Embossed tape, standard feed : Embossed tape, reverse feed DESCRIPTION
PACKAGING INFORMATION
SOT-25
1542
XC221A
Series
MARKING RULE
5

4
Represents product series and supply current MARK 1 2 PRODUCT SERIES XC221A11 XC221A12 SUPPLY CURRENT 15A 100A
1
2
3
Based on internal standards Represents load capacitance MARK 0 LOAD CAPACITANCE 200pF
SOT-25 (TOP VIEW)
Represents the production lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
ABSOLUTE MAXIMUM RATINGS
Ta = 25, VSS = 0V PARAMETER VDD Pin Voltage OUT Pin Voltage IN Pin Voltage IN/ Pin Voltage OUT Pin Current Power Dissipation Operating Temperature Range Storage Temperature Range RAIL-TO-RAIL is a trademark of Motorola. SYMBOL VDD VOUT VIN+ VINIOUT Pd Topr Tstg RATINGS -0.3 12.0 -0.3 12.0 -0.3VDD+0.3 -0.3VDD+0.3 100 150 -30 +80 -40 +125 UNITS V V V V mA mW
1543
XC221A Series
ELECTRICAL CHARACTERISTICS
XC221A1100 PARAMETER Supply Voltage Supply Current Input Offset Voltage Input Offset Current Input Bias Current Input Resistance Large Signal Voltage Gain Common Mode Rejection Ratio Power Supply Rejection Ratio IDD =15A SYMBOL VDD IDD VOF IOF IB RIN AVD CMRR PSRR+ PSRR0VCM3.0V VDD = 3 to 10V, VSS = 0V, VOUT = 1.5V VSS=-3 to -10V, VDD= 0V, VOUT= -1.5V RL = VDD = 1.2V, RL = 47k (to VDD/2) VDD = 3V, RL = 2k(to VDD/2) VDD = 5V, RL= 2k(to VDD/2) VDD = 10V, RL = 2k(to VDD/2) VDD = 3V VDD =3V VDD = 3V VDD = 1.2V CONDITIONS MIN. 1.2 10 2.5 75 60 60 60 0.05 0.10 0.10 0.10 0.10 TYP. 15 8 1 1 1 110 75 75 75 210 0.07 MAX. 10.0 23 23 20.0 Ta = 25 UNITS V A A mV pA pA T dB dB
Output Voltage Range
VOUT
Gain Bandwidth Slew Rate
FT SR
dB dB VDD-0.05 V 1.10 V 2.90 V 4.90 V 9.80 V kHz V/sec
Test Conditions :Unless otherwise stated, VDD = 3.0V, VSS = 0V, VCM = VOUT = VDD / 2, RL = 1M (to VSS), CL = 10pF (to VSS)
XC221A1200 PARAMETER Supply Voltage Supply Current Input Offset Voltage Input Offset Current Input Bias Current Input Resistance
IDD =100A SYMBOL VDD IDD VOF IOF IB RIN AVD CMRR PSRR+ PSRRVDD = 3V VDD = 1.2V
CONDITIONS
Large Signal Voltage Gain Common Mode Rejection Ratio Power Supply Rejection Ratio
MIN. 1.2 67 16.75 75 60 60 60 0.05 0.10 0.10 0.10 0.10 -
TYP. 100 50.00 1 1 1 110 75 75 75 550 0.50
MAX. 10.0 150 150.00 20.0 -
Ta = 25 UNITS V A A mV pA pA T dB dB
0VCM3.0V VDD=3 to 10V, VSS = 0V, VOUT = 1.5V VSS=-3 to -10V, VDD=0V, VOUT=-1.5V RL = VDD = 1.2V, RL = 47k (to VDD/2) VDD = 3V, RL = 2k(to VDD/2) VDD = 5V, RL = 2k(to VDD/2) VDD = 10V, RL = 2k(to VDD/2) VDD = 3V VDD =3 V
Output Voltage Range
VOUT
Gain Bandwidth Slew Rate
FT SR
dB dB VDD-0.05 V 1.10 V 2.90 V 4.90 V 9.80 V kHz V/sec
Test Conditions :Unless otherwise stated, VDD = 3.0V, VSS = 0V, VCM = VOUT = VDD / 2, RL = 1M (to VSS), CL = 10pF (to VSS)
1544
XC221A
Series
TYPICAL PERFORMANCE CHARACTERISTICS
XC221A1100 <15A> (1) Voltage Gain vs. Phase Margin
Phase margin ()
(2) Sink Current vs. Output Voltage
(3) Source Current vs. Output Voltage
(4) Supply Current vs. Power Supply Voltage
(5) Supply Current vs. Ambient Temperature
1545
XC221A Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC221A1100 <15A> (Continued) (6) Power Supply Rejection Ratio vs. Frequency
(7) Large Signal Input / Output Response
(8) Small Signal Input / Output Response
1546
XC221A
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC221A1200 <100A> (1) Voltage Gain vs. Phase Margin
(2) Sink Current vs. Output Voltage
(3) Source Current vs. Output Voltage
(4) Supply Current vs. Power Supply Voltage
(5) Supply Current vs. Ambient Temperature
1547
XC221A Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC221A1200 <100A> (Continued) (6) Power Supply Rejection Ratio vs. Frequency
(7) Large Signal Input / Output Response
(8) Small Signal Input / Output Response
1548


▲Up To Search▲   

 
Price & Availability of XC221A1200MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X