Part Number Hot Search : 
MUR844M2 PC100 MAX3765 16652 LLZ51V C68HC908 RB480KS P6KE6
Product Description
Full Text Search
 

To Download XB15A105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NLong Carrier Lifetime NSmall Diode Capacitance (0.36pF at VR=0V, f=100MHz) NSmall Series Order Resistance NHighly Surge-proof NSmall Glass Package
GVCRs GVideo Disks GAntenna Switches
The XB15A105 PIN diode employs a high reliability glass package that is designed for small signal switching.
Ta=25 OC SYMBOL VRM VR P Tj Tstg IFM PARAMETER Repetitive Peak Reverse Voltage Reverse Voltage Power Dissipation Junction Temperature Storage Temperature Forward Current RATINGS 30 30 200 175 -55 ~ 175 150 UNITS V V mW
O O
C C
mA
Ta=25 OC SYMBOL IR1 IR2 IF Ct rfs1 rfs2 PARAMETER Reverse Current Forward Current Diode Capacitance Forward Series Resistance TEST CONDITIONS MIN VR = 30V VR = 28V VF = 1.0V VR = 0V, f = 100MHz IF = 10mA, f = 50MHz IF = 10A, f = 50MHz 1.0 30 0.36 10 3.0 0.5 20 LIMITS TYP MAX 10 0.5 UNITS A A mA pF k
15
1049
15
1050


▲Up To Search▲   

 
Price & Availability of XB15A105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X