Part Number Hot Search : 
04424 MFL2815S LC6650 04424 10023 10023 04424 22002
Product Description
Full Text Search
 

To Download X8R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer ceramic capacitors
Chip capacitors, X8R
Date:
October 2006
Data Sheet
a EPCOS AG 2006. Reproduction, publication and dissemination of this data sheet and the information contained therein without EPCOS' prior express consent is prohibited.
Multilayer ceramic capacitors X8R
Ordering code system
Chip
B37541
K
5
102
K
0
60
Packaging 60 62 70 72
^ ^ ^ ^
cardboard tape, 180-mm reel blister tape, 180-mm reel cardboard tape, 330-mm reel blister tape, 330-mm reel
Internal coding
Capacitance tolerance J ^ 5% K ^ 10% (standard) M ^ 20%
Capacitance, coded (example)
102 ^ 10 * 102 pF = 1 nF 103 ^ 10 * 103 pF = 10 nF
Rated voltage
Rated voltage [VDC] Code
50 5
Termination
Standard: On request:
K ^ nickel barrier for all case sizes J ^ silver-palladium for conductive adhesion for all case sizes
Type and size Chip size (inch / mm) 0603 / 1608 0805 / 2012 1206 / 3216 1210 / 3225 Temperature characteristic X8R B37540 B37541 B37472 B37550
Please read Cautions and warnings and Important notes at the end of this document.
2
10/06
Multilayer ceramic capacitors X8R
Features

Chip
Max. relative capacitance change up to 150 C is 15% Non-linear capacitance change High insulation resistance High pulse strength To AEC-Q200
Applications

Automotive Blocking Coupling Decoupling Interference suppression
Termination
For soldering: Nickel barrier terminations (Ni)
Options
Alternative capacitance tolerances available on request
Delivery mode
Cardboard and blister tape (blister tape for chip thickness 1.2 0.1 mm and case size 1210)
180-mm and 330-mm reel available Electrical data Temperature characteristic Max. relative capacitance change within -55 C to +150 C Climatic category (IEC 60068-1) Standard Dielectric Rated voltage1) Test voltage Capacitance range / E series Dissipation factor (limit value) Insulation resistance 2) at + 25 C Insulation resistance 2) at +125 C Time constant 2) at + 25 C Time constant 2) at +125 C Operating temperature range Ageing 3) X8R
DC/C
VR Vtest CR tan d Rins Rins t t Top
15 55/150/56 EIA Class 2 50 2.5 * VR/5 s 100 pF ... 150 nF (E6) <25 * 10 -3 >105 >104 >1000 >100 -55 ... +150 yes
%
VDC VDC
MW MW s s C
1) Note: No operation on AC line. 2) For CR >10 nF the time constant t = C * Rins is given. 3) Refer to chapter "General technical information", "Ageing".
Please read Cautions and warnings and Important notes at the end of this document.
3
10/06
X8R
Multilayer ceramic capacitors X8R
Capacitance tolerances Code letter Tolerance J K M (standard)
5%
10%
20%
Dimensional drawing
b
s
k
k
KKE0329-N
Dimensions (mm) Case size l b s k (inch) (mm) 0603 1608 1.6 0.15 0.8 0.10 0.8 0.10 0.1 -0.40 0805 2012 2.00 0.20 1.25 0.15 1.30 max. 0.13 -0.75 1206 3216 3.2 0.20 1.6 0.15 1.30 max. 0.25 -0.75 1210 3225 3.2 0.30 2.5 0.30 1.30 max. 0.25 -0.75
Tolerances to CECC 32101-801
Please read Cautions and warnings and Important notes at the end of this document.
4
10/06
Multilayer ceramic capacitors X8R
Recommended solder pad
D
X8R
C
A
KKE0308-1
Recommended dimensions (mm) for reflow soldering Case size (inch/mm) 0603/1608 0805/2012 1206/3216 1210/3225 Type single chip single chip single chip single chip A 0.6 ... 0.7 0.6 ... 0.7 0.8 ... 0.9 1.0 ... 1.2 C 1.8 ... 2.20 2.2 ... 2.60 3.8 ... 4.32 4.0 ... 4.80 D 0.6 ... 0.8 0.8 ... 1.1 1.0 ... 1.4 1.8 ... 2.3
Recommended dimensions (mm) for wave soldering Case size (inch/mm) 0603/1608 0805/2012 1206/3216 Type single chip single chip single chip A 0.8 ... 0.9 0.9 ... 1.0 1.0 ... 1.1 C 2.2 ... 2.8 2.8 ... 3.2 4.2 ... 4.8 D 0.6 ... 0.8 0.8 ... 1.1 1.0 ... 1.4
Termination
Ceramic body
Termination (nickel barrier)
Inner electrode
AgPd
Substrate electrode Intermediate electrode External electrode
Ag Ni Sn
KKE0484-W
Please read Cautions and warnings and Important notes at the end of this document.
5
10/06
X8R
Multilayer ceramic capacitors X8R
Product range chip capacitors, X8R Size1) inch mm Type VR (VDC) CR 100 150 220 330 470 680 pF pF pF pF pF pF 0603 1608 B37540 50 50 0805 2012 B37541 50 1206 3216 B37472 50 1210 3225 B37550
1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 10 15 22 33 47 68 100 150 nF nF nF nF nF nF nF nF
1) l b (inch) / l b (mm)
Please read Cautions and warnings and Important notes at the end of this document.
6
10/06
Multilayer ceramic capacitors X8R; 0603 and 0805
Ordering codes and packing for X8R, 50 VDC, nickel barrier terminations Chip thickness Cardboard tape, AE 180-mm reel ** ^ 60 pcs/reel 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 5000 5000 5000 5000 5000 5000 5000 5000 5000 5000 5000
X8R
CR1) 100. pF 150. pF 220. pF 330. pF 470. pF 680. pF 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 470. pF 680. pF 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 10. nF 15. nF 22. nF
Ordering code 2) B37540K5101K0** B37540K5151K0** B37540K5221K0** B37540K5331K0** B37540K5471K0** B37540K5681K0** B37540K5102K0** B37540K5152K0** B37540K5222K0** B37540K5332K0** B37540K5472K0** B37541K5471K0** B37541K5681K0** B37541K5102K0** B37541K5152K0** B37541K5222K0** B37541K5332K0** B37541K5472K0** B37541K5682K0** B37541K5103K0** B37541K5153K0** B37541K5223K0**
mm 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1
Cardboard tape, AE 330-mm reel ** ^ 70 pcs/reel 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 20000 20000 20000 20000 20000 20000 20000 20000 20000 20000 20000
Case size 0603, 50 VDC
Case size 0805, 50 VDC
1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 4.
Please read Cautions and warnings and Important notes at the end of this document.
7
10/06
X8R
Multilayer ceramic capacitors X8R; 1206 and 1210
Ordering codes and packing for X8R, 50 VDC, nickel barrier terminations Chip thickness Cardboard tape, AE 180-mm reel ** ^ 60 pcs/reel 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 30003) 30003) Blister tape, AE 180-mm reel ** ^ 62 pcs/reel 4000 4000 4000 4000 4000 4000 4000 3000 Cardboard tape, AE 330-mm reel ** ^ 70 pcs/reel 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 120004) 120004) Blister tape, AE 330-mm reel ** ^ 72 pcs/reel 16000 16000 16000 16000 16000 16000 16000 12000
CR1) 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 10. nF 15. nF 22. nF 33. nF 47. nF 68. nF 100. nF
Ordering code 2) B37472K5102K0** B37472K5152K0** B37472K5222K0** B37472K5332K0** B37472K5472K0** B37472K5682K0** B37472K5103K0** B37472K5153K0** B37472K5223K0** B37472K5333K0** B37472K5473K0** B37472K5683K0** B37472K5104K0**
mm 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 1.2 0.1 1.2 0.1
Case size 1206, 50 VDC
Case size 1210, 50 VDC 10. 15. 22. 33. 47. 68. 100. 150. nF nF nF nF nF nF nF nF B37550K5103K0** B37550K5153K0** B37550K5223K0** B37550K5333K0** B37550K5473K0** B37550K5683K0** B37550K5104K0** B37550K5154K0** 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 1.2 0.1
1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 4. 3) Blister tape, 180-mm reel, ordering code ** ^ 62 4) Blister tape, 330-mm reel, ordering code ** ^ 72
Please read Cautions and warnings and Important notes at the end of this document.
8
10/06
Multilayer ceramic capacitors X8R
Typical characteristics 1) Capacitance change DC/C25 versus temperature T
15 % 5 0
KKE0417-6
X8R
Capacitance change DC/C0 versus superimposed DC voltage V
5 % 0
KKE0489-3
C C 25
C C0
100 nF/50 V/size 1206
_5 _ 10 _ 15 _ 20 _ 25 _ 30 _ 35 _ 40 _ 45 _ 50 _ 60 _ 40 _ 20 0 20 40 60 80 100 120 C 160
T
_5 _ 10 _ 15 _ 20 _ 25 _ 30 _ 35
0 5 10 15 20 25 30 35 40 45 50 V V
Impedance |Z| versus frequency f
10 4 Z Case size 1206
KKE0264-6
Dissipation factor tan d versus temperature T
10 tan
_1
KKE0265-D
10 2
1 nF
10 1
10 nF
10
_2
10 0
_1
100 nF
10
10
_2
10
0
10
1
10
2
MHz 10 f
3
3 10 _ _ _ 60 40 20 0 20 40 60 80 100 120 C 160 T
_
1) For more detailed information on frequency behavior and characteristics see www.epcos.com/mlcc_impedance.
Please read Cautions and warnings and Important notes at the end of this document.
9
10/06
X8R
Multilayer ceramic capacitors X8R
Typical characteristics 1) Insulation resistance Rins versus temperature T
10 7 M R ins 10 6
KKE0266-L
Capacitance change DC/C1 versus time t
10 % 5
KKE0394-X
C C1
0
10 5
_5
10 4
_ 10
10 3
_ 15 _ 20
10 2
_ 60
_ 20
20
60
100
C 160 T
10 0
10 1
10 2
10 3
10 4 t
h 10 5
1) For more detailed information on frequency behavior and characteristics see www.epcos.com/mlcc_impedance.
Please read Cautions and warnings and Important notes at the end of this document.
10
10/06
Multilayer ceramic capacitors Cautions and warnings
Notes on the selection of ceramic capacitors In the selection of ceramic capacitors, the following criteria must be considered: 1. Depending on the application, ceramic capacitors used to meet high quality requirements should at least satisfy the specifications to AEC-Q200. They must meet quality requirements going beyond this level in terms of ruggedness (e.g. mechanical, thermal or electrical) in the case of critical circuit configurations and applications (e.g. in safety-relevant applications such as ABS and airbag equipment or durable industrial goods). 2. At the connection to the battery or power supply (e.g. clamp 15 or 30 in the automobile) and at positions with stranding potential, to reduce the probability of short circuits following a fracture, two ceramic capacitors must be connected in series and/or a ceramic capacitor with integrated series circuit should be used. The MLSC from EPCOS contains such a series circuit in a single component. 3. Ceramic capacitors with the temperature characteristics Z5U and Y5V do not satisfy the requirements to AEC-Q200 and are mechanically and electrically less rugged than C0G or X7R/X8R ceramic capacitors. In applications that must satisfy high quality requirements, therefore, these capacitors should not be used as discrete components (see the chapter "Effects on mechanical, thermal and electrical stress", point 1.4). 4. For ESD protection, preference should be given to the use of multilayer varistors (MLV) (see the chapter "Effects on mechanical, thermal and electrical stress", point 1.4). 5. An application-specific derating or continuous operating voltage must be considered in order to cushion (unexpected) additional stresses (see the chapter "Reliability").
The following should be considered in circuit board design 1. If technically feasible in the application, preference should be given to components having an optimal geometrical design. 2. At least FR4 circuit board material should be used. 3. Geometrically optimal circuit boards should be used, ideally those that cannot be deformed. 4. Ceramic capacitors must always be placed a sufficient minimum distance from the edge of the circuit board. High bending forces may be exerted there when the panels are separated and during further processing of the board (such as when incorporating it into a housing). 5. Ceramic capacitors should always be placed parallel to the possible bending axis of the circuit board. 6. No screw connections should be used to fix the board or to connect several boards. Components should not be placed near screw holes. If screw connections are unavoidable, they must be cushioned (for instance by rubber pads).
11
10/06
Multilayer ceramic capacitors Cautions and warnings
The following should be considered in the placement process 1. Ensure correct positioning of the ceramic capacitor on the solder pad. 2. Caution when using casting, injection-molded and molding compounds and cleaning agents, as these may damage the capacitor. 3. Support the circuit board and reduce the placement forces. 4. A board should not be straightened (manually) if it has been distorted by soldering. 5. Separate panels with a peripheral saw, or better with a milling head (no dicing or breaking). 6. Caution in the subsequent placement of heavy or leaded components (e.g. transformers or snap-in components): danger of bending and fracture. 7. When testing, transporting, packing or incorporating the board, avoid any deformation of the board not to damage the components. 8. Avoid the use of excessive force when plugging a connector into a device soldered onto the board. 9. Ceramic capacitors must be soldered only by the mode (reflow or wave soldering) permissible for them (see the chapter "Soldering directions"). 10. When soldering the most gentle solder profile feasible should be selected (heating time, peak temperature, cooling time) in order to avoid thermal stresses and damage. 11. Ensure the correct solder meniscus height and solder quantity. 12. Ensure correct dosing of the cement quantity. 13. Ceramic capacitors with an AgPd external termination are not suited for the lead-free solder process: they were developed only for conductive adhesion technology. This listing does not claim to be complete, but merely reflects the experience of EPCOS AG.
12
10/06
Multilayer ceramic capacitors Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as "hazardous"). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, EPCOS-JONES, Baoke, CeraDiode, CSSP, MLSC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMID, SIOV, SIP5D, SIP5K, UltraCap, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
13
10/06


▲Up To Search▲   

 
Price & Availability of X8R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X