|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SAW Components Data Sheet X 6964 M SAW Components Bandpass Filter Data Sheet X 6964 M 43,75 MHz Plastic package SIP5K Features s IF filter for digital cable TV Terminals s Tinned CuFe alloy Dimensions in mm, approx. weight 1,0 g Pin configuration 1 2 3 4 5 Input Input - ground Chip carrier - ground Output Output Type X 6964 M Ordering code B39438-X6964-M100 Marking and package according to C61157-A1-A15 Packing according to F61074-V8067-Z000 Maximum ratings Operable temperature range Storage temperature range DC voltage AC voltage TA Tstg VDC Vpp -25/+65 -40/+85 5 10 C C V V between any terminals between any terminals 2 Mar 31, 2006 SAW Components Bandpass Filter Data Sheet Characteristics Reference temperature: Terminating source impedance: Terminating load impedance: X 6964 M 43,75 MHz TA = 25 (45) C ZS = 50 ZL = 2 k || 3 pF min. typ. 43,75 max. -- MHz Center frequency (center between 3 dB points) Insertion attenuation Reference level for the 43,81 (43,75) MHz following data Pass bandwith rel 3 dB rel 30 dB Relative attenuation 41,28 (41,22) MHz 46,34 (46,28) MHz 40,81 (40,75) MHz 46,81 (46,75) MHz 40,31 (40,25) MHz 47,31 (47,25) MHz 39,81 (39,75) MHz 47,81 (47,75) MHz Lower sidelobe 35,06 ... 39,81 (35,00 ... 39,75) MHz Upper sidelobe 47,81 ... 55,06 (47,75 ... 55,00) MHz Reflected wave signal suppression 1,3 s ... 6,0 s after main pulse (test pulse 250 ns, carrier frequency 43,81 MHz) Feedthrough signal suppression 1,3 s ... 1,2 s before main pulse (test pulse 250 ns, carrier frequency 43,81 MHz) Group delay ripple (p-p) Aperture 50 kHz 40,81 ... 46,81 (40,75 ... 46,75) MHz Impedance at 43,81 MHz Input: ZIN = RIN || CIN Output: ZOUT = ROUT || COUT Temperature coefficient of frequency 3 fC -- 13,3 14,8 16,3 dB B3dB B30dB rel -- -- -0,8 -0,7 1,3 1,6 9,0 9,0 38,0 38,0 38,0 38,0 42,0 6,0 7,6 0,2 0,3 2,5 2,8 12,0 13,0 50,0 52,0 46,0 44,0 52,0 -- -- 1,2 1,3 3,7 4,0 -- -- -- -- -- -- -- MHz MHz dB dB dB dB dB dB dB dB dB dB dB 50,0 56,0 -- dB -- -- -- 40 1,1 ||16,4 1,1 || 5,0 -72 -- -- -- -- ns k || pF k || pF ppm/K TCf -- Mar 31, 2006 SAW Components Bandpass Filter Data Sheet Frequency response X 6964 M 43,75 MHz 4 Mar 31, 2006 SAW Components Bandpass Filter Data Sheet Frequency response X 6964 M 43,75 MHz Time domain response 5 Mar 31, 2006 SAW Components Bandpass Filter Data Sheet X 6964 M 43,75 MHz Published by EPCOS AG Surface Acoustic Wave Components Division, SAW CE MM PD P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 2001. All Rights Reserved. As far as patents or other rights of third parties are concerned, liability is only assumed for components per se, not for applications, processes and circuits implemented within components or assemblies. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or the international representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our sales offices. 6 Mar 31, 2006 |
Price & Availability of X6964M |