Part Number Hot Search : 
H40RF60 SERIESDX RT916 44025 S4F42Z1 GBP3508 T1206 MAX238
Product Description
Full Text Search
 

To Download X6959D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet X 6959 D
SAW Components Bandpass Filter Data Sheet
X 6959 D 44,00 MHz
Duroplast package SIP5D
Features
s Low group delay ripple s Standard IC package
1 2 3 13,7 4 5 2,4
Terminals
3,4
0,65 4x 2,54 0,38
s Tinned CuFe alloy
Dimensions in mm, approx. weight 0,5 g
Pin configuration 1 2 3 4 5 Input Input - ground Chip carrier - ground Output Output
Type X 6959 D
Ordering code B39440-X6959-N201
Marking and package according to C61157-A1-A21
Packing according to F61074-V8049-Z000
Maximum ratings Operable temperature range Storage temperature range DC voltage AC voltage
TA Tstg VDC Vpp
-25/+65 -40/+85 5 10
C C V V between any terminals between any terminals
2
Mar 04, 2005
4,8
SAW Components Bandpass Filter Data Sheet
Characteristics Reference temperature: Terminating source impedance: Terminating load impedance:
X 6959 D 44,00 MHz
TA = 25 C ZS = 50 ZL = 2 k || 3 pF
min. -- typ. 44,00 max. --
Center frequency (center between 10 dB points) Insertion attenuation Reference level for the following data Pass bandwith rel 3 dB rel 6 dB rel 30 dB Relative attenuation Lower sidelobe 35,00 ... 41,30 MHz 41,30 ... 42,30 MHz Upper sidelobe 45,80 ... 47,20 MHz 47,20 ... 55,00 MHz
fC
MHz
44,00 MHz 13,3 14,8 16,3 dB
B3dB B6dB B30dB
rel
-- -- --
1,7 2,0 2,9
-- -- --
MHz MHz MHz
38,0 36,0 33,0 39,0
43,0 43,0 39,0 45,0
-- -- -- --
dB dB dB dB
Group delay ripple (p-p) Aperture 50 kHz 43,00 ... 45,00 MHz Impedance at 44,00 MHz Input: ZIN = RIN || CIN Output: ZOUT = ROUT || COUT Temperature coefficient of frequency
-- -- -- --
40 1,8 ||12,8 0,9 || 3,8 -72
-- -- -- --
ns k || pF k || pF ppm/K
TCf
3
Mar 04, 2005
SAW Components Bandpass Filter Data Sheet
Frequency response
X 6959 D 44,00 MHz
4
Mar 04, 2005
SAW Components Bandpass Filter Data Sheet
Frequency response
X 6959 D 44,00 MHz
Time domain response
5
Mar 04, 2005
SAW Components Bandpass Filter Data Sheet
X 6959 D 44,00 MHz
ished by EPCOS AG Surface Acoustic Wave Components Division, SAW CE MM PD P.O. Box 80 17 09, 81617 Munich, GERMANY (c) EPCOS AG 2005. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
6
Mar 04, 2005


▲Up To Search▲   

 
Price & Availability of X6959D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X