Part Number Hot Search : 
1N5243 MOTOR 7052B S16D40PT A3008 2SJ632 241TZQ16 C170A
Product Description
Full Text Search
 

To Download WTU1333 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTU1333
Surface Mount P-Channel Enhancement Mode MOSFET
1 3 DRAIN
DRAIN CURRENT -550m AMPERES DRAIN SOURCE VOLTAGE -20 VOLTAGE
*Super High Dense Cell Design For Low RDS(ON) R DS(ON) <600m@V GS =-10V *Simple Gate Drive *Small package Outline *Fast Switching Speed *SOT-323 Package
Features:
GATE
SOURCE
3 1 2
2
SOT-323
Description
*Designer with best combination of fast switching *Low on-resistance *Cost-effectiveness
Maximum Ratings(T =25 C Unless Otherwise Specified)
A
Rating Drain-Source Voltage Gate-Source Voltage Continuous Drain Current3 ,(TA=25C) ,(TA=70C) Pulsed Drain Current1,2 Total Power Dissipation(TA=25C) Maximum Thermal Resistace Junction-ambient3 Operating Junction and Storage Temperature Range
Symbol VDS VGS ID IDM PD RJA TJ,Tstg
Value -20 12 -550 -440 2.5 0.35 360 - 55~+150
Unit V
mA
W C/W C
Device Marking
WTU1333=1333
http:www.weitron.com.tw
WEITRON
1/6
15-Jun-05
WTU1333
Electrical Characteristics (TA = 25
Characteristic Unless otherwise noted) Symbol Min Typ Max Unit
Static
Drain-Source Breakdown Voltage VGS=0,ID=-250A Gate-Source Threshold Voltage VDS=VGS,ID=-250A Gate-Source Leakage current VGS=12V Drain-SourceLeakage Current(Tj=25C) VDS=-20V,VGS=0 Drain-SourceLeakage Current(Tj=70C) VDS=-16V,VGS=0 Drain-SourceOn-Resistance VGS=-10V,ID=-550mA VGS=-4.5V,ID=-500mA VGS=-2.5V,ID=-300mA Forward Transconductance VDS=-5V,ID=-550mA BVDSS VGS(Th) IGSS -20 -0.5 IDSS -10 V -1.2 100 -1 A nA
RDS(on)
-
1
600 800 1000 -
m
gfs
S
Dynamic
Input Capacitance VGS=0V,VDS=-10V,f=1.0MHz Output Capacitance VGS=0V,VDS=-10V,f=1.0MHz Reverse Transfer Capacitance VGS=0V,VDS=-10V,f=1.0MHz Ciss Coss Crss 66 25 20 105.6 pF
http:www.weitron.com.tw
WEITRON
2/6
15-Jun-05
WTU1333
Switching
Turn-on Delay Time2 VDS=-10V,VGS=-5V,ID=-500mA,RD=20,RG=3.3 Rise Time VDS=-10V,VGS=-5V,ID=-500mA,RD=20,RG=3.3 Turn-off Delay Time VDS=-10V,VGS=-5V,ID=-500mA,RD=20,RG=3.3 Fall Time VDS=-10V,VGS=-5V,ID=-500mA,RD=20,RG=3.3 Total Gate Charge2 VDS=-16V,VGS=-4.5V,ID=-500mA Gate-Source Charge VDS=-16V,VGS=-4.5V,ID=-500mA Gate-Source Change VDS=-16V,VGS=-4.5V,ID=-500mA td(on) tr td(off) tf Qg Qgs Qgd 5 8 10 2 1.7 0.3 0.4 ns 2.7 nC
Source-Drain Diode Characteristics
Forward On Voltage2 VGS=0V,IS=-300mA
Note: 1. Pulse width limited by Max, junction temperature. 2. Pulse width 300s, duty cycle 2%. 3. Surface mounted on FR4 board, t 10sec.
VSD
-
-
-1 2 .
V
http:www.weitron.com.tw
WEITRON
3/6
15-Jun-05
WTU1333
2.5 -5.0V 2.5 -5.0V -4.5V
-I D ,DRAIN CURRENT (A)
1.5
ID ,Drain Current (A)
2.0
TA=25C
-4.5V -3.5V
2.0
TA=150C
-3.5V
-2.5V
1.5 -2.5V
1.0
1.0
0.5 0.0
VG=-2.0V
0.5 0.0
VG= -2.0V
0.0
0.5
1.0
1.5
2.0
2.5
0.0
FIG.1 Typical Output Characteristics
1400 1200 1000 1.6
-VDS ,DRAIN-TO-SOURCE VOLTAGE(V)
Fig.2 Typical Output Characteristics
VDS ,Drain-to-source Voltage(V)
0.5
1.0
1.5
2.0
2.5
I D = -0.3A TA = 25C Normalized RDs(on)
1.4
I D = -0.5A VG = -4.5V
RDs(on) (m)
1.2
800
1.0
600 400 200
0.8
1
Fig.3 On-Resistance v.s. Gate Voltage
1.0 2.0
-VGS ,Gate-to-source Voltage(V)
4
7
10
0.6 -50
0
50
100
150
Fig.4 Normalized OnResistance
Tj ,Junction Temperature(C)
Normalized -VGS(th)(V)
1.2
0.8
1.5
0.6
-IS(A)
0.4
Tj = 150C
Tj = 25C
1.0
0.2
0.5
0.0
0
0.2
0.4
0.6
0.8
1
0.0
-50
Fig.5 Forward Characteristics of Reverse Diode
-VDS ,Source-to-Drain Voltage(V)
Fig.6 Gate Threshold Voltage v.s. Junction Temperature
Tj ,Junction Temperature(C)
0
50
100
150
WEITRON
http://www.weitron.com.tw
4/6
15-Jun-05
WTU1333
12 100
f = 1.0MHz Ciss
-VGS , Gate to Source Voltage(V)
10
I D = -0.5A VDS = -16V
8
C(pF)
6
Coss Crss
4 2
0
0
1
2
3
4
10
1
3
5
7
9
11
Fig 7. Gate Charge Characteristics
10
QG , Total Gate Charge(nC)
-VDS, Drain-to-Source Voltage(V)
Fig 8. Typical Capacitance Characteristics
1
Normalized Thermal Response(R ja )
Duty factor = 0.5 0.2 0.1 0.1 0.05
PDM
t T
100us
1
-I D(A)
1ms
0.1
0.02 0.01
10ms TA = 25C Single Pulse
0.01
0.1 1 10
Duty factor = t / T Peak Tj=PDM x R ja + Ta
100ms DC
100
Single pulse
-VDS , Drain-to-Source Voltage(V)
0.01 0.0001
0.001
0.01
t, Pulse Width(s)
0.1
1
10
100
1000
Fig 9. Maximum Safe Operation Area
VDS 90%
Fig 10. Effective Transient Thermal Impedance
VG QG
-4.5V
QGS 10% VGS td(on) tr td(off) tf
QGD
Charge
Q
Fig 11. Switching Time Circuit
Fig.12 Gate Charge Waveform
WEITRON
http://www.weitron.com.tw
5/6
15-Jun-05
WTU1333
SOT-323 Outline Demensions Unit:mm
A
TOP
VIEW
B
C
D E G H K L
J
M
Dim A B C D E G H J K L M
SOT-323
Min 0.30 1.15 2.00 0.30 1.20 1.80 0.00 0.80 0.42 0.10
Max 0.40 1.35 2.40 0.65 0.40 1.40 2.20 0.10 1.00 0.53 0.25
WEITRON
http://www.weitron.com.tw
6/6
15-Jun-05


▲Up To Search▲   

 
Price & Availability of WTU1333

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X