Part Number Hot Search : 
SFF2004 DT5C124E EA09921 AKD7780 SL623 12DC1 MJ2955 AM4417P
Product Description
Full Text Search
 

To Download WT1206ML680A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V ARISTORS
Transient Multilayer Ceramic Transient This product is not recommended Voltage Suppressor for new designs. Please refer to Standard Capacity
Littelfuse series MLA.
TVS 1206 SMD
Specifications
Packaging
Tape and Reel T 7 inch reel (3.000 pcs.) Q 13 inch reel (10.000 pcs.) Body: Terminals: Ceramic (ZnO) Ni/Sn plated (code "P") Ag/Pt/Pd non plated (code "N" on request)
Material
Features
Thin layer, high precise techniques Lead free Bi-directional clamping Standard and low capacity Available with Nickel/Tin end termination
Temperature Operating Temperature
-55 to +125C
Applications
Dimensions (mm)
Solderability
0.50-0.25
WebLinks
3.20-0.20 1.60 1.60-0.20
Circuit board and ESD, EFT Protection of: * I/O ports * Keyboards * LCD`s * Sensors
acc. to IEC 60068-2-58 235C, 2s 260C, 10 sec. (IEC 60068-2-58) 280C, 5 sec. (IEC 60068-2-58) <0.5ns
Soldering Heat Resistance Time Response Time
Further infos see: www.wickmanngroup.com Further technical infos see technical varistor file: www.wickmanngroup.com/download/ techvaristor.pdf
( Temperature coefficient (V) of clamping voltage (Vc) @ specified test current
<0.01%/C
Power dissipation
0.1W max.
Standards
IEC 61000-4-2 MIL-STD-883C
Maximum Ratings (125C)
Type max. cont. working voltage VM(DC) VM(AC) (V) (V)
WT1206ML030A WT1206ML050A WT1206ML090A WT1206ML120A WT1206ML140A WT1206ML180A WT1206ML220A WT1206ML260A WT1206ML300A WT1206ML380A WT1206ML450A WT1206ML560A WT1206ML680A 3,3 5,5 9,0 12,0 14,0 18,0 22,0 26,0 30,0 38,0 45,0 56,0 68,0 2,5 4,0 6,0 9,0 11,0 14,0 17,0 20,0 25,0 30,0 35,0 40,0 50,0
Specifications (25C)
typ. capacitance 1KHz C typ. (pF)
7900 9200 3450 2200 1200 1070 870 800 560 460 430 315 270
max. non-repetitive surge current (8/20 s) ITM (A)
150 150 150 150 150 150 150 120 120 180 120 180 180
max. non-repetitive max. clamping nominal voltage surge energy voltage at spec. at 1mA (DC) (10/1000 s) current test current (8/20 s) Vc W TM VN(DC)min. V N(DC)max. (V@A) (J) (V) (V)
0,40 0,40 0,40 0,50 0,40 0,40 0,60 0,40 0,40 1,00 0,60 1,00 1,00 14,0 @ 10 15,5 @ 10 20,0 @ 10 25,0 @ 10 30,0 @ 10 40,0 @ 10 44,0 @ 10 58,0 @ 10 65,0 @ 10 77,0 @ 10 86,0 @ 10 110,0 @ 10 135,0 @ 10 3,8 7,1 10,0 14,0 16,0 22,0 24,3 29,5 35,0 42,3 50,0 61,2 74,0 7,0 9,8 14,5 18,5 21,0 28,0 30,0 38,0 43,0 51,7 61,0 74,0 90,0
typ. inductance
1MHz C typ. (pF)
7100 8000 3000 1900 1000 920 750 680 500 400 350 280 250
Ltyp. (nH)
1,8 1,8 1,8 1,8 1,8 1,8 1,8 1,8 1,8 1,8 1,8 1,8 1,8
Order Information
050915
Qty.
OrderNumber
Type Type WT1206ML560 A
Terminal Terminal Code Packaging
P T
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
V ARISTORS
TVS 1206 SMD
56,0 68,0 38,0 45,0 26,0 30,0 22,0 18,0 12,0 14,0 5,5 9,0 3,3
68,0 56,0 45,0 38,0 26,0 30,0 22,0 18,0 14,0 12,0 9,0 5,5 3,3
WT1206ML680A WT1206ML560A WT1206ML450A WT1206ML380A WT1206ML300A WT1206ML260A WT1206ML220A WT1206ML180A WT1206ML140A WT1206ML120A WT1206ML090A WT1206ML050A WT1206ML030A
V/I Characteristics
Maximum Surge Current: WT1206ML030A - WT1206ML220A
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
VARISTORS
TVS 1206 SMD
Maximum Surge Current: WT1206ML260A - WT1206ML300A, WT1206ML450A
Maximum Surge Current: WT1206ML380A, WT1206ML560A - WT1206ML680A
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of WT1206ML680A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X