Part Number Hot Search : 
M1305 DS1707 DR3103 L4989MD 002228 74F169 25LV10 2SC2497
Product Description
Full Text Search
 

To Download WT0805ML300L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V ARISTORS
Transient Multilayer Ceramic Transient This product is not recommended Voltage Suppressor for new designs. Please refer to Low Capacity
Littelfuse series MLA.
TVS 0805 SMD
Specifications
Packaging Material
Tape and Reel T 7 inch reel (3.000 pcs.) Body: Terminals: Ceramic (ZnO) Ni/Sn plated (code "P") Ag/Pt/Pd non plated (code "N" on request)
Features
Thin layer, high precise techniques Lead free Bi-directional clamping Standard and low capacity Available with Nickel/tin end termination
Temperature Operating Temperature
-55 to +125C
Solderability
Applications
Dimensions (mm)
acc. to IEC 60068-2-58 235C, 2s 260C, 10 sec. (IEC 60068-2-58) 280C, 5 sec. (IEC 60068-2-58) <0.5ns
0.40-0.25
WebLinks
2.00-0.20 1.20 1.25-0.15
Circuit board and ESD, EFT Protection of: * I/O ports * Keyboards * LCD`s * Sensors
Soldering Heat Resistance Time Response Time
( Temperature coefficient (V) of clamping voltage (Vc) @ specified test current
<0.01%/C
Further infos see: www.wickmanngroup.com Further technical infos see technical varistor file: www.wickmanngroup.com/download/ techvaristor.pdf
Power dissipation
0.1W max.
Standards
IEC 61000-4-2 MIL-STD-883C
Maximum Ratings (125C)
Type max. cont. working voltage VM(DC) VM(AC) (V) (V)
WT0805ML030L WT0805ML050L WT0805ML090L WT0805ML120L WT0805ML140L WT0805ML180L WT0805ML220L WT0805ML260L WT0805ML300L 3,3 5,5 9,0 12,0 14,0 18,0 22,0 26,0 30,0 2,5 4,0 6,0 9,0 11,0 14,0 17,0 20,0 25,0
Specifications (25C)
typ. capacitance 1KHz C typ. (pF)
2.080 790 650 560 445 330 320 330 220
max. non-repetitive surge current (8/20 s) ITM (A)
40 40 40 40 40 40 40 40 40
max. non-repetitive max. clamping nominal voltage surge energy voltage at spec. at 1mA (DC) (10/1000 s) current test current (8/20 s) W TM Vc VN(DC)min. V N(DC)max. (J) (V@A) (V) (V)
0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 10,0 @ 2 15,5 @ 2 20,0 @ 2 25,0 @ 2 30,0 @ 2 40,0 @ 2 44,0 @ 2 58,0 @ 2 65,0 @ 2 3,8 7,1 10,0 14,0 16,0 22,0 24,3 29,5 35,0 7,0 9,8 14,5 18,5 21,0 28,0 30,0 38,0 43,0
typ. inductance
1MHz C typ. (pF)
1.900 720 550 480 380 290 280 285 190
Ltyp. (nH)
1,5 1,5 1,5 1,5 1,5 1,5 1,5 1,5 1,5
Order Information
050915
Qty.
OrderNumber
Type Type WT0805ML140 L
Terminal Terminal Code Packaging
P T
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
V ARISTORS
TVS 0805 SMD
WT0805ML300L WT0805ML260L WT0805ML220L WT0805ML180L WT0805ML140L WT0805ML120L WT0805ML090L WT0805ML050L WT0805ML030L 3,3
30,0 22,0 30,0 26,0 22,0 18,0 14,0 9,0 12,0 5,5 3,3 14,0 9,0
26,0 18,0 12,0 5,5
V/I Characteristics
Maximum Surge Current
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
050915


▲Up To Search▲   

 
Price & Availability of WT0805ML300L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X