Part Number Hot Search : 
P87C58 CXA3810 P823M 1SS352 FMMT4 18F258 2PG002 P2F00
Product Description
Full Text Search
 

To Download WSH131-XPCN5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WSH130NL
Operates from 2.4V to 26V supply voltage with reverse voltage protection Operates with magnetic fields from DC to 15kHz On-chip Hall Sensor On-chip temperature compensation circuitry minimizes shifts in on and off points and hysteresis over temperature and supply voltage Ideal sensor for speed measurement, revolution counting, positioning, and DC brushless motors On (L) with magnetic South pole and Off(H) without magnetic field or with magnetic North pole Functional Description : WSH130NL is designed to integrate Hall sensor with output driver together on the same chip, it is suitable for speed measurement, revolution counting, positioning. It includes a temperature compensated voltage regulator, a differential amplifier, a Hysteresis controller and a open-collector output driver capable of sinking up to 20mA current load. An on-chip protection resistor is implemented to prevent reverse power fault. The temperature-dependent bias increases the supply voltage of the hall plates and adjusts the switching points to the decreasing induction of magnets at higher temperatures. Subsequently, the open collector output switches to the appropriate state. WSH130NL are rated for operation over temperature range from -40 C to 125 C and voltage ranges from 2.4V to 26V.
Name Vdd Gnd Vout
P/I/O P O O
Pin#
Description Positive Power Supply Ground Output Pin
Supply Voltage Output breakdown Voltage
Vcc -------------------------Vout(breakdown) ----------------
26V 30V
Winson reserves the right to make changes to improve reliability or manufacturability. (c)Winson, 2005/11/18
WSH130NL
Magnetic flux density Reverse Protection Voltage B Vr ----------------------------------------------------------------------------------------------------Unlimited 26V 25mA (-40C to +125C) (-65C to +150C) 500mw
Output ON Current (continuous) Ic Operating Temperature Range Ta Storage Temperature Range Package Power Dissipation Characteristic Supply Voltage Output Saturation Voltage Output Leakage Current Supply Current Output Rise Time Output Falling Time Symbol Vcc Vout (sat) Ileakage
Ts -------------------------Pd --------------------------
(T=+25C, Vcc=2.4V to 26V) Test Conditions Min Typ Max Units V Vcc=12V,Ic=10mA V B > Bop Vcc=12V, BIsupply Vcc=12V,Output Open Tr Vcc=12V,RL=2K CL=20Pf Tf Vcc=12V,RL=2K CL=20Pf
Winson reserves the right to make changes to improve reliability or manufacturability. (c)Winson, 2005/11/18
WSH130NL
Characteristic Operating Point
Symbol Bop
Grade A B C
Min.
Typ.
Max. + 50 +70 +150
Unit Guass Guass Guass Guass Guass
Release Point
Brp
A B C
+10 +10 +10 10 30
Hysteresis Window
Bhys
Guass
Winson reserves the right to make changes to improve reliability or manufacturability. (c)Winson, 2005/11/18
WSH130NL
Winson reserves the right to make changes to improve reliability or manufacturability. (c)Winson, 2005/11/18
WSH130NL
Magnetic detector:
Winson reserves the right to make changes to improve reliability or manufacturability. (c)Winson, 2005/11/18


▲Up To Search▲   

 
Price & Availability of WSH131-XPCN5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X