Part Number Hot Search : 
TCD2950D 2SK231 JZ4730 CES181J JZ4730 CM400 CRO750SA D1260
Product Description
Full Text Search
 

To Download WR406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters 7.5 Watts WR Series
*
* 1500 VDC Isolation * Efficiency to 83% * Input Filter * Fully Regulated Outputs * 24 Pin-Dip Package
XPiQ inc.
Intelligent Design Quality Product
2:1 Input Range
Specification
Input
Input Voltage Range * 12 V (9-18 VDC) 24 V (18-36 VDC) 48 V (36-72 VDC) Network
General
Switching Frequency Efficiency Isolation Dimensions Weight * * * * * 200 kHz typical See Table 1500 VDC min input to output (1000 M) 0.80" x 1.25" x 0.40" 18 g
Input Filter
*
Output
Output Power Output Voltage Voltage Accuracy Line Regulation Load Regulation * * * * * 7.5 Watts 5, 12 & 15 V single & dual output models 2.0% max 0.2% max, for 90% load change 0.5% max single output models, 1.0% max dual output models, for 75% load change 100 mV peak to peak max (20 MHz bandwidth) 0.05%/C max Continuous
Environmental
Operating Temperature Case Temperature Storage Temperature * * * -25 C to +71 C +100 C max -40 C to +100 C
Ripple & Noise Temperature Coefficient Short Circuit Protection
* * *
*
www.XPiQ.com
PH: 508 429.9883 FAX: 800 226.2100 Email: sales@xpiq.com Holliston, MA 01746 USA
*
OUTPUT VOLTAGE & CURRENT RATINGS
Input Voltage(1) Output Voltage 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC Output Current 1500 mA 625 mA 500 mA 750 mA 310 mA 250 mA 1500 mA 625 mA 500 mA 750 mA 310 mA 250 mA 1500 mA 625 mA 500 mA 750 mA 310 mA 250 mA Input Current(2) No Load Full Load 25 mA 801 mA 25 mA 762 mA 25 mA 762 mA 30 mA 791 mA 30 mA 753 mA 30 mA 753 mA 20 mA 396 mA 20 mA 381 mA 20 mA 381 mA 25 mA 386 mA 25 mA 377 mA 25 mA 377 mA 10 mA 195 mA 10 mA 190 mA 10 mA 190 mA 15 mA 193 mA 15 mA 188 mA 15 mA 188 mA Efficiency 78% 82% 82% 79% 83% 83% 79% 82% 82% 81% 83% 83% 80% 82% 82% 81% 83% 83%
WR
Model Number WR201 WR202 WR203 WR204 WR205 WR206 WR301 WR302 WR303 WR304 WR305 WR306 WR401 WR402 WR403 WR404 WR405 WR406
9-18 VDC
18-36 VDC
36-72 VDC
Notes 1. Nominal input voltage is 12 VDC for WR2XX models, 24 VDC for WR3XX models and 48 VDC for WR4XX models. 2. Input current is at nominal input voltage. 3. Part numbers in bold are standard stock models, others are build to order.
*
Mechanical Details
(Bottom View)
Dimensions in inches (mm).
PIN CONNECTIONS Pin Single Output Dual Output 2 - V Input - V Input 3 - V Input - V Input 9 N/C Common 10 N/C N/C 11 N/C - V Output 14 + V Output + V Output 15 N/C N/C 16 - V Output Common 22 + V Input + V Input 23 + V Input + V Input
www.XPiQ.com
PH: 508 429.9883 FAX: 800 226.2100 Email: sales@xpiq.com Holliston, MA 01746 USA


▲Up To Search▲   

 
Price & Availability of WR406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X