Part Number Hot Search : 
FAN1539 30210 TK75003 DLS3C1 HCT40 UPC4744C 2222A TDA8315T
Product Description
Full Text Search
 

To Download WR34615 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
Primary Lithium Battery Expert
Primary lithium batteries WR34615
3.6V Primary lithium-sulfur dioxide (Li-SO2) Power type D-size spiral cell
Cell size references Alternative models
Electrical characteristics (typical values relative to cells stored for one year or less at +30 max.) Nominal capacity (at 50mA +20 2.0V cut off. The capacity resto red by the cell varies according to current drain, temperature and cut off). Open circuit voltage (at +20 ) Nominal voltage (at 50mA +20 )
(D)
8.0Ah
2.9V 2.9V
Pulse capability: Typically up to 5000 mA (5000 mA/0.1 second pul ses, drained every 2 mn at +20 from undischarged cells with 10 A base current, yield voltage readings above 3.0V. The readings may vary according to the pulse characteristics, the temperature, and the cell s previous history. Fitting the cell with a capacito may be recommended in severe conditions. r Consult ABLE)
Max. Continuous current Max. Pulse current 2000mA 5000mA
Storage
(recommended) (for more severe conditions, consult ABLE)
+30
+86 F max -54 / +71
Operating temperature range (Operation above ambient T may lead to reduced cap acity and lower voltage readings at the beginning of pulses. Consult ABLE) Physical characteristics Diameter (max) Height (max) Typical weight Available termination suffix
34.2mm(1.37 in) 61.5mm(2.46 in) 50g(1.8oz) radial tabs, radial pins, axial leads, flying lea ds
Tel:0755-27996175 176 178 179 Fax:0755-2799617 Email:able@able-battery.com Web page: www.able-battery.com 7
R
Primary Lithium Battery Expert
WR34615
1.5 0.05
6 0.1
(+)
50Max
Key features High and stable operating voltage Superior drain capability Low self-discharge rate (less than 3% after 1year of storage at +20 ) Optional stainless steel container for low magnetic and nickle plated steel container for more safe design Hermetic glass-to-metal sealing Notch technology for safety vent Non-flammable electrolyte Main applications Radiocommunication and other military applications Alarms and security systems Beacons and emergency location transmitters GPS Metering systems Sonobuoys LED lighting applications Others
34.2Max
Characteristic curves
Discharge performance 25
3.5
3.0 2.5 2.0 1.5 1.0 0.1
2 4 5
Voltage
Storage The storage area should be clean, cool (not exceeding +30 ), dry and ventilated.
2000mA 6.4Ah 50mA 8.0Ah 1mA 8.0Ah
V
1
10
10
3
1
10
Hours
Nominal capacity 8.0Ah 50mA to 2.0V .
Warning Do not use if the battery casing was mangled. Please discharge the battery few minutes with 100mA,if the battery voltage is lower than your need. Don t use different models of battery in series. Soldering the tag should be finished in few seconds. Do not try to recharge.
Tel:0755-27996175 176 178 179 Fax:0755-27996177 Email:able@able-battery.com Web page: www.able-battery.com


▲Up To Search▲   

 
Price & Availability of WR34615

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X