Part Number Hot Search : 
M1628 3EZ180D5 MP100 DG182BA 0024A LTC1606 TDA20 MC145421
Product Description
Full Text Search
 

To Download WPN30R48S15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Corporate: www.cdtechno.com Corporate: www.cdtechno.com Product: www.cdpoweronline.com
WPN30R
30 Watt Single Output Half Brick DC/DC Converter
36 - 75V Input Range Industry Standard Pinouts Input & Output Filtering Extended Temperature Range: -40C to +100C Baseplate Remote On/Off Function Input Reverse Voltage Protection Fixed Frequency Operation Short Circuit Protection UL/CUL 60950, VDE EN60950
The WPN30R Series is a family of high performance DC/DC converters. The unit is housed in a space-saving shell and combines low cost with high performance across all line and load conditions. An output trim feature is provided, allowing the user to compensate for long line lengths. The WPN30R Series is assembled by a fully automated process using
surface mount components for increased reliability. Throughholes are provided to simplify unit mounting or the addition of a heatsink for high temperature applications. Other features include: Full Regulation Down to Zero Load Under Voltage Lock-Out, AutoStart
Internal Temperature Shutdown, Auto-Reset Soft Start Remote On/Off (Available in Positive or Negative Logic) Remote Sense Over Current Protection Output Over Voltage Protection Output Voltage Adjust
PRODUCT SELECTION CHART
NOMINAL INPUT VOLTAGE (VDC) 48 48 48 48 RATED OUTPUT VOLTAGE (VDC) 3.3 5.0 12 15 MIN LOAD(A) 0.0 0.0 0.0 0.0 OUTPUT CURRENT NOM MAX LOAD (A) LOAD (A) 9.0 11.0 6.0 7.5 2.5 3.0 2.0 2.4 INPUT CURRENT NOM LOAD (A) 0.755 0.744 0.718 0.718 EFFICIENCY (%) 82 84 87 87
MODEL WPN30R48S03 WPN30R48S05 WPN30R48S12 WPN30R48S15
THERMAL DERATING CURVE
Percentage of Rated Output Load (%)
100 80 60 40 20 0 Ambient Case
-40
0
85
95
100 105 Temperature (C)
110
115
120
130
WPN30R
REV B
1/2003
SPECIFICATIONS, ALL MODELS
Specifications are at TCASE = +40C nominal input voltage unless otherwise specified.
PARAMETER
INPUT Voltage Range Reflected Ripple Current
CONDITIONS
WPN30R48xxyzz
MIN
36
TYP
48 50
MAX
75 75
UNITS
VDC mA
INPUT
INPUT CONTROL Temperature Shutdown Temperature Hysteresis Quiescent Standby Current Under Voltage Shutdown Under Voltage Hysteresis
Current into & Vin WPN30R48xxyzz WPN30R48xxyzz
8 32.5 1
107 5 10
C C mA V V
PARAMETER
ISOLATION Rated Voltage Resistance Capacitance Leakage Current OUTPUT Rated Power Voltage Setpoint Accuracy Single Output Temperature Coefficient Line Regulation Single Output Load Regulation Single Output Ripple & Noise Single Output Output Adjust Range Output Adjust Current Short Circuit Protection Single Output GENERAL Switching Frequency MTTF per MIL-HDBK-217 Ground Benign Package Weight TEMPERATURE Operation/Specification Storage Shutdown Temperature Thermal Impedance, Case-Ambient
CONDITIONS
MIN
1500
TYP
MAX
UNITS
VDC G pF Arms
10 1000 240VAC 100
30 1.5 0.2 High Line to Low Line 0.1 Min. Load to Nom Load 0.4 BW = 5Hz to 20 MHz All Outputs Current Sourced/Sunk by Vadj Pin 50 9.5 80 0.5 7.5
W % %/C % % mVp-p % mA A
GENERAL
300 Circuit Stress Method TA = +25C, Unmodified Database 90 1,500,000
kHz Hr g
Case Temperature Case Temperature Case Temperature
-40 -55 +105
+100 +110 +107 7
C C C C/W
Product: www.cdpoweronline.com
WPN30R
REV B
1/2003
2
PERFORMANCE GRAPHS
EFFICIENCY VS. OUTPUT LOAD
90 85
Change in Efficiency (%)
EFFICIENCY (%)
80 75 70 65 60 55 50 10 20 40 50 60 80
15V 12V 5V 3V
10
10
EFFICIENCY VS. TEMPERATURE
5
5
100% Load
0
0
20% Load
-5
-5
100
-10
Output Load (% or Rated)
-10 -40
-15
25
65
110
Tcase (C)
EFFICIENCY VS. INPUT VOLTAGE
90
100%Load
OUTPUT RIPPLE VS. INPUT VOLTAGE
1.4
CHANGE IN EFFICIENCY (%)
Normalized Output Ripple
85 80 75 70 65
50%Load
1.2
1
0.8
0.6
10%Load
60 34 39 44 49 54
Vin
59 64 69 74
0.4 LL Nom HL
Vin
Vin
5 5 3 -trim +trim
TRIM RESISTOR VS. OUTPUT VOLTAGE CHANGE
50 45 40
Trim Resistor (K Ohms)
OUTPUT RIPPLE VS. TEMPERATURE
1.2
35 30 25 20 15 10 5 0 10 9 8 7 6 5 4 3 2 1
Normalized Output Ripple
1
0.8
0.6 -40 -15 25 65 110
Tcase (C)
Percentage Change In Output Voltage
TRIM RESISTOR VS. OUTPUT VOLTAGE CHANGE
12 15 15 +trim -trim trim
HYSTERESIS GRAPH
100 90 80
Trim Resistor (K Ohms)
70 60 50 40 30 20 10 0 10 9 8 7 6 5 4 3 2 1
Percentage Change In Output Voltage
Undervoltage Lockout Threshold Voltages
Nominal Input Shutdown Low Voltage Range Voltage (V1) OFF 48 32.5 Shutdown High Voltage (V2) ON 33.5
Specifications typical at TA=25C, rated output current.
Product: www.cdpoweronline.com
WPN30R
REV B
1/2003
3
MECHANICAL
TOP VIEW SIDE VIEW WPN30Rxxyzz
SINGLE BOTTOM VIEW
NOTES All dimensions are in inches (millimeters). Unless stated otherwise, dimensional tolerance + 0.010" (+0.2mm). Pin placement tolerance: +0.015" (+0.2mm). Marked with specific model ordered, date, code, job code. MATERIAL: Lead material is brass with a solder plated surface to allow ease of solderability.
ORDERING INFORMATION
WPN30R xxyzz Device Family Indicated 30 Watt Regulated DC/DC Converter Model Number Selected from Table of Electrical Characteristics Where: xx = Input Voltage y = Number of Outputs (Single "S") zz = Output Voltage Remote On/Off Logic Positive Logic - No Number Negative Logic - 1
Power Electronics Division, Americas 3400 E Britannia Drive, Tucson, Arizona 85706 Tel: 800.547.2537 Fax: 520.295.4197
C&D Technologies, EMEA/Asia/Pacific Milton Keynes MK14 5BU UK Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user's intended purpose and in user's specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications.
Product: www.cdpoweronline.com
WPN30R
REV B
1/2003
4


▲Up To Search▲   

 
Price & Availability of WPN30R48S15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X