Part Number Hot Search : 
C251C LT1057MH RF101 C3356 W6694 C4050 D5132M IRF530N
Product Description
Full Text Search
 

To Download WP7114RWCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) SOLID STATE LAMP PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: WP7114RWC/A
WHITE
Description
The source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS.
Features
LOW POWER CONSUMPTION. POPULAR T-1 3/4 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 1. ELECTROSTATIC DISCHARGE THRESHOLD (HBM):1000V. TYP. COLOR TEMPERATURE:6500K. COLOR COORDINATES:X=0.33,Y=0.34 ACC. TO CIE1931(WHITE). OPTICAL EFFICIENCY:6 lm/W(TYP.) COLOR REPRODUCTION INDEX:80. RoHS COMPLIANT.
It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Applications
Marker lights Furniture lighting Outdoor displays Optical indicators Signal and symbol luminaire Marker lights (e.g. steps, exit ways, etc.) Lighting for special effects (e.g. starry sky) Substitute for miniature flashlight
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAG2583 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/22/2006 DRAWN: W.J.ZHU
PAGE: 1 OF 7 ERP:1101015417
Selection Guide
Part No. Dice Lens Type luminous Intensity Iv(mcd) @ 20mA Min. WP7114RWC/A WHITE (InGaN) WATER CLEAR 480 Typ. 1200
Note2
v (mlm) @ 20mA Typ. 400
Note3
Viewing Note1 Angle 21/2 20
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Reverse Voltage Junction temperature Operating Temperature Storage Temperature DC Forward Current Peak Forward Current
Note4
Symbol Pt VR TJ Top Tstg IF IFM Rth JA Rth JS
Value 114 5 110 -40 To +85 -40 To +100 30 100 350 130
Unit mW V C C C mA mA C/W C/W
Thermal resistance Note5 Junction/ambient Junction/solder point
Notes: 1.1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2.Luminous intensity is measured by a current pulse of 10ms at a tolerance of 15%. 3.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data. For the purpose of product enhancement, the typical data is subject to change without prior notice. 4.1/10 Duty Cycle, 0.1ms Pulse Width. 5.Rth(J-A) Results from mounting on PC board FR4 (pad size 16 mm2 per pad),
Electrical / Optical Characteristics at TA=25C
Parameter Chromaticity coordinate x acc.to CIE1931 IF=20mA [Typ.] Chromaticity coordinate y acc.to CIE1931 IF=20mA [Typ.] Forward Voltage IF=20mA [Min.] Forward Voltage IF=20mA [Typ.] Forward Voltage IF=20mA [Max.] [Typ.] IR Reverse Current (VR=5V) [Max.] TC x 10 -0.1 Temperature coefficient of x [Typ.] IF=20mA, -10C T 100C Temperature coefficient of y [Typ.] IF=20mA, -10C T 100C Temperature coefficient of VF IF=20mA, -10C T 100C [Typ.] VF
Note2
Symbol X Y
Note1
Value 0.33 0.34 2.7 3.3 3.8 0.01
Unit -
Note1
V
Reverse Current (VR=5V)
A 10-3 /C 10-3 /C
TCy
-0.2
TCV
-2.5
mV/C
Notes: 1.Chromaticity coordinates are measured by a current pulse of 20ms with a tolerance of 0.01 in X and Y color coordinates. 2.Forward voltage is measured with a current pulse of 10ms at a tolerance of 0.1V.
SPEC NO: DSAG2583 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/22/2006 DRAWN: W.J.ZHU
PAGE: 2 OF 7 ERP:1101015417
Brightness codes
luminous Intensity Iv(mcd) @ 20mA Code. S T U V W X Y Z ZA ZB ZC Min. 480 650 900 1200 1500 1800 2200 2500 2800 3300 3800
Note1
v (mlm) @ 20mA Max. 750 1100 1500 1800 2100 2500 3000 3300 3800 4500 5500 Typ. 200 300 400 500 600 750 900 1000 1200 1400 1600
Note2
Notes: 1.Luminous intensity is measured by a current pulse of 10ms at a tolerance of 15%. 2.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data. For the purpose of product enhancement, the typical data is subject to change without prior notice.
White
WP7114RWC/A
SPEC NO: DSAG2583 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/22/2006 DRAWN: W.J.ZHU
PAGE: 3 OF 7 ERP:1101015417
White
WP7114RWC/A
SPEC NO: DSAG2583 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/22/2006 DRAWN: W.J.ZHU
PAGE: 4 OF 7 ERP:1101015417
Color Codes
WP7114RWC/A
SPEC NO: DSAG2583 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/22/2006 DRAWN: W.J.ZHU
PAGE: 5 OF 7 ERP:1101015417
WP7114RWC/A
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
SPEC NO: DSAG2583 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/22/2006 DRAWN: W.J.ZHU
PAGE: 6 OF 7 ERP:1101015417
PACKING & LABEL SPECIFICATIONS
WP7114RWC/A
SPEC NO: DSAG2583 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/22/2006 DRAWN: W.J.ZHU
PAGE: 7 OF 7 ERP:1101015417


▲Up To Search▲   

 
Price & Availability of WP7114RWCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X