Part Number Hot Search : 
TMEGA1 BAS70 FR5004 74133 2PH2R1UB AN801 VTP5050 ADM3222
Product Description
Full Text Search
 

To Download WP7113PR51CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) SOLID STATE LAMP PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: WP7113PR51C/A
CYAN
Features
LOW POWER CONSUMPTION. POPULAR T-1 3/4 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. RoHS COMPLIANT.
Description
The source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF8057 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: AUG/07/2006 DRAWN: W.J.ZHU
PAGE: 1 OF 4 ERP:1101019001
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. WP7113PR51C/A CYAN (InGaN) WATER CLEAR 900 Typ. 2200 Viewing Angle [1] 21/2 20
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2.Luminous Intensity / Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol VF [1] IR X [2] Chromaticity Coordinates Y [2] C Capacitance Cyan Cyan 0.39 100 pF VF=0V;f=1MHz Parameter Forward Voltage Reverse Current Cyan Cyan 0.18 IF=20mA Device Typ. 3.3 Max. 3.8 10 Units V uA Test Conditions IF=20mA VR = 5V
Notes: 1. Forward Voltage: +/-0.1V. 2. Chromaticity Coordinates X, Y: +/-0.03.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [1] Lead Solder Temperature [2]
Notes: 1. 2mm below package base. 2. 5mm below package base.
Cyan 114 30 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA V
SPEC NO: DSAF8057 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: AUG/07/2006 DRAWN: W.J.ZHU
PAGE: 2 OF 4 ERP:1101019001
Cyan
WP7113PR51C/A
SPEC NO: DSAF8057 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: AUG/07/2006 DRAWN: W.J.ZHU
PAGE: 3 OF 4 ERP:1101019001
PACKING & LABEL SPECIFICATIONS
WP7113PR51C/A
SPEC NO: DSAF8057 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: AUG/07/2006 DRAWN: W.J.ZHU
PAGE: 4 OF 4 ERP:1101019001


▲Up To Search▲   

 
Price & Availability of WP7113PR51CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X