Part Number Hot Search : 
74FR74 65110 LF502RU 1N3338B MPC8535 41000 250000 PHE850
Product Description
Full Text Search
 

To Download WP7113P3C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHOTOTRANSISTOR
WP7113P3C
Features
MECHANICALLY AND SPECTRALLY MATCHED TO THE WP7113 SERIES INFRARED EMITTING LED LAMP . WATER CLEAR LENS. RoHS COMPLIANT.
Description
Made with NPN silicon phototransistor chips.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAE9716 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: APR/19/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 3 ERP:1101005148
Electrical / Optical Characteristics at TA=25C
Symbol VBR CEO VBR ECO VCE(SAT) ICEO TR TF Parameter Collector-to-Emitter Breakdown Voltage Emitter-to-Collector Breakdown Voltage Collector-to-Emitter Saturation Voltage Collector Dark Current Rise Time (10 to 90 ) Fall Time (90 to 10 ) Min. 30 5 Typ. 3 3 Max. 0.8 100 Units V V V nA us us Test Conditions IC=100uA Ee=0mW/cm2 IE=100uA Ee=0mW/cm2 IC=2mA Ee=20mW/cm2 VCE=10V Ee=0mW/cm2 VCE = 5V IC=1mA RL=1000 VCE = 5V Ee=1mW/cm2 =940nm
I(ON)
On State Collector Current
0.1
0.5
-
mA
Absolute Maximum Ratings at TA=25C
Parameter Collector-to-Emitter Breakdown Voltage Emitter-to-Collector Breakdown Voltage Power Dissipation at (or below) 25C Free Air Temperature Operating Temperature Range Storage Temperature Range Lead Solder Temperature (>5mm for 5sec) Max.Ratings 30V 5V 100mW -40C ~ +85C -40C ~ +85C 260C
SPEC NO: DSAE9716 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: APR/19/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 3 ERP:1101005148
PACKING & LABEL SPECIFICATIONS
WP7113P3C
SPEC NO: DSAE9716 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: APR/19/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 3 ERP:1101005148


▲Up To Search▲   

 
Price & Availability of WP7113P3C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X