Part Number Hot Search : 
D25XB20 TDA75 FCH30A09 1SS29307 IDTQS3 P1300ZA 74LS273 LTM8002
Product Description
Full Text Search
 

To Download WP7113LYD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) SOLID STATE LAMP
Part Number: WP7113LYD Yellow
Features
LOW POWER CONSUMPTION. POPULAR T-1 3/4 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. LOW CURRENT IF=2mA OPERATING. RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF1778 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 1 OF 6 ERP: 1101005095
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 2mA Min. WP7113LYD Yellow (GaAsP/GaP) YELLOW DIFFUSED 0.7 Typ. 2 Viewing Angle [1] 21/2 30
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Yellow Yellow Yellow Yellow Yellow Yellow Typ. 590 588 35 20 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=2mA IF=2mA IF=2mA VF=0V;f=1MHz IF=2mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Yellow 75 30 140 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAF1778 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 2 OF 6 ERP: 1101005095
Yellow
WP7113LYD
SPEC NO: DSAF1778 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 3 OF 6 ERP: 1101005095
PACKING & LABEL SPECIFICATIONS
WP7113LYD
SPEC NO: DSAF1778 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 4 OF 6 ERP: 1101005095
SPEC NO: DSAF1778 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 5 OF 6 ERP: 1101005095
SPEC NO: DSAF1778 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 6 OF 6 ERP: 1101005095


▲Up To Search▲   

 
Price & Availability of WP7113LYD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X