Part Number Hot Search : 
STX6904 UPD5702 C1350A LAA100PL GS150404 STX6904 MIP2E4D 74ACT253
Product Description
Full Text Search
 

To Download WP7113LSRD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) SOLID STATE LAMP
Part Number: WP7113LSRD Super Bright Red
Features
LOW POWER CONSUMPTION. POPULAR T-1 3/4 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. LOW CURRENT IF=2mA OPERATING. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2409 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 1 OF 6 ERP: 1101005090
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 2mA Min. WP7113LSRD Super Bright Red (GaAlAs) RED DIFFUSED 8 Typ. 20 Viewing Angle [1] 21/2 30
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.65 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=2mA IF=2mA IF=2mA VF=0V;f=1MHz IF=2mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Super Bright Red 75 30 155 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAF2409 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 2 OF 6 ERP: 1101005090
Super Bright Red
WP7113LSRD
SPEC NO: DSAF2409 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 3 OF 6 ERP: 1101005090
PACKING & LABEL SPECIFICATIONS
WP7113LSRD
SPEC NO: DSAF2409 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 4 OF 6 ERP: 1101005090
SPEC NO: DSAF2409 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 5 OF 6 ERP: 1101005090
SPEC NO: DSAF2409 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 6 OF 6 ERP: 1101005090


▲Up To Search▲   

 
Price & Availability of WP7113LSRD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X