Part Number Hot Search : 
3477M000 MVR22 3477M000 H4N12 H4N12 3477M000 2010B AV1084S
Product Description
Full Text Search
 

To Download WP7113ID5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) SOLID STATE LAMP
Part Number: WP7113ID5V High Efficiency Red
Features
LOW POWER CONSUMPTION. POPULAR T-1 3/4 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. 5V INTERNAL RESISTOR. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2406 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 1 OF 6 ERP: 1101005047
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] V= 5V Min. WP7113ID5V High Efficiency Red (GaAsP/GaP) RED DIFFUSED 12 Typ. 30 Viewing Angle [1] 21/2 30
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 IF IR
Note: 1.Wavelength: +/-1nm.
Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Forward Current Reverse Current
Device High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red
Typ. 627 625 45 13
Max.
Units nm nm nm
Test Conditions VF=5V VF=5V VF=5V VF=5V VR = 5V
17.5 10
mA uA
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Forward Voltage Reverse Voltage Operating Temperature Storage Temperature Lead Solder Temperature [1] Lead Solder Temperature [2]
Notes: 1. 2mm below package base. 2. 5mm below package base.
High Efficiency Red 85 6 5 -40C To +70C -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW V V
SPEC NO: DSAF2406 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 2 OF 6 ERP: 1101005047
High Efficiency Red
WP7113ID5V
SPEC NO: DSAF2406 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 3 OF 6 ERP: 1101005047
PACKING & LABEL SPECIFICATIONS
WP7113ID5V
SPEC NO: DSAF2406 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 4 OF 6 ERP: 1101005047
SPEC NO: DSAF2406 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 5 OF 6 ERP: 1101005047
SPEC NO: DSAF2406 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 6 OF 6 ERP: 1101005047


▲Up To Search▲   

 
Price & Availability of WP7113ID5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X