Part Number Hot Search : 
M55302 UES2604 SC1602D BU4316F RF1210D THN4301E 99000 40113
Product Description
Full Text Search
 

To Download WP7113BR952GD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52/GD
GREEN
Features
LED FIRMLY HELD BY SPACER-NO ADDITIONAL FIXTURING OR GLUEING NECESSARY. SUITABLE FOR BACK PANEL ILLUMINATION, CIRCUIT BOARD INDICATOR, LED INDICATOR. UL RATING:94V-0. HOUSING MATERIAL:TYPE 66 NYLON. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2107 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/19/2005 DRAWN: H.Q.YUAN
PAGE: 1 OF 4 ERP:1102001514
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 10mA Min. WP7113BR9.52/GD GREEN (GaP) GREEN DIFFUSED 5 Typ. 20 Viewing Angle 21/2 30
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Green 105 25 140 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAF2107 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/19/2005 DRAWN: H.Q.YUAN
PAGE: 2 OF 4 ERP:1102001514
Green
WP7113BR9.52/GD
Remarks: If special sorting is required (e.g. binning based on forward voltage,luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAF2107 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/19/2005 DRAWN: H.Q.YUAN
PAGE: 3 OF 4 ERP:1102001514
PACKING & LABEL SPECIFICATIONS
WP7113BR9.52/GD
SPEC NO: DSAF2107 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/19/2005 DRAWN: H.Q.YUAN
PAGE: 4 OF 4 ERP:1102001514


▲Up To Search▲   

 
Price & Availability of WP7113BR952GD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X