Part Number Hot Search : 
23A005 1N757 BAW000 SSI22101 10H100CT 5KP20A C102G2 1000M
Product Description
Full Text Search
 

To Download WP59CBEYW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
Part Number: WP59CB/EYW High Efficiency Red Yellow
Features
PRE-TRIMMED LEADS FOR PC BOARD MOUNTING. 3 LEADS WITH COMMON CATHODE LEAD. I.C. COMPATIBLE. BLACK CASE ENHANCES CONTRAST RATIO. WIDE VIEWING ANGLE. HIGH RELIABILITY - LIFE MEASURED IN YEARS. UL RATING : 94V-0. HOUSING MATERIAL: TYPE 66 NYLON. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2079 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1102001744
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. High Efficiency Red (GaAsP/GaP) WP59CB/EYW Yellow (GaAsP/GaP)
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Viewing Angle [1] 21/2 60
Typ. 60 40
18 WHITE DIFFUSED 18
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device High Efficiency Red Yellow High Efficiency Red Yellow High Efficiency Red Yellow High Efficiency Red Yellow High Efficiency Red Yellow High Efficiency Red Yellow Typ. 627 590 625 588 45 35 15 20 2 2.1 2.5 2.5 10 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
High Efficiency Red 75 30 160 5
Yellow 75 30 140
Units mW mA mA V
-40C To +85C 260C For 3 Seconds 260C For 5 Seconds
SPEC NO: DSAF2079 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1102001744
WP59CB/EYW High Efficiency Red
SPEC NO: DSAF2079 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1102001744
Yellow
SPEC NO: DSAF2079 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1102001744
PACKING & LABEL SPECIFICATIONS
WP59CB/EYW
SPEC NO: DSAF2079 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1102001744


▲Up To Search▲   

 
Price & Availability of WP59CBEYW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X