Part Number Hot Search : 
SP50001 M300004 SQS460EN JANTXV HER202 338M00 OA406 SZ45D0
Product Description
Full Text Search
 

To Download WP483GDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) CYLINDRICAL LED LAMP
Part Number: WP483GDT Green
Features
CYLINDRICAL TYPE,TOP DIFFUSED. I.C.COMPATIBLE. LOW POWER CONSUMPTION. RELIABLE AND RUGGED. LONG LIFE-SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2546 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 1 OF 6 ERP: 1101004755
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 10mA Min. WP483GDT Green (GaP) GREEN DIFFUSED 1 Typ. 4 Viewing Angle [1] 21/2 100
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Green 62.5 25 140 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAF2546 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 2 OF 6 ERP: 1101004755
Green
WP483GDT
SPEC NO: DSAF2546 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 3 OF 6 ERP: 1101004755
PACKING & LABEL SPECIFICATIONS
WP483GDT
SPEC NO: DSAF2546 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 4 OF 6 ERP: 1101004755
SPEC NO: DSAF2546 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 5 OF 6 ERP: 1101004755
SPEC NO: DSAF2546 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 6 OF 6 ERP: 1101004755


▲Up To Search▲   

 
Price & Availability of WP483GDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X