Part Number Hot Search : 
ZPD15 TDA724 HD6433 AOC3860A CY8C5488 SMAJ530 KBP01M 78M18
Product Description
Full Text Search
 

To Download WP1533BQSRD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4.7mm RIGHT ANGLE LED INDICATOR
Part Number: WP1533BQ/SRD
SUPER BRIGHT RED
Features
PRE-TRIMMED LEADS FOR PC MOUNTING. I.C. COMPATIBLE. BLACK CASE ENHANCES CONTRAST RATIO. WIDE VIEWING ANGLE. HIGH RELIABILITY - LIFE MEASURED IN YEARS. UL RATING : 94V-0. HOUSING MATERIAL: TYPE 66 NYLON. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2052 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/23/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1102000839
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. WP1533BQ/SRD SUPER BRIGHT RED (GaAlAs) RED DIFFUSED 110 Typ. 400 Viewing Angle [1] 21/2 60
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Super Bright Red 75 30 155 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAF2052 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/23/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1102000839
Super Bright Red
WP1533BQ/SRD
SPEC NO: DSAF2052 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/23/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1102000839
PACKING & LABEL SPECIFICATIONS
WP1533BQ/SRD
SPEC NO: DSAF2052 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/23/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1102000839


▲Up To Search▲   

 
Price & Availability of WP1533BQSRD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X