Part Number Hot Search : 
BR108 C1408 MBR850DC BU4842 487LI 2500E AC104 B123Y
Product Description
Full Text Search
 

To Download WP1533BQGD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4.7mm RIGHT ANGLE LED INDICATOR
Part Number: WP1533BQ/GD
GREEN
Features
PRE-TRIMMED LEADS FOR PC MOUNTING. I.C. COMPATIBLE. BLACK CASE ENHANCES CONTRAST RATIO. WIDE VIEWING ANGLE. HIGH RELIABILITY - LIFE MEASURED IN YEARS. UL RATING : 94V-0. HOUSING MATERIAL: TYPE 66 NYLON. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2050 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/17/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1102000805
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 10 mA Min. WP1533BQ/GD GREEN (GaP) GREEN DIFFUSED 5 Typ. 20 Viewing Angle [1] 21/2 60
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Green 62.5 25 140 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAF2050 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/17/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1102000805
Green
WP1533BQ/GD
SPEC NO: DSAF2050 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/17/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1102000805
PACKING & LABEL SPECIFICATIONS
WP1533BQ/GD
SPEC NO: DSAF2050 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/17/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1102000805


▲Up To Search▲   

 
Price & Availability of WP1533BQGD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X