Part Number Hot Search : 
62007 ZURMG98W C0603X IR340 T13009 904HW A3FF1ACP RS5C316B
Product Description
Full Text Search
 

To Download WP144YDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.9x3.9mm RECTANGULAR SOLID LAMP
Part Number: WP144YDT Yellow
Features
LOW POWER CONSUMPTION. ULTRA BRIGHTNESS IS AVAILABLE . RELIABLE AND RUGGED. EXCELLENT UNIFORMITY OF LIGHT OUTPUT. SUITABLE FOR LEVEL INDICATOR. LONG LIFE - SOLID STATE RELIABILITY. RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF0481 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 1 OF 6 ERP: 1101001536
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 10mA Min. WP144YDT Yellow (GaAsP/GaP) YELLOW DIFFUSED 1 Typ. 3 Viewing Angle [1] 21/2 110
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Yellow Yellow Yellow Yellow Yellow Yellow Typ. 590 588 35 20 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Yellow 75 30 140 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAF0481 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 2 OF 6 ERP: 1101001536
Yellow
WP144YDT
SPEC NO: DSAF0481 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 3 OF 6 ERP: 1101001536
PACKING & LABEL SPECIFICATIONS
WP144YDT
SPEC NO: DSAF0481 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 4 OF 6 ERP: 1101001536
SPEC NO: DSAF0481 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 5 OF 6 ERP: 1101001536
SPEC NO: DSAF0481 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 6 OF 6 ERP: 1101001536


▲Up To Search▲   

 
Price & Availability of WP144YDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X