Part Number Hot Search : 
AN895 AN895 NRF905 APT55 KA4F3R LTC152 SC300 39200
Product Description
Full Text Search
 

To Download WP13GD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2mm FLAT TOP LED LAMP
WP13GD
GREEN
Features
MOUNTS FLUSH WITH PANEL. LOW POWER CONSUMPTION. SUITABLE FOR AUDIO PANEL INDICATOR. FITS 2mm HOLE IN PANEL UP TO 3.5mm (.138"). LONG LIFE - SOLID STATE RELIABILITY. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2528 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/18/2005 DRAWN: W.J.ZHU
PAGE: 1 OF 3 ERP:1101001417
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 10mA Min. WP13GD GREEN (GaP) GREEN DIFFUSED 3 Typ. 10 Viewing Angle 2 1/2 70
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Green 105 25 140 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAF2528 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/18/2005 DRAWN: W.J.ZHU
PAGE: 2 OF 3 ERP:1101001417
Green
WP13GD
Remarks: If special sorting is required (e.g. binning based on forward voltage,luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAF2528 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/18/2005 DRAWN: W.J.ZHU
PAGE: 3 OF 3 ERP:1101001417


▲Up To Search▲   

 
Price & Availability of WP13GD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X