Part Number Hot Search : 
1078073 D240SC4M MAX15 EZHJ20 2SJ372 0603X UPB6100 LV200
Product Description
Full Text Search
 

To Download WP103IDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2mmx5mm RECTANGULAR SOLID LAMP
WP103IDT
HIGH EFFICIENCY RED
Features
LOW POWER CONSUMPTION. RELIABLE AND RUGGED. EXCELLENT UNIFORMITY OF LIGHT OUTPUT. SUITABLE FOR LEVEL INDICATOR. LONG LIFE - SOLID STATE RELIABILITY. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2572 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/16/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 3 ERP:1101000376-01
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 10mA Min. WP103IDT HIGH EFFICIENCY RED (GaAsP/GaP) RED DIFFUSED 1.8 Typ. 5 Viewing Angle 2 1/2 110
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red Typ. 627 625 45 15 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
High Efficiency Red 105 30 160 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAF2572 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/16/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 3 ERP:1101000376-01
High Efficiency Red
WP103IDT
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAF2572 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/16/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 3 ERP:1101000376-01


▲Up To Search▲   

 
Price & Availability of WP103IDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X