Part Number Hot Search : 
72120 STM32F HCC4016B RFM04U6P A1006 10D121KJ MV313VCN HC541M
Product Description
Full Text Search
 

To Download WMS128K8V-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WMS128K8V-XXX
ABSOLUTE MAXIMUM RATINGS
Parameter Operating Temperature Storage Temperature Signal Voltage Relative to GND Junction Temperature Supply Voltage Symbol TA TSTG VG TJ VCC -0.5 Min -55 -65 -0.5 Max +125 +150 Vcc+0.5 150 5.5 Unit C C V C V CS H L L L OE X L X H X H L H
TRUTH TABLE
WE Mode Standby Read Write Out Disable Data I/O High Z Data Out Data In High Z Power Standby Active Active Active
RECOMMENDED OPERATING CONDITIONS
Parameter Supply Voltage Input High Voltage Input Low Voltage Operating Temp. (Mil.) Symbol VCC VIH VIL TA Min 3.0 2.2 -0.3 -55 Max 3.6 VCC + 0.3 +0.8 +125 Unit V V V C Parameter Input capacitance Output capacitance
CAPACITANCE (TA = +25C)
Symbol CIN COUT Condition VIN = 0V, f = 1.0MHz VOUT = 0V, f = 1.0MHz Max Unit 20 20 pF pF
This parameter is guaranteed by design but not tested.
DC CHARACTERISTICS (VCC = 3.3V 0.3V, VSS = 0V, TA = -55C to +125C)
Parameter Input Leakage Current Output Leakage Current Operating Supply Current (x 32 Mode) Standby Current Output Low Voltage Output High Voltage Sym ILI ILO ICC ISB VOL VOH Conditions Min VCC = 3.3, VIN = GND to VCC CS = VIH, OE = VIH, VOUT = GND to VCC CS = VIL, OE = VIH, f = 5MHz, VCC = 3.3 CS = VIH, OE = VIH, f = 5MHz, VCC = 3.3 IOL = 8mA IOH = -4.0mA 2.4 Max 10 10 120 8 0.4 Units A A mA mA V V
AC TEST CIRCUIT
I OL Current Source
AC TEST CONDITIONS
Parameter Input Pulse Levels Input Rise and Fall Input and Output Reference Level Typ VIL = 0, VIH = 2.5 5 1.5 1.5 Unit V ns V V
D.U.T. C eff = 50 pf
VZ
1.5V
Output Timing Reference Level
(Bipolar Supply)
I OH Current Source
NOTES: VZ is programmable from -2V to +7V. IOL & IOH programmable from 0 to 16mA. Tester Impedance Z0 = 75 . VZ is typically the midpoint of VOH and VOL. IOL & IOH are adjusted to simulate a typical resistive load circuit. ATE tester includes jig capacitance.
White Electronic Designs Corporation * Phoenix, AZ * (602) 437-1520
2
WMS128K8V-XXX
AC CHARACTERISTICS (VCC = 3.3V, TA = -55C to +125C)
Parameter Read Cycle Read Cycle Time Address Access Time Output Hold from Address Change Chip Select Access Time Output Enable to Output Valid Chip Select to Output in Low Z Output Enable to Output in Low Z Chip Disable to Output in High Z Output Disable to Output in High Z tRC tAA tOH tACS tOE tCLZ 1 tOLZ 1 tCHZ 1 tOHZ 1 5 5 8 8 0 15 10 5 5 9 9 Symbol -15 Min 15 15 0 17 11 5 5 10 10 Max Min 17 17 0 20 12 5 5 12 12 -17 Max -20 Min 20 20 0 25 15 5 5 15 15 Max Min 25 25 0 35 20 -25 Max -35 Min 35 35 Max ns ns ns ns ns ns ns ns ns Units
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS (VCC = 3.3V, TA = -55C to +125C)
Parameter Write Cycle Write Cycle Time Chip Select to End of Write Address Valid to End of Write Data Valid to End of Write Write Pulse Width Address Setup Time Address Hold Time Output Active from End of Write Write Enable to Output in High Z Data Hold Time tWC tCW tAW tDW tWP tAS tAH tOW 1 tWHZ 1 tDH 0 Symbol -15 Min 15 13 13 10 13 0 0 5 8 0 Max -17 Min 17 14 14 11 14 0 0 5 9 0 Max Min 20 15 15 12 15 0 0 5 10 0 -20 Max -25 Min 25 20 20 15 20 0 0 5 10 0 Max -35 Min 35 30 30 18 30 0 0 5 15 Max ns ns ns ns ns ns ns ns ns ns Units
1. This parameter is guaranteed by design but not tested.
3
White Electronic Designs Corporation * Phoenix, AZ * (602) 437-1520
WMS128K8V-XXX
TIMING WAVEFORM - READ CYCLE
tRC
ADDRESS
tAA
CS
tRC
ADDRESS
tACS tCLZ
OE
tCHZ
tAA tOH
DATA I/O
PREVIOUS DATA VALID DATA VALID
tOE tOLZ
DATA I/O
HIGH IMPEDANCE
tOHZ
DATA VALID
READ CYCLE 1 (CS = OE = VIL, WE = VIH)
READ CYCLE 2 (WE = VIH)
WRITE CYCLE - WE CONTROLLED
tWC
ADDRESS
tAW tCW
CS
tAH
tAS
WE
tWP tOW tWHZ tDW tDH
DATA I/O
DATA VALID
WRITE CYCLE 1, WE CONTROLLED
WRITE CYCLE - CS CONTROLLED
WS32K32-XHX
White Electronic Designs Corporation * Phoenix, AZ * (602) 437-1520
4
WMS128K8V-XXX
PACKAGE 101:
32 LEAD, CERAMIC SOJ
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
PACKAGE 220:
32 LEAD, CERAMIC FLAT PACK
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
5
White Electronic Designs Corporation * Phoenix, AZ * (602) 437-1520
WMS128K8V-XXX
PACKAGE 300:
32 PIN, CERAMIC DIP, SINGLE CAVITY SIDE BRAZED
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
White Electronic Designs Corporation * Phoenix, AZ * (602) 437-1520
6
WMS128K8V-XXX
PACKAGE 601:
32 PIN, RECTANGULAR CERAMIC LEADLESS CHIP CARRIER
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
7
White Electronic Designs Corporation * Phoenix, AZ * (602) 437-1520
WMS128K8V-XXX
ORDERING INFORMATION W M S 128K8 V - XXX X X X
LEAD FINISH: Blank = Gold plated leads A = Solder dip leads DEVICE GRADE: M = Military Screened I = Industrial C = Commercial PACKAGE: C = 32 Pin Ceramic .600" DIP (Package 300) CL = 32 Pin Rectangular Ceramic Leadless Chip Carrier (Package 601) DR = 32 Lead Ceramic SOJ (Package 101) Revolutionary FR = 32 Lead Ceramic Flat Pack (Package 220**) Revolutionary ACCESS TIME (ns) IMPROVEMENT MARK: Low Voltage Supply 3.3V 10% ORGANIZATION, 128K x 8 SRAM MONOLITHIC WHITE ELECTRONIC DESIGNS CORP. -55C to +125C -40C to +85C 0C to +70C
** Package under developement.
White Electronic Designs Corporation * Phoenix, AZ * (602) 437-1520
8


▲Up To Search▲   

 
Price & Availability of WMS128K8V-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X