Part Number Hot Search : 
52004 S0611 SAA7109 10A03 DTC123E HT16566 1206L SP7648ER
Product Description
Full Text Search
 

To Download WMBT3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN EPITAXIAL SILICON TRANSISTORS
High Voltage Transistor
SOT-- --23
WMBT3904
! !
Power Dissipation: 225mW Collector Current: Max. 0.2A
1. BASE
2. EMITTER
3. COLLECTOR
GUARANTEED PROBED CHARACTERISTICS (TA=25) Limits Characteristic Symbol Test Conditions Units
MIN. 40 60 6.0 50 40 70 100 60 30 650 MAX. Collector-emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current BVCEO BVCBO BVEBO ICEX hFE1 hFE2 hFE3 hFE4 hFE5 BVESAT1 BVESAT2 VCE(SAT)1 VCE(SAT)2 fT IC=1mA IC=100A IE=10A VCE=30V, VBE=3V VCE=1V, IC=100A VCE=1V, IC=1mA VCE=1V, IC=10mA VCE=1V, IC=50mA VCE=1V, IC=100mA IC=10mA, IB=1mA IC=50mA,IB=5mA IC=10mA, IB=1mA IC=50mA, IB=5mA IC=10, VCE=20V f=100MHz V V V nA
DC Current Gain
300
850 mV Base-Emitter Saturation Voltage 950 mV 200 mV Collector-Emitter Saturation Voltage 200 mV Transition Frequency 300 MHz Collector-Base COB VCB=5V, f=1MHz 4 PF Capacitance NOTES: Due to probe testing limitations, only the DC parameters are tested.
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of WMBT3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X