Part Number Hot Search : 
101MH BC869 2J103 0001L 10U200 TEA1024 8671A 16YXA3
Product Description
Full Text Search
 

To Download WJA1505-PCB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJA1505
Product Features
* * * * * * * * 50 - 1000 MHz 19.5 dB Gain +19 dBm P1dB +35 dBm OIP3 +5V Single Voltage Supply Internal Active Bias Supply Internally matched to 50 Lead-free / RoHS-compliant / Green SOT-89 package
+5V Active-Bias InGaP HBT Gain Block
Product Description
The WJA1505 is a high performance amplifier that offers high linearity in a low-cost surface-mount package. At 200 MHz, the WJA1505 typically provides 19.5 dB gain, +35 dBm OIP3, and +19 dBm P1dB. The device is housed in a lead-free/green/RoHS-compliant SOT-89 industry-standard SMT package using a NiPdAu plating to eliminate the possibility of tin whiskering.
Functional Diagram
GND 4
1
2 GND
3 RF OUT
Applications
* * * * * IF Amplifier Repeaters, BTS Transceivers VHF/UHF Wireless Infrastructure General Purpose
The WJA1505 consists of Darlington pair amplifiers using a high reliability InGaP/GaAs HBT process technology. The MMIC amplifier is internally matched to 50 and only requires DC-blocking capacitors and an inductive RF choke for operation. Biased directly from a 5V supply, an internal active bias network enables stable operation over temperature, eliminating the need for the typical dropping bias resistor. The amplifier is targeted for high performance IF applications in existing and next generation wireless technologies. In addition, the WJA1505 will work for various other applications within the 50 to 1000 MHz frequency range.
RF IN
Function Input Output/Bias Ground
Pin No. 1 3 2, 4
Target Specifications
Parameter
Operational Bandwidth Test Frequency Gain Input Return Loss Output Return Loss Output P1dB Output IP3 (2) Noise Figure Device Voltage Device Current
Target Performance
Min
50 200 19.6 18 16 +19 +35 4 5 60
Units
MHz MHz dB dB dB dBm dBm dB V mA
Typ
Max
1000
Parameter
Frequency S21 S11 S22 Output P1dB Output IP3 (2) Noise Figure
Units
MHz dB dB dB dBm dBm dB 50 20 -19 -17 +19 +36 3.9
Typical
100 19.7 -19 -18 +19 +36 4 200 19.6 -18 -16 +19 +35 4 500 18.9 -14 -11 +19 +34 4.1
1. Test conditions: 25 C, Supply Voltage = +5 V, 50 System. 2. 3OIP measured with two tones at an output power of 0 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Rating
Parameter
Operating Case Temperature Storage Temperature -40 to +85 C -55 to +150 C
Ordering Information
Part No.
WJA1505 WJA1505-PCB
Rating
Description
+5V Active Bias InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-89 Package)
50 - 1000 MHz Fully Assembled Eval. Board
Operation of this device above any of these parameters may cause permanent damage. Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 1 of 3 May 2007
WJA1505
Vcc=+5V Icc = 60 mA R4 0
+5V Active-Bias InGaP HBT Gain Block
Application Circuit
C3 Bypass Capacitor
RF IN R1 0
L1 RF Choke RF OUT WJA1505 C1 Blocking Capacitor R2 0 C2 Blocking Capacitor
Recommended Component Values(1) Ref. Name Value / Type L1 470 nH wire wound inductor C1, C2 1000 pF chip capacitor C3 0.018 F chip capacitor R1, R2, R4 0 (2) C4, C5, C6, Do Not Place(2) R3, R5, R6, R7, R8
Size 1008 0603 0603 0603
1. The listed values are contained on the evaluation board to achieve optimal broadband performance 2. Place holders for the 0 resistors and "Do Not Place" references are not needed for final design.
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 2 of 3 May 2007
WJA1505
+5V Active-Bias InGaP HBT Gain Block
This package is lead-free/Green/RoHS-compliant. It is compatible with both lead-free (maximum 260 C reflow temperature) and leaded (maximum 245 C reflow temperature) soldering processes. The plating material on the leads is NiPdAu.
Mechanical Information
Outline Drawing
Product Marking
The WJA1505 will be marked with an "A1505" designator with an alphanumeric lot code marked below the part designator. Tape and reel specifications for this part are located on the website in the "Application Notes" section.
MSL / ESD Rating
Land Pattern
ESD Rating: Value: Test: Standard: ESD Rating: Value: Test: Standard:
Class 1C Passes 1000V min. Human Body Model (HBM) JEDEC Standard JESD22-A114 Class IV Passes 1000V min. Charged Device Model (CDM) JEDEC Standard JESD22-C101
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135") diameter drill and have a final plated thru diameter of .25 mm (.010"). 2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance. 3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via region contacts the heatsink. 4. Do not put solder mask on the backside of the PC board in the region where the board contacts the heatsink. 5. RF trace width depends upon the PC board material and construction. 6. Use 1 oz. Copper minimum. 7. All dimensions are in millimeters (inches). Angles are in degrees.
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 3 of 3 May 2007


▲Up To Search▲   

 
Price & Availability of WJA1505-PCB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X