Part Number Hot Search : 
MN103 BZX84C33 26300 ATA6612 20100CT PC2504 24BL7 IDT74FC
Product Description
Full Text Search
 

To Download WJ204-2C-F-24VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISSU:2000.7.12
WJ 204
WANJIA
Relays for advanced technology
* * * * *
CAR CONTROL UNIT USE MINIATURE RELAYS
WJ204-RELAYS
40A rating at 85* Compatible Faston Terminal arrangment with this kind of power relay Simple magnetic circuit to meet mass production for low cost offer. Standard type contact form is form C and 2 form A contact arrangment also available. Operating ambient temperature range covers from - 40* to 85* .
SPECIFICATIONS
Contact
Arrangement Contact Material Contact Resistance (By voltage drop 6V 1A) Rating Nominal switching capacity Resistive load (cos*=1) Inductive load (cos*=0.4 L/M=1 msec) Max. Switching current Max. Switching Power Expected life(min.ope) Mechanical(at 120 cpm) Electrical (at 20 cpm) 1a,1b,1c,2a Silver alloy Max.100m*
Characteristics
Operate Time Release Time Operating humidity Initial breakdown voltage Between coil & contact Between open contacts Insulation Resistance Ambient temperature Shock Functional Resistance Destruction Vibration Functional Resistance Destruction Temperature rise(Max) (at nominal voltage) Unit weight Max.10msec. Max.10msec. 45 to 85% RH 500VAC (50/60Hz)for 1 min. 500VAC (50/60Hz)for 1 min. Min. 100M* (500 VDC) -40**+85* (No water drop condensation) Min.20G Min.100G 10 to 55 Hz at double Amplitude of 1.5mm 10 to 55 Hz at double Amplitude of 1.5mm 75deg.(at 20*) Approx.42g
N.C.:30A 14VDC N.O.: 40A 14VDC 40A 500W 1x107 1x105
Coil
Nominal operating power 1.8W
TYPICAL APPLICATION
For direct connection with Cell Motors, Transmission,etc. and Anti-Locking Break System.
ORDERING INFORMATION
WJ204
1
C
F
12VDC
Type WJ204
Number of pole 1: 1pole 2: 2pole
Contact form A: 1 form A B: 1 form B C: 1 form C
Case form F : flange case type
Coil voltage(DC) 12, 24V


▲Up To Search▲   

 
Price & Availability of WJ204-2C-F-24VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X