Part Number Hot Search : 
2SB922L 10SC10M BA20D3 C320A EMICO A1356 STW5098 54V6B1E2
Product Description
Full Text Search
 

To Download WJ1524CT6VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJ152
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * Switching capacity up to 10A * Small size and light weight * Low coil power consumption * High contact load * Strong resistance to shock and vibration
E197851 27.0 x 21.0 x 35.0 mm
CONTACT DATA
Contact Arrangement 1A, 1B, 1C = SPST N.O., SPST N.C., SPDT 2A, 2B, 2C = DPST N.O., DPST N.C., DPDT 3A, 3B, 3C = 3PST N.O., 3PST N.C., 3PDT 4A, 4B, 4C = 4PST N.O., 4PST N.C., 4PDT 1, 2, & 3 Pole: 10A @ 220VAC & 28VDC 4 Pole: 5A @ 220VAC & 28VDC < 50 milliohms initial AgCdO 1C: 280W, 2200VA 2C: 280W, 2200VA 3C: 280W, 2200VA 4C: 140W, 1100VA 300VAC 10A
Contact Rating Contact Resistance Contact Material Maximum Switching Power
Maximum Switching Voltage Maximum Switching Current
DC COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
6 12 24 36 48 110
6.6 13.2 26.4 39.6 52.8 121.0
40 160 640 1500 2600 11000
4.5 9.0 18.0 27.0 36.0 82.5
0.6 1.2 2.4 3.6 4.8 11.0
.9
25
25
AC COIL DATA
Coil Voltage VAC Coil Resistance 10% Pick Up Voltage VAC (max) 80% of rated voltage Release Voltage VAC (min) 30% of rated voltage Coil Power VA Operate Time ms Release Time ms
Rated
Max.
6 12 24 36 48 110 120 220
6.6 13.2 26.4 39.6 52.8 121.0 132.0 252.0
11.5 46 184 370 735 3750 4,550 14,400
4.8 9.6 19.2 28.8 38.4 88.0 96.0 176.0
1.8 3.6 7.2 10.8 14.4 33.0 36.0 66.0
1.2
25
25
WJ152
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight
500K cycles (1 & 2 pole), 200K cycles (3 pole), 100K cycles (4 pole), typical 20M cycles (1 & 2 pole), 10M cycles (3 & 4 pole), typical 100M min @ 500VDC 1500V rms min. @ sea level 1500V rms min. @ sea level 100m/s2 for 11ms 1.27mm double amplitude 10-40Hz 10N -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 32g
ORDERING INFORMATION
1. Series: WJ152 WJ152 2.Contact Arrangement: 1A, 1B, 1C 2A, 2B, 2C 3A, 3B, 3C 4A, 4B, 4C 3. Termination: T = Solder lugs / Plug-in F = Solder Lugs / Plug-in with Flange P = PC Pins 4. Coil Voltage: 6VDC 12VDC 24VDC 36VDC 48VDC 110VDC 6VAC 12VAC 24VAC 36VAC 48VAC 110VAC 120VAC 220VAC 5. Optional LED: Blank = No Indicator LED D = With Indicator LED 6. Sealing Option: Blank = Dust Cover (Standard) S = Sealed 7. Gold Option: Blank = Standard contacts R = Gold flash over standard contacts 8. Optional Push to Test Button: Blank = No Push to Test Button T = With Push to Test Button
3C
T
12VDC
WJ152
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
DIMENSIONS (Units = mm)
1 & 2 POLE
3 POLE
4 POLE
FLANGE MOUNT
TERMINATION OPTIONS
PC PINS
SOLDER TABS
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
1C
2C
3C
4C


▲Up To Search▲   

 
Price & Availability of WJ1524CT6VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X