Part Number Hot Search : 
SG6859A 59101 4300T MP018 5DC24 AD827411 NJU7704 AD604AN
Product Description
Full Text Search
 

To Download WJ1201AS9VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJ120
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * Switching capacity up to 20A * PC pins and quick connect terminals * Uses include household appliances * High inrush capability * Strong resistance to shock and vibration
E197851 30.0 x 15.6 x 23.3 (33.0) mm
CONTACT DATA
Contact Arrangement Contact Rating Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current 1A = SPST N.O. 20A @ 250VAC general purpose < 50 milliohms initial AgSnO2 5000 VA 300VAC 20A
DC COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
5 6 9 12 24 48
6.5 7.8 11.7 15.6 31.2 62.4
.9W 28 40 90 160 640 4267
3.75 4.50 6.75 9.00 18.00 36.00
.50 .60 .90 1.2 2.4 3.6
.9
20
10
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 4500V rms min. @ sea level 1500V rms min. @ sea level 200m/s2 for 11ms 1.5mm double amplitude 10-40Hz 10N -30 C to + 55 C -40 C to + 85 C 230 C 2 C for 10 0.5s 23g
WJ120
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: WJ120 WJ120 2.Contact Arrangement: 1A = SPST N.O. 3. Sealing Options: S = Sealed (only available with PC pins) C = Dust Cover 4. Coil Voltage: 5VDC 6VDC 9VDC 12VDC 24VDC 48VDC 5. Terminal Options: Blank = PC Pins and Quick Connect Terminals P = PC Pins only
1A
S
12VDC
DIMENSIONS (Units = mm)
QUICK CONNECT TERMINALS AND PC PINS
P = PC PINS ONLY
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
1A
** The contacts are connected to the quick connect terminals on top of the relay as well as the PC terminals.


▲Up To Search▲   

 
Price & Availability of WJ1201AS9VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X